Part Number Hot Search : 
ACS714 37128 SI5310 KBP06 856139 CY7C0 FP6134 ALVCH
Product Description
Full Text Search
 

To Download 51016-0500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0510160500 Active
1.50mm (.059") Pitch Cable Holder, Vertical, for Ribbon Cable, 5 Circuits
Product Specification PS-51016-001 (PDF) RoHS Certificate of Compliance (PDF)
General
Product Family Series Component Type Glow-Wire Compliant Product Name Ribbon Cable / Wire Trap Connectors 51016 One Piece No Board-In, Cable Holder
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Color - Resin Entry Angle Lock to Mating Part Material - Resin Number of Rows PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Wire Insulation Diameter Wire Size AWG Wire/Cable Type 5 Natural Vertical None Nylon 1 Yes Yes 0.062 In 1.60 mm Bag 0.059 In 1.50 mm N/A Yes No No -40C to +105C 1.30mm (.051") max. 26 Ribbon Cable
Search Parts in this Series 51016Series Mates With N/A Use With Top-coated Ribbon Cable
Electrical
Current - Maximum per Contact Voltage - Maximum N/A N/A
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-51016-001 SD-51016-001, SD-51016-002
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 51016-0500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X