Part Number Hot Search : 
SIS332DN BCM5700 AN1487 P161J NTE948 SS38F 2SK2475 B39202
Product Description
Full Text Search
 

To Download 503110-3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
5031103000 Active
duoclasp 1.25mm (.049") Pitch Duo-ClaspTM Wire-to-Board Housing, Dual Row, Positive Lock, 30 Circuits
Documents: Application Specification (PDF) Drawing (PDF) 3D Model
Packaging Specification (PDF) Product Specification PS-501931-002 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
General
Product Family Series Overview Product Name Crimp Housings 503110 duoclasp Duo-ClaspTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Breakaway Circuits (maximum) Color - Resin Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Ports Stackable Temperature Range - Operating No 30 White Plug No Yes Yes 2 Bag No 0.049 In 1.25 mm 0.049 In 1.25 mm Yes 1 No -25C to +85C
Search Parts in this Series 503110Series Mates With 501931 PCB Receptacle . 502046 PCB Receptacle Use With 501930 Crimp Terminal
Electrical
Current - Maximum per Contact 1A
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing AS-503110-001, AS-503110-002 PK-503110-001, SPK-503110-001 PS-501931-002, RPS-501931-002 SD-503110-001
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 503110-3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X