Part Number Hot Search : 
AA1716 AT49L 330MD 6N138 Z1051 XG02L01 05SH3 CL7107
Product Description
Full Text Search
 

To Download 5010542670 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
5010542670 Active
0.50mm (.020") Pitch CradleconTM I/O Plug, SMT, Right Angle, SMT Shell Tabs, 26 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-54944-027 (PDF) RoHS Certificate of Compliance (PDF) Series I/O Connectors 501054 Wire-to-Board Plug CradleConTM N/A image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Component Type Product Name Type
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Color - Resin Gender Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof N/A 26 26 Black Plug Yes Brass Gold Tin High Temperature Thermoplastic 2 Right Angle No Yes 0.031 In, 0.040 In 0.80 mm, 1.00 mm Embossed Tape on Reel No 0.020 In 0.50 mm 0.020 In 0.50 mm 8 0.2 80 2 Yes Yes 1 Yes -20C to +60C Surface Mount No
Search Parts in this Series 501054Series Mates With 500825-2670 , 54944-2670
Electrical
Current - Maximum per Contact Shield Type Shielded 0.5A Full Shield Yes
Voltage - Maximum
30V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-54944-027 SD-501054-001, SD-501054-002
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 5010542670

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X