Part Number Hot Search : 
KTIR0811 EMK13H 472ML FP9127 CY7C142 0100100 HC16373 PE45036
Product Description
Full Text Search
 

To Download 47631-2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0476312000 Active
high_definition_multimedia_interface_hdmi 0.50mm (.020") Pitch HDMI* Receptacle, Vertical, SMT, 0.38m (15") Gold (Au) Plating, with side Flanges and Pick-and-Place Cover, 19 Circuits, Tape on Reel Packaging, Lead free
Documents: 3D Model Drawing (PDF)
Product Specification PS-47152-001 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
General
Product Family Series Application Component Type Overview Product Name Type I/O Connectors 47631 Wire-to-Board Receptacle high_definition_multimedia_interface_hdmi HDMI N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Color - Resin Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire Size AWG N/A 19 19 Black Male Yes Yes Copper Alloy Gold Tin High Temperature Thermoplastic 2 Vertical Yes Yes Embossed Tape on Reel With Flange 0.020 In 0.50 mm 0.020 In 0.50 mm 15 0.38 39 1 Yes Yes 1 -20C to +85C Surface Mount No N/A
Search Parts in this Series 47631Series
Electrical
Current - Maximum per Contact 0.5A
Voltage - Maximum
40V DC
Material Info Reference - Drawing Numbers
Packaging Specification PK-47631-001 Product Specification PS-47152-001 Sales Drawing SD-47631-100 * High Definition Multimedia Interface and HDMI are trademarks of HDMI Licensing, LLC.
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 47631-2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X