Part Number Hot Search : 
107M00 15N60 HVL192 FRK9260R KSC2759 FM150 US60A M3K12
Product Description
Full Text Search
 

To Download 43020-1200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0430201200 Active
Micro-Fit, 3.0TM 3.00mm (.118") Pitch Micro-Fit 3.0TM Plug Housing, Dual Row, with Panel Mount Ears, 12 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-43045 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV UL
General
Product Family Series Comments Overview Product Literature Order No Product Name Crimp Housings 43020 Glow Wire Equivalent Part Number 430201208 Micro-Fit, 3.0TM USA-106 Micro-Fit 3.0TM
Physical
Circuits (maximum) Circuits Detail Color - Resin Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 12 12 Black 94V-0 Male No Yes Polyester 2 Bag Yes 0.118 In 3.00 mm 0.118 In 3.00 mm Yes No -40C to +105C
Search Parts in this Series 43020Series Mates With 43025 Micro-Fit 3.0TM Receptacle Housing Use With Micro-Fit 3.0TM Crimp Terminal, Male
Electrical
Current - Maximum per Contact 5A
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-43045, RPS-43045-003, RPS-43045-004 SDA-43020-****
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 43020-1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X