Part Number Hot Search : 
MHW3828 MC74AC 8821G H3LL0 2SC3780 F1030 IRFU3505 MH80626C
Product Description
Full Text Search
 

To Download 34250-0018 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0342500018 Active
mx150_sealed_connector_system 4.50mm (.177") Pitch MX150TM Cable Sealed Female Connector, Single Row, 3 Circuits, Polarization B, without Connector Position Assurance, Dual Key, Gray
Documents: Drawing (PDF) Product Specification PS-34250-000 (PDF)
RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Comments More Detailed Tech Information Overview Product Name Crimp Housings 34250 No Connector Position Assurance (CPA), Dual Key http://ewcap.uscarteams.org mx150_sealed_connector_system MX150TM
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (maximum) Circuits Detail Color - Resin Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 3 3 Gray Female No Yes Yes Polyester, Polyphenylene Ether Alloy 1 Bag No 0.177 In 4.50 mm 0.177 In 4.50 mm Yes No -40C to +125C
Search Parts in this Series 34250Series Mates With Direct Connect only Use With 34083 Tin (Sn) Cable Seal Female Terminal, 34081 Gold (Au) Cable Seal Female Terminal
Electrical
Current - Maximum per Contact 15A
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing AS-34250-100 PK-31300-068 PS-34250-000 SD-34250-002
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 34250-0018

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X