Part Number Hot Search : 
2690RD15 PUMD6 MA4P4000 UPD17071 MB86041A ELECTRO 1N4764A P12NK80
Product Description
Full Text Search
 

To Download 15KE13CA-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ELECTRONIC
1.5KE6.8(C)-LF THRU 1.5KE540(C)A-LF
1500W TRANSIENT VOLTAGE SUPPRESSOR
FEATURES PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY FLAMMABILITY CLASSIFICATION 94V-0 1500W SURGE CAPABILITY AT 1ms EXCELLENT CLAMPING CAPABILITY LOW ZENER IMPEDANCE FAST RESPONSE TIME:TYPICALLY LESS THAN 1.0 PS FROM 0 VOLTS TO BV MIN TYPICAL IR LESS THAN 1A ABOVE 10V HIGH TEMPERATURE SOLDERING GUARANTEED:260/10S /.375(9.5mm) LEAD LENGTH/5LBS., (2.3KG) TENSION LEAD FREE
1.0(25.4) MIN .042(1.07) .037(0.94)
.375(9.5) .335(8.5) .220(5.6) .197(5.0)
MECHANICAL DATA CASEMOLDED PLASTIC TERMINALSAXIAL LEADS, SOLDERABLE PER MIL-STD-202, METHOD 208 POLARITYCOLOR BAND DENOTED CATHODE EXCEPT BIPOLAR WEIGHT1.2 GRAMS MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED RATINGS PEAK POWER DISSIPATION AT TA=25, TP=1ms(NOTE1) PEAK PULSE CURRENT WITH A 10/1000us WAVEFORM(NOTE 1) STEADY STATE POWER DISSIPATION AT TL=75, LEAD LENGTHS 0.375" (9.5mm) (NOTE2) PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF SINE-WAVE SUPERIMPOSED ON RATED LOAD (JEDEC METHOD) (NOTE 3) TYPICAL THERMAL RESISTANCE JUNCTUION-TO-AMBIENT OPERATING AND STORAGE TEMPERATURE RANGE NOTE SYMBOL PPK IPPM PM(AV) IFSM
1.0(25.4) MIN
CASEDO-201AE DIMENSIONS IN INCHES AND (MILLIMETERS)
VALUE MINIMUM 1500 SEE NEXT TABLE 6.5 200
UNITS WATTS A WATTS Amps /W
RJA 75 - 55 TO + 175 TJ,TSTG 1. NON-REPETITIVE CURRENT PULSE, PER FIG.3 AND DERATED ABOVE TA=25PER FIG 2. 2. MOUNTED ON COPPER PAD AREA OF 1.6x1.6" (40x40mm) PER FIG. 5 3. 8.3ms SINGLE HALF SINE-WAVE, DUTY CYCLE=4 PULSES PER MINUTES MAXIMUM 4. FOR BIDIRECTIONAL USE C SUFFIX FOR 10TOLERANCE, CA SUFFIX FOR 5TOLERANCE
http:// www.sirectsemi.com
BREAKDOWN VBR (VOLTS) JEDEC TYPE NUMBER GENERAL PART NUMBER IT (mA)
MIN
MAX
WORKING PEAK REVERSE VOLTAGE VRWM(VOLTS)
5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 36.1 40.2 41.3 43.6 45.4 47.8 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1
MAXIMUM REVERSE LEAKAGE AT VRWM IR(A)
1000 1000 500 500 200 200 50 50 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
MAXIMUM REVERSE SURGE CURRENT IRSM(AMPS)
139 143 128 132 120 124 109 112 100 103 93.0 96.0 87.0 90.0 79.0 82.0 68.0 71.0 64.0 67.0 56.5 59.5 51.5 54.0 47.0 49.0 43.0 45.0 38.5 40.0 34.5 36.0 31.5 33.0 29.0 30.0 26.5 28.0 24.0 25.3 22.2 23.2 20.4 21.4 18.6 19.5 16.9 17.7 15.3 16.3 13.9 14.6 12.7 13.3
MAX CLAMPING VOLTAGE VRWM (VOLTS)
10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 89.0 85.0 98.0 92.0 108.0 103.0 118.0 113.0
MAXIMUM TEMPERATURE COEFFICIENT OF VBR(%C) VRSM(VOLTS)
0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103 0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105
1N6267 1N6267A 1N6268 1N6268A 1N6269 1N6269A 1N6270 1N6270A 1N6271 1N6271A 1N6272 1N6272A 1N6273 1N6273A 1N6274 1N6274A 1N6275 1N6275A 1N6276 1N6276A 1N6277 1N6277A 1N6278 1N6278A 1N6279 1N6279A 1N6280 1N6280A 1N6281 1N6281A 1N6282 1N6282A 1N6283 1N6283A 1N6284 1N6284A 1N6285 1N6285A 1N6286 1N6286A 1N6287 1N6287A 1N6288 1N6288A 1N6289 1N6289A 1N6290 1N6290A 1N6291 1N6291A 1N6292 1N6292A 1N6293 1N6293A
1.5KE6.8(C)-LF 1.5KE6.8(C)A-LF 1.5KE7.5(C)-LF 1.5KE7.5(C)A-LF 1.5KE8.2(C)-LF 1.5KE8.2(C)A-LF 1.5KE9.1(C)-LF 1.5KE9.1(C)A-LF 1.5KE10(C)-LF 1.5KE10(C)A-LF 1.5KE11(C)-LF 1.5KE11(C)A-LF 1.5KE12(C)-LF 1.5KE12(C)A-LF 1.5KE13(C)-LF 1.5KE13(C)A-LF 1.5KE15(C)-LF 1.5KE15(C)A-LF 1.5KE16(C)-LF 1.5KE16(C)A-LF 1.5KE18(C)-LF 1.5KE18(C)A-LF 1.5KE20(C)-LF 1.5KE20(C)A-LF 1.5KE22(C)-LF 1.5KE22(C)A-LF 1.5KE24(C)-LF 1.5KE24(C)A-LF 1.5KE27(C)-LF 1.5KE27(C)A-LF 1.5KE30(C)-LF 1.5KE30(C)A-LF 1.5KE33(C)-LF 1.5KE33(C)A-LF 1.5KE36(C)-LF 1.5KE36(C)A-LF 1.5KE39(C)-LF 1.5KE39(C)A-LF 1.5KE43(C)-LF 1.5KE43(C)A-LF 1.5KE47(C)-LF 1.5KE47(C)A-LF 1.5KE51(C)-LF 1.5KE51(C)A-LF 1.5KE56(C)-LF 1.5KE56(C)A-LF 1.5KE62(C)-LF 1.5KE62(C)A-LF 1.5KE68(C)-LF 1.5KE68(C)A-LF 1.5KE75(C) -LF 1.5KE75(CA-LF 1.5KE82(C)-LF 1.5KE82(C)A-LF
6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9
7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.8 58.8 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1
10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
http:// www.sirectsemi.com
DEVICE
GENERAL PART NUMBER
1.5KE91(C)-LF 1.5KE91(C)A-LF 1.5KE100(C)-LF 1.5KE100(C)A-LF 1.5KE110(C)-LF 1.5KE110(C)A-LF 1.5KE120(C)-LF 1.5KE120(C)A-LF 1.5KE130(C)-LF 1.5KE130(C)A-LF 1.5KE150(C)-LF 1.5KE150(C)A-LF 1.5KE160(C)-LF 1.5KE160(C)A-LF 1.5KE170(C)-LF 1.5KE170(C)A-LF 1.5KE180(C)-LF 1.5KE180(C)A-LF 1.5KE200(C)-LF 1.5KE200(C)A-LF 1.5KE220(C)-LF 1.5KE220(C)A-LF 1.5KE250(C)-LF 1.5KE250(C)A-LF 1.5KE300(C)-LF 1.5KE300(C)A-LF 1.5KE350(C)-LF 1.5KE350(C)A-LF 1.5KE400(C)-LF 1.5KE400(C)A-LF 1.5KE440(C)-LF 1.5KE440(C)A-LF 1.5KE480(C)-LF 1.5KE480(C)A-LF 1.5KE510(C)-LF 1.5KE510(C)A-LF 1.5KE540(C)-LF 1.5KE540(C)A-LF
BREAKDOWN VBR(VOLTS)
IT (mA)
MIN
81.9 86.5 90.0 95.0 99.0 106.0 108.0 114.0 117.0 124.0 136.0 143.0 144.0 152.0 153.0 162.0 162.0 171.0 180.0 190.0 196.0 209.0 225.0 237.0 270.0 285.0 315.0 333.0 360.0 380.0 396.0 418.0 432.0 456.0 459.0 485.0 486.0 513.0
MAX
100.0 95.50 110.0 105.0 121.0 116.0 132.0 126.0 143.0 137.0 165.0 158.0 176.0 168.0 187.0 179.0 198.0 189.0 220.0 210.0 242.0 231.0 275.0 263.0 330.0 315.0 385.0 368.0 440.0 420.0 484.0 462.0 528.0 504.0 561.0 535.0 594.0 567.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
WORKING PEAK REVERSE VOLTAGE VRWM(VOLTS)
73.7 77.8 81.0 85.5 89.2 94.0 97.2 102.0 106.0 111.0 121.0 128.0 130.0 136.0 138.0 145.0 146.0 154.0 162.0 171.0 175.0 185.0 202.0 214.0 243.0 256.0 284.0 300.0 324.0 342.0 356.0 376.0 389.0 408.0 413.0 434.0 437.0 459.0
MAXIMUM REVERSE LEAKAGE AT VRWM IR(A)
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
MAXIMUM REVERSE CURRENT IRSM (AMPS)
11.4 12.0 10.4 11.0 9.5 9.9 8.7 9.1 8.0 8.4 7.0 7.2 6.5 6.8 6.2 6.4 5.8 6.1 5.2 5.5 4.4 4.6 4.2 4.4 3.5 3.6 3.0 3.1 2.6 2.7 2.4 2.5 2.19 2.28 2.06 2.15 1.94 2.03
MAX CLAMPING VOLTAGE VRWM (VOLTS)
131.8 125.0 144.0 137.0 158.0 152.0 173.0 165.0 187.0 179.0 215.0 207.0 230.0 219.0 244.0 234.0 258.0 246.0 287.0 274.0 344.0 328.0 360.0 344.0 430.0 414.0 504.0 482.0 574.0 548.0 631.0 602.0 686.0 658.0 729.0 698.0 772.0 740.0
MAXIMUM TEMPERATURE COEFFICIENT OF VBR(%C) VRSM(VOLTS)
0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110
1N6294 1N6294A 1N6295 1N6295A 1N6296 1N6296A 1N6297 1N6297A 1N6298 1N6298A 1N6299 1N6299A 1N6300 1N6300A 1N6301 1N6301A 1N6302 1N6302A 1N6303 1N6303A
NOTES
1. VBR MEASURED AFTER IT APPLIED FOR 300 S,IT=SQUARE WAVE PULSE OR EQUIVALENT 2. SURGE CURRENT WAVEFORM PER FIGURE 3 AND DERATED PER FIGURE 2. 3. VF=3.5V MAX, IF=100A (1.5KE6.8(C) THRU 1.5KE200(C)A) VF=6.5V MAX, IF=100A (1.5KE220(C) THRU 1.5KE540(C)A) PER 1/2 SQUARE OR EQUIVALENT SINE WAVE. PW=8.3ms, DUTY CYCLE=4 PULSES PER MINUTE MXIMUM 4. FOR BIPOLAR TYPES HAVING VRWM OF 10 VOLTS AND UNDER, THE IR LIMIT IS DOUBLED
http:// www.sirectsemi.com
RATINGS AND CHARACTERISTIC CURVES 1.5KE6.8(C)-LF THRU 1.5KE540(C)A-LF
FIG. 1 - PEAK PULSE POWER RATING CURVE PEAK PULSE POWER (PPP) or CURRENT (IPP) DERATING IN PERCENTAGE,% PPPM, PEAK PULSE POWER,KW 100
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG. 3 TA=25
FIG. 2 - PULSE DERATING CURVE 100
10
75
50
1.0
25
0.1 0.1US 1.0US 10US 100US 1.0MS 10MS
0 0 25 50 75 100 125 150 175 200
td, PULSE WIDTH, sec Ta, AMBIENT TEMPERATURE,
FIG. 3 - PULSE WAVEFORM 150 IPPM, PEAK PULSE CURRENT, % CJ, CAPACITANCE , PF
tr =10usec. PEAK VALUE IPPM PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPP
FIG. 4 - TYPICAL JUNCTION CAPACITANCE 10,000
UNDIRECTIONAL BIDIRECTIONAL
100
1,000
VR=0
HALF VALUE
Ipp 2
50
10/1000uSec. WAVEFORM as DEFINED by R.E.A.
100
F=1 MHZ Vsig=50mVp-p TJ=25 VR=RATED STAND-OFF VOLTAGE
10 0 0
td
5 1.0 2.0 t, TIME,ms 3.0 4.0
10
100
500
V(BR), BREAKDOWN VOLTAGE, VOLTS
PM(AV), STEADY STATE POWER DISSIPATION, (W)
FIG. 5 - STEADY STATE POWER DERATING CURVE 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 60Hz Resistive or Inductive Load PEAK FORWARD SURGE CURRENT, AMPERES
FIG. 6 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT UNIDIRECTIONAL ONLY 200 100
L=0.375" (9.5mm) Lead Lengths
1.6x1.6x.040" (40x40x1mm) Copper Heat Sinks
9.3ms SINGLE HALF SINE-WAVE 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) (JEDEC Method) TJJ=Tjjmax. T =T max.
25
50 75 100 125 150 TL, LEAD TEMPERATURE ()
175 200
10 1 10 NUMBER OF CYCLES AT 60HZ 100
http:// www.sirectsemi.com
RATINGS AND CHARACTERISTIC CURVES 1.5KE6.8(C)-LF THRU 1.5KE540(C)A-LF
FIG. 7 - INCREMENTAL CLAMPING VOLTAGE CURVE UNIDIRECTIONAL 100
WAVEFORM: 10x1000 IMPULSE VC=VC-V(BR) 1.5KE200-LF
FIG. 8 - INCREMENTAL CLAMPING VOLTAGE CURVE UNIDIRECTIONAL 100
WAVEFORM: 10x1000 IMPULSE VC=VC-V(BR) 1.5KE200-LF 1.5KE130-LF
VC, INCREMENTAL CLAMPING VOLTAGE
1.5KE130-LF
VC, INCREMENTAL CLAMPING VOLTAGE
20
1.5KE100-LF
20 10
1.5KE75-LF
10
1.5KE75-LF
1.5KE39-LF
1.5KE39-LF
2.0
1.5KE33-LF
2.0
1.5KE33-LF
1.0
1.0
1 5KE6 8-LF 1.5KE9.1-LF 1.5KE18-LF 1.5KE12-LF
1.5KE6.8-LF 1.5KE9.1-LF
0.2 0.1 0.5 1 2.0 10 20 50
0.2 0.1 0.5 1 2.0 10 20 50
IPP, PEAK PULSE CURRENT, AMPS
IPP, PEAK PULSE CURRENT, AMPS
FIG. 9 - INCREMENTAL CLAMPING VOLTAGE CURVE BIDIRECTIONAL 100
WAVEFORM: 10x1000 IMPULSE VC=VC-V(BR)
FIG. 10 - INCREMENTAL CLMPING VOLTAGE CURVE BIDIRECTIONAL 100
WAVEFORM: 10x1000 IMPULSE VC=VC-V(BR)
1.5KE200C-LF
VC, INCREMENTAL CLAMPING VOLTAGE
20
1.5KE200C-LF
VC, INCREMENTAL CLAMPING VOLTAGE
20
1.5KE75C-LF
10
1.5KE75C-LF
10
1.5KE39C-LF 1.5KE30C-LF 1.5KE15C-LF
1.5KE39C-LF
2.0
1.5KE30C-LF 1.5KE15C-LF 1.5KE11C-L 1.5KE7.5C-LF
2.0
1.5KE11C-LF
1.0
1.5KE7.5C-LF
0.2 0.1 0.5 1 2.0 10 20 50
0.2 0.1 0.5 1 2.0 10 20 50
IPP, PEAK PULSE CURRENT, AMPS
IPP, PEAK PULSE CURRENT, AMPS
http:// www.sirectsemi.com
RATINGS AND CHRACTERISTIC CURVES 1.5KE6.8(C)-LF THRU 1.5KE540(C)A-LF
FIG. 11 - INSTANTANEOUS FORWARD VOLTAGE CHARACTERISTIS CURVE 100 V - TEMPERATURE COEFFICIENT -mv/ 1,000
FIG. 12 - BREAKDOWN VOLTAGE TEMPERATURE COEFFICIENT CURVE
100
UNIDIRECTIONAL BIDIRECTIONAL
10 FORWARD CURRENT
PULSE WIDTH=300US 1% DUTY CYCLE TJ=25
10
1
1 5 10 20 50 100 200 500
V(BR), BREAKDOWN VOLTAGE, VOLTS
UNIDIRECTIONAL (ONLY)
0.1 0 0.4 0.8 1.2 1.6 2.0
INSTANTANEOUS FORWARD CURRENT, AMPERES
http:// www.sirectsemi.com


▲Up To Search▲   

 
Price & Availability of 15KE13CA-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X