Part Number Hot Search : 
CONDUCTO 89XR10TR HERS104G SMBJ36CA PD720201 MV64520 MAX99 HT7465
Product Description
Full Text Search
 

To Download 0872644253 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0872644253 Active
2.00mm (.079") Pitch Milli-GridTM Receptacle, Side Entry, Through Hole, 0.76m (30") Gold (Au) Selective, 42 Circuits, Leadfree
Documents: 3D Model Drawing (PDF)
Product Specification PS-87264 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Product Literature Order No Product Name PCB Receptacles 87264 Board-to-Board 987650-1991 Milli-GridTM
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 42 Black 25 94V-0 No None Phosphor Bronze Gold Tin High Temperature Thermoplastic 2 Right Angle 0.100 In 2.55 mm No None 0.062 In 1.60 mm Tube 0.079 In 2.00 mm 30.4 0.76 101.6 2.54 No Yes -55C to +105C Surface Mount
Search Parts in this Series 87264Series Mates With 87758 , 87759 , 87760
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 125V
Solder Process Data
Lead-free Process Capability Wave Capable (TH only)
Process Temperature max. C
260
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-87264 SD-87264-**50
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0872644253

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X