Part Number Hot Search : 
547AE CD9012J CD4770 ICS91720 BR10150 UML11N DBLS204G BYV26BZ
Product Description
Full Text Search
 

To Download 0855055002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0855055002 Active
modular_plugs_jacks Modular Jack, Right Angle, Low Profile, Shielded, 8/8, Cat5e, Through Hole, Version A, Tape and Reel
Documents: 3D Model Application Specification (PDF) Drawing (PDF)
Product Specification PS-85505-101 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
Agency Certification
UL E107635
General
Product Family Series Comments Component Type Magnetic Overview Performance Category Power over Ethernet (PoE) Product Name Modular Jacks/Plugs 85505 External Shield PCB Jack No modular_plugs_jacks 5e N/A RJ45
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Color - Resin Durability (mating cycles max) Flammability Inverted / Top Latch Lightpipes/LEDs Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Positions / Loaded Contacts Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire/Cable Type Black 500 94V-0 No None Brass, Phosphor Bronze Gold Tin High Temperature Thermoplastic Right Angle (Side Entry) Yes Yes 0.062 In 1.57 mm Embossed Tape on Reel 0.040 In 1.02 mm 0.050 In 1.27 mm 120.00, 50.8 1.27, 3.000 120.00, 76 1.9, 3.00 1 8/8 No -40C to +80C Through Hole No N/A
Search Parts in this Series 85505Series Mates With FCC 68 Plugs
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum 1.5A Yes 125V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-85505-101 SD-85505-103
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0855055002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X