|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/31/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0757571121 Active mx150_unshrouded_breakaway_header 3.50mm (.138") Pitch, MX150TM Header, Breakaway, Vertical, 4 Circuits, 2.5m (100") Tin (Sn) Plating, 11.20mm (.441") Mating Pin Length, 3.05mm (.120") PC Tail Length Documents: 3D Model Drawing (PDF) Application Specification (PDF) Product Specification PS-75757-000 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only General Product Family Series Application Comments Overview Product Name PCB Headers 75757 Wire-to-Board 3.5 x 6.0mm (.138 x .236") dual row grid mx150_unshrouded_breakaway_header MX150TM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Physical Breakaway Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Yes 4 4 4 Black 25 No No No None None Brass Tin Tin High Temperature Thermoplastic 2 Vertical 0.120 In 3.05 mm No None 0.062 In 1.57 mm Tube 0.138 In 3.50 mm 0.138 In 3.50 mm 100 2.5 100 2.5 No No No Yes Search Parts in this Series 75757Series Mates With 33471 Single Row MX150TM Receptacles. 33472 Dual Row MX150TM Receptacles Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Yes -40C to +125C Through Hole Electrical Current - Maximum per Contact Voltage - Maximum 16A 500V DC Solder Process Data Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 20 Reflow Capable (SMT only) 1 260 Material Info Reference - Drawing Numbers Application Specification Packaging Specification Product Specification Sales Drawing Test Summary AS-75757-202 PK-75757-006 PS-75757-000 SD-75757-002 TS-75757-001 This document was generated on 05/31/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0757571121 |