Part Number Hot Search : 
74477003 020A0 29F200 BZX84C75 ICS8530 SD1616A MAX528 161A1
Product Description
Full Text Search
 

To Download 0750885000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description: Documents: Drawing (PDF)
0750885000 Active
vhdm__hsd 2.00mm (.079") Pitch 5-Row VHDM-HSDTM Backplane Header, Polarizing Pin Module
RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Application Tooling Documents Comments Component Type Overview Product Name Style Backplane Connectors 75088 Backplane Tooling Manual No Keying Position PCB Header vhdm__hsd VHDM-HSDTM N/A
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) First Mate / Last Break Guide to Mating Part Keying to Mating Part Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating N/A 0 200 No Yes None 10 Open Pin Field 0 Vertical 0.000 In 0.00 mm Yes None 0.173 In 4.40 mm Bag 0.000 In 0.00 mm 0.000 In 0.00 mm Yes No No N/A
Search Parts in this Series 75088Series
Electrical
Current - Maximum per Contact Data Rate Shielded Voltage - Maximum N/A 5.0 Gbps No N/A
Material Info Reference - Drawing Numbers
Sales Drawing SD-75088-002
VHDM-HSD is a trademark of Amphenol Corporation
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0750885000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X