Part Number Hot Search : 
SMB36 M51521 1N4962 SC930 AP2309 N4751 LGK2A MS62571
Product Description
Full Text Search
 

To Download 0705510079 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0705510079 Active
cgrid__sl_products 2.54mm (.100") Pitch SLTM Header, Single Row, Right Angle, .120" Pocket, Shrouded, with Beveled Plastic Peg, 10 Circuits, 0.76m (30") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
Documents: 3D Model Packaging Specification (PDF) Drawing (PDF)
Product Specification PS-70400 (PDF) Product Specification PS-70541 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL LR19980 E29179
General
Product Family Series Application Overview Product Name PCB Headers 70551 Wire-to-Board cgrid__sl_products SLTM
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Shrouded No 10 10 Black 50 No 94V-0 No No None Yes Brass, Phosphor Bronze Gold Tin High Temperature Thermoplastic 1 Right Angle 0.130 In 3.30 mm Yes Yes 0.062 In 1.60 mm Tube 0.100 In 2.54 mm 30 0.75 75 1.875 Yes Fully
Search Parts in this Series 70551Series Mates With SLTM Crimp Housing 70066 , 70430 , 70400
Stackable Temperature Range - Operating Termination Interface: Style
No -40C to +105C Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 3A 250V
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-70873-0015 PS-70400, PS-70541 SDA-70551-****
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0705510079

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X