Part Number Hot Search : 
DS2120E KAD5512P ES06B PCS809 2N2222 CPQ165 222M1 1640CT
Product Description
Full Text Search
 

To Download 0643261002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0643261002 Active
cmc_connectors 2.50 mm (.098"), 4.20mm (.165") and 8.40mm, Power CMC Receptacles, 22 Circuits, Left Wire Output, Brown Coding with Rear Seal Cover
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series Crimp Housings 64326 * Current tested on a fully loaded connector, current for temperature increase of 40C. Current max = 26.0A for 2.8mm Terminal (5.0mm wire), 4.5A for 0.635mm Terminal (0.75mm wire) cmc_connectors CMC image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments
Overview Product Name
Physical
Circuits (maximum) Circuits Detail Color - Resin Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 22 2 x 2.80mm (.110") terminals high current, 20 x 0.635mm (.025") terminals signal pin Black Female No Yes Yes Polyester 4 Carton No 0.098 In, 0.165 In, 0.330 In 2.50 mm, 4.20 mm, 8.40 mm Yes No -40C to +125C
Search Parts in this Series 64326Series Mates With No free available mating header, please contact Product Manager Use With Terminals 64322 CP 0.635mm (.025"), 64324 CP 2.80mm (.110"), 643251010 Blind Plugs for CP 0.635mm (.025") cavity 643251091 Seal Plug for CP 2.80mm (.110") cavity, Wire Cap 643191201
Electrical
Current - Maximum per Contact 26A, 4.5A
Material Info Reference - Drawing Numbers
Application Specification Sales Drawing AS-64326-001 SD-64326-001, SD-64326-002
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0643261002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X