Part Number Hot Search : 
CONTROL 200CC PD121XL4 1006F 106K0 29LV0 LC75712 T518A
Product Description
Full Text Search
 

To Download 0591100478 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0591100478 Active
0.80mm (.031") Pitch Shielded I/O Receptacle, Right Angle, SMT, Lead-free
Product Specification PS-59110-012 (PDF) RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Component Type Product Name Type I/O Connectors 59110 Wire-to-Board Receptacle N/A N/A image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance?
Series
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Orientation PCB Locator PCB Retention Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire Size AWG 4 4 Black Yes Brass Gold Tin High Temperature Thermoplastic Right Angle Yes Yes Embossed Tape on Reel No 0.031 In 0.80 mm 30.4 0.76 40 1 Yes N/A 0C to +50C Surface Mount N/A
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 59110Series Mates With 59204a
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum 1.5A Yes 30V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-59110-012 SD-59110-006, SD-59110-007
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0591100478

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X