Part Number Hot Search : 
ECCM1 HT5711L DTC114Y MA3U689 272AC S35PFB 10015 BD235NPN
Product Description
Full Text Search
 

To Download 0483400001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0483400001 Active
2.54mm (.100") Pitch Smart Card Connector, 8 Circuits, Closed Switch, Through Hole, Lead free
Documents: Drawing (PDF) Product Specification PS-48340-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Button Type Component Type Product Name Type Memory Card Sockets 48340 N/A Receptacle (Card) Smart Card N/A
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Card Detection Switch Circuits (Loaded) Color - Resin Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PCB Locator PCB Mounting Side PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Temperature Range - Operating Termination Interface: Style Closed 8 Black 100,000 No Ejector Button Present 90 Angle (Side Entry) None Phosphor Bronze Gold Tin Polyester Yes N/A Yes 0.062 In 1.57 mm Tray 0.100 In 2.54 mm 3 0.076 100 2.54 1 -40C to +85C Through Hole
Search Parts in this Series 48340Series
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 30V AC (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 Reflow Capable (SMT only) 1 245
Material Info
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary PK-48340-001 PS-48340-001 SD-48340-001 TS-48340-001
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0483400001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X