Part Number Hot Search : 
CAXXXXXX DA8588BJ MC1494 10700450 16310 R0603 FZT3019 ELM824
Product Description
Full Text Search
 

To Download 0472330001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0472330001 Active
compression_connectors 1.20mm (.047") Pitch Compression Dual Row Key Pad Connector, 8 Circuits, Surface Mount, Solder Tail Gold (Au) Flash, Contact Area 0.40m (16") Gold (Au) Plating
Documents: 3D Model Drawing (PDF)
Product Specification PS-47041-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Headers 47233 Board-to-Board Dimple in Contact Area compression_connectors Compression Connector EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Overview Product Name
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Mated Height (in) Mated Height (mm) Material - Plating Mating Material - Plating Termination Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 8 8 30 No No No None None 0.130 In 3.30 mm Gold Gold 2 Vertical 0.024 In 0.60 mm No Yes Embossed Tape on Reel 0.047 In 1.20 mm 16 0.40 No No No No -40C to +85C Surface Mount
Search Parts in this Series 47233Series
Electrical
Current - Maximum per Contact Voltage - Maximum 0.5A 40V
Solder Process Data
Duration at Max. Process Temperature (seconds) 10
Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C
Reflow Capable (SMT only) 2 255
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-47041-001 SD-47233-001
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0472330001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X