Part Number Hot Search : 
DTC124E HTG12G0 LC7233M SI8250 UPC1253 74HC24 3KP220CA S1200
Product Description
Full Text Search
 

To Download 0391001308 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0391001308 Active
12.00mm (.472") Pitch BeauTM EurostyleTM Two-Screw Terminal Strips, 8 Circuits, Low Profile
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA UL 25562 E82573
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Component Type Product Literature Order No Product Name Type Terminal Blocks 39100 Wire-to-Wire One Piece USA-303 EurostyleTMTwo Screw Euro Block
Physical
Circuits (Loaded) Entry Angle Flammability Lock to Mating Part Number of Rows Orientation PCB Retention Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating Wire Size AWG 8 Horizontal 94V-2 None 2 Vertical Yes Mounting Holes Between Circuit 0.472 In 12.00 mm 0.315 In 8.00 mm No No 100C 10, 12, 14, 16, 18, 20, 8
Search Parts in this Series 39100Series
Electrical
Current - Maximum per Contact Voltage - Maximum 40A 300V
Material Info Reference - Drawing Numbers
Sales Drawing SD-39100-005
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0391001308

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X