Part Number Hot Search : 
LC503 STV9379 N6292 IP103H YT43M CSD1134 DM74A ADP3416
Product Description
Full Text Search
 

To Download 0334680003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0334680003 Active
mx64_sealed_single_row_connectors 2.54mm (.100") Pitch MX64TM Terminal, Tin (Sn) Plating, 18-20 AWG, Right Reel Payoff, Also used with MX123TM Female Receptacle Housing
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series Crimp Terminals 33468 Right Reel Payoff Yes mx64_sealed_single_row_connectors MX123, MX64TM image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Crimp Quality Equipment Overview Product Name
Physical
Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Female Copper Tin Tin Reel 100 2.5 76 1.90 Crimp or Compression 1.50-2.06mm (.059-.081") 18, 20 N/A
Material Info Reference - Drawing Numbers
Packaging Specification Sales Drawing PK-30907-759, PK-31300-516 SD-33468-001
Search Parts in this Series 33468Series Use With MX64TM Sealed Single Row Crimp Housing 31403 , MX123TM Female Receptacle Housing 34566 , 34576 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool 0638114200 Manual Extraction 0638131400 Tool
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0334680003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X