![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0314022410 Active mx64_sealed_single_row_connectors 2.54mm (.100") MX64TM Sealed Single Row Crimp Housing, GET Terminal, Green, 2 Circuits, Mating Part: Keying D, Lock CPA Documents: 3D Model Drawing (PDF) Product Specification PS-31402-000 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only Crimp Housings 31402 http://ewcap.uscarteams.org mx64_sealed_single_row_connectors MX64TM, USCAR EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series More Detailed Tech Information Overview Product Name Physical Circuits (maximum) Color - Resin Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Temperature Range - Operating 2 Black, Green, Red Female No Yes Yes Modified Polystyrene Alloy, Polyester 1 Bag No 0.100 In 2.54 mm -40C to +125C Electrical Current - Maximum per Contact 9A Search Parts in this Series 31402Series Mates With Sensors, Other USCAR Interfaces Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing PK-31300-256 PS-31402-000 SD-31402-211 Use With 34230 Molex GET Terminals This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0314022410
![]() |