Part Number Hot Search : 
PS4011 C3788 SD101 DSS5320T S30S90CR 2SC3649 S30S90CR Z32RD751
Product Description
Full Text Search
 

To Download 0190190003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0190190003 Active
AvikrimpTM Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab 2.79mm (.110") x 0.51mm (.020")
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA UL LR18689 E79133 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance?
Series
General
Product Family Series Crimp Quality Equipment Product Name Type Quick Disconnects 19019 Yes AvikrimpTM Quick Disconnect
Physical
Barrel Type Flammability Gender Glow-Wire Compliant Insulation Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Orientation Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Tab Thickness Tab Width Temperature Range - Operating Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Closed 94V-0 Female No Nylon (PA) None Brass Tin Tin Straight Adhesive Tape on Reel 160 4 160 4 No 0.51mm (.020") 2.79mm (.110") -65C to +105C Crimp or Compression 2.90mm (.115") max. 18, 20, 22 0.35 - 0.80
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 19019Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Crimp Dies for 0192880048 MTA-100 Tape Applicator used in 3BF Press, MTA-105 Tape Applicator used in TM-2000TM Press, and ATP-301 Air Crimping Press for Mylar Tape Mounted Terminals Mini-MacTM 0638850800 Applicator
Electrical
Voltage - Maximum 300V
Material Info
Old Part Number AA-8131T
Reference - Drawing Numbers
Sales Drawing SD-19019-001
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0190190003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X