Part Number Hot Search : 
AD1882 MAX8560 NTE71 R80188B 01901 KBU401 0P100 F1100
Product Description
Full Text Search
 

To Download ZG-1435-1B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMK, Inc
Operating Voltage = 125/250 Vac Operating Current = 1.0 Ampere Frequency of Operation = 60--400 Hz Temperature Range (Storage) = -40 to 105 C Temperature Range (Operating) = -40 to 65 C Leakage current (Max) @ 125 V~, 60 Hz = 0.85 ma Dielectric Withstand (L-Grd), (1 Minute) = 1500 Vac Dielectric Withstand (L-L), (1 Minute) = 1500 Vdc Order P/N: ZG-1435-1B for MIL-STD-461C ZG-1435-1BD for MIL-STD-461D or E
A C
ZG-1435-1B
A
C
B
B
The ZG-1435-1B filter has been designed for systems operating under the requirements of MIL-STD-461C. If MIL-STD-461D or E are specified then part number ZG-1435-1BD should be specified. The difference is that the differential capacitor is repositioned on the line side in order to match the test configuration of 461D and E. The filter case is environmentally sealed and is designed to handle the shock and vibration of wheeled vehicle installations. The circuit uses feed through capacitors the insertion loss is 60 db to 1.0 Ghz and beyond.
USA EUR
JMK Inc 15 Caldwell Dr. Amherst, NH 03031 JMK Inc Glasgow G13 1DN Scotland UK
PH: 603 886-4100 FX: 603 886-4115 email: info@jmkfilters.com PH: 44- 07785310729 FX: 44-(0) 141 589 1884


▲Up To Search▲   

 
Price & Availability of ZG-1435-1B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X