Part Number Hot Search : 
BZX55C1 41821 A200441 231810 TM9143 BZX85C10 RNA5195 220CA
Product Description
Full Text Search
 

To Download XC6201P221TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NCMOS Low Power Consumption NDropout Voltage : 0.16V @ 100mA,
GMobile phones GCordless phones GCameras, video recorders GPortable games GPortable AV equipment GReference voltage GBattery powered equipment
0.40V @ 200mA NMaximum Output Current : 250mA (VOUT=5.0V, TYP) NHighly Accurate : 2% NOutput Voltage Range : 1.3V ~ 6.0V NSOT-25 / SOT-89 / TO-92 Package NCapacitors can be Tantalum or Ceramic
3
The XC6201 series are highly precise, low power consumption, positive voltage regulators manufactured using CMOS and laser trimming technologies. The series provides large currents with a significantly small dropout voltage. The XC6201 consists of a current limiter circuit, a driver transistor, a precision reference voltage and an error amplifier. Output voltage is selectable in 0.1V steps between 1.3V ~ 6.0V. SOT-25 (250mW), SOT-89 (500mW) and TO-92 (300mW) packages are available.
Maximum Output Current Dropout Voltage Maximum Operating Voltage Output Voltage Range Highly Accurate Low Power Consumption
: 250mA (TYP.) : 0.16V @ 100mA : 10V : 1.3V ~ 6.0V (selectable in 0.1V steps) : 2% : TYP 2.0 A
Operational Temperature Range : -40C ~ 85C Ultra Small Packages : SOT-25 (250mW), SOT-89 (500mW), TO-92 (300mW) Capacitors can be Tantalum or Ceramic
C C C
185
3
1
2
3
GOrdering Information
erty
qw
q w
r
t e y
186
GSOT-25
3
GSOT-89
187
GTO-92
3
188
GSOT-89, SOT-25
q
w
q
e
r
w
3
qwer
e
r
189
GTO-92
q
1234 56
1234 56
we
3
r
t
y
190
C
3
XC6201P132
C

C
C
C
191
XC6201P182
C
3
C C
C
XC6201P272
C

C
C
C
192
XC6201P332
C

3
C
C
C
XC6201P502
C

C
C
C
"
"
193
3
< External Capacitors>
The XC6201 requires an output capacitor between the VOUT pin and the VSS pin in order to obtain stable output voltages. Where output voltage is greater than 1.7V, the output capacitor (CL) used should be more than 0.1F whether using tantalum or low ESR (ceramic, for example) capacitors. Where output voltage is between 1.3V ~ 1.6V, it is recommended that only a tantalum capacitor of more than 2.2F be used on the output in order to stabilize operations.


-
194
GNotes on Use
1. Please use this IC within the stipulated absolute maximum ratings as the IC is liable to malfunction outside of such parameters. When the voltage on VOUT is larger than that of VIN, for example, when there are two power supply, please insert schottky diode between VOUT and VIN not to exceed the rating of VOUT. 2. There is a possibility that oscillation may occur as a result of the impedance present between the power supply and the IC's input. Where impedance is 10 or more, please use a capacitor (CIN) of at least 1F. With a large output current, operations can be stabilised by increasing capacitor size (CIN). If CIN is small and capacitor size (CL) is increased, there is a possibility of oscillation due to input impedance. In such cases, operations can be stabilised by either increasing the size of CIN or decreasing the size of CL. 3. Please ensure that output current (IOUT) is less than Pd / (VIN - VOUT) and does not exceed the stipulated Continuous Total Power Dissipation value (Pd) for the package.
3
Measuring Circuit 1 : Supply Current
Measuring Circuit 2 : Output Voltage, Oscillation Check, Line Regulation, Dropout Voltage, Load Regulation

195
(1) OUTPUT VOLTAGE vs. OUTPUT CURRENT
3
C C C
C C C
C C C
C C C
C C C
196
(2) OUTPUT VOLTAGE vs. INPUT VOLTAGE

3


197
(2) OUTPUT VOLTAGE vs. INPUT VOLTAGE
3
198
(3) DROPOUT VOLTAGE vs. OUTPUT CURRENT

C C C
C C C
3

C C C
C C C
C C C
199
(4) SUPPLY CURRENT vs. INPUT VOLTAGE
C C C
C C C
3

C C C
C C C
C C C
C C C
C C C
C C C
200
(4) SUPPLY CURRENT vs. INPUT VOLTAGE
C C C
C C C
3
201
(5) OUTPUT VOLTAGE vs. AMBIENT TEMPERATURE
3
C
C
C
C
C
202
(6) SUPPLY CURRENT vs. AMBIENT TEMPERATURE
C
C
3
C
C
C
203
(7) INPUT TRANSIENT RESPONSE

3
204
(8) LOAD TRANSIENT RESPONSE

3
205
(9) RIPPLE REJECTION RATE
3

(10) OUTPUT NOISE DENSITY
206


▲Up To Search▲   

 
Price & Availability of XC6201P221TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X