Part Number Hot Search : 
S6416 MXO5026 100MR SR280 2SA1350 15N100 M053M32 232CB
Product Description
Full Text Search
 

To Download U2270B08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* * * * * * * * *
Carrier Frequency fosc 100 kHz to 150 kHz Typical Data Rate up to 5 Kbaud at 125 kHz Suitable for Manchester and Bi-phase Modulation Power Supply from the Car Battery or from 5V Regulated Voltage Optimized for Car Immobilizer Applications Tuning Capability Microcontroller-compatible Interface Low Power Consumption in Standby Mode Power-supply Output for Microcontroller
Applications
* * * *
Car Immobilizers Animal Identification Access Control Process Control
Read/Write Base Station U2270B
1. Description
The U2270B is an IC for IDIC(R) read/write base stations in contactless identification and immobilizer systems. The IC incorporates the energy-transfer circuit to supply the transponder. It consists of an on-chip power supply, an oscillator, and a coil driver optimized for automotive-specific distances. It also includes all signal-processing circuits which are necessary to transform the small input signal into a microcontroller-compatible signal.
4684E-RFID-02/08
Figure 1-1.
System Block Diagram
Transponder/TAG Read/write base station
Osc Transponder IC RF field typ. 125 kHz U2270B NF read channel
Carrier enable MCU Data output
Unlock System
Figure 1-2.
Block Diagram
DVS VEXT VS VBatt
Standby Power supply COIL1
=1
MS CFE
COIL2 Driver DGND
&
Oscillator
Frequency adjustment
RF
Amplifier Input Lowpass filter Schmitt trigger
Output
&
HIPASS
GND
OE
2
U2270B
4684E-RFID-02/08
U2270B
2. Pin Configuration
Figure 2-1. Pinning
GND OUTPUT OE INPUT MS CFE DGND COIL2 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 HIPASS RF VS STANDBY VBATT DVS VEXT COIL1
Table 2-1.
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Pin Description
Symbol GND OUTPUT OE INPUT MS CFE DGND COIL2 COIL1 VEXT DVS VBatt STANDBY VS RF HIPASS Function Ground Data output Data output enable Data input Mode select coil 1: common mode/differential mode Carrier frequency enable Driver ground Coil driver 2 Coil driver 1 External power supply Driver supply voltage Battery voltage Standby input Internal power supply (5V) Frequency adjustment DC decoupling
3
4684E-RFID-02/08
3. Functional Description
3.1 Power Supply (PS)
Figure 3-1. Equivalent Circuit of Power Supply and Antenna Driver
DVS VEXT VS VBatt Standby
Internal supply
9V
25 k
12 k 6V PS COILx 6V 18V
DRV
DGND
The U2270B can be operated with one external supply voltage or with two externally-stabilized supply voltages for an extended driver output voltage or from the 12V battery voltage of a vehicle. The 12V supply capability is achieved via the on-chip power supply (see Figure 3-1). The power supply provides two different output voltages, VS and VEXT. VS is the internal power supply voltage for everything except for the driver circuit. Pin VS is used to connect a block capacitor. VS can be switched off by the STANDBY pin. In standby mode, the chip's power consumption is very low. VEXT is the supply voltage of the antenna's pre-driver. This voltage can also be used to operate external circuits, such as a microcontroller. In conjunction with an external NPN transistor, it also establishes the supply voltage of the antenna coil driver, DVS.
4
U2270B
4684E-RFID-02/08
U2270B
3.2 Operation Modes to Power the U2270B
The following section explains the three different operation modes to power the U2270B. 3.2.1 One-rail Operation All internal circuits are operated from one 5V power rail (see Figure 3-2). In this case, VS, VEXT and DVS serve as inputs. VBatt is not used but should also be connected to that supply rail. Figure 3-2. One-rail Operation Supply
+ +5V (stabilized)
DVS
VEXT
VS
VBatt Standby
3.2.2
Two-rail Operation In this application, the driver voltage, DVS, and the pre-driver supply, VEXT, are operated at a higher voltage than the rest of the circuitry to obtain a higher driver-output swing and thus a higher magnetic field (see Figure 3-3). VS is connected to a 5V supply, whereas the driver voltages can be as high as 8V. This operation mode is intended to be used in situations where an extended communication distance is required. Figure 3-3. Two-rail Operation Supply
7V to 8V (stabilized) + + 5V (stabilized)
DVS
VEXT
VS
VBatt Standby
3.2.3
Battery-voltage Operation Using this operation mode, VS and VEXT are generated by the internal power supply (see Figure 3-4 on page 6). For this mode, an external voltage regulator is not needed. The IC can be switched off via the STANDBY pin. VEXT supplies the base of an external NPN transistor and external circuits, like a microcontroller (even in standby mode). Pin VEXT and VBatt are overvoltage protected via internal Zener diodes (see Figure 3-1 on page 4).The maximum current into the pins is determined by the maximum power dissipation and the maximum junction temperature of the IC.
5
4684E-RFID-02/08
Figure 3-4.
Battery Operation
7V to 16V
DVS
VEXT
VS
VBatt Standby
Table 3-1.
Characteristics of the Various Operation Modes
External Components Required 1 voltage regulator 1 capacitor 2 voltage regulators 2 capacitors 1 transistor 2 capacitors Optional, for load dump protection: 1 resistor 1 capacitor Supply-voltage Range 5V 10% 5V 10% 7V to 8V Driver Output Voltage Swing 4V 6V to 7V Standby Mode Available No No
Operation Mode One-rail operation Two-rail operation
Battery-voltage operation
6V to 16V
4V
Yes
3.3
Oscillator (Osc)
The frequency of the on-chip oscillator is controlled by a current fed into the RF input. An integrated compensation circuit ensures a wide temperature range and a supply-voltage- independent frequency which is selected by a fixed resistor between RF (pin 15) and VS (pin 14). For 125 kHz, a resistor value of 110 k is defined. For other frequencies, use the following formula:
14375 R t [ k] = --------------------- - 5 f 0 [ kHz ]
This input can be used to adjust the frequency close to the resonance of the antenna. For more details see Section "Applications" on page 10. Figure 3-5. Equivalent Circuit of Pin RF
VS Rf 2 k RF
6
U2270B
4684E-RFID-02/08
U2270B
3.4 Low-pass Filter (LPF)
The fully integrated low-pass filter (4th-order Butterworth) removes the remaining carrier signal and high-frequency disturbances after demodulation. The upper cut-off frequency of the LPF depends on the selected oscillator frequency. The typical value is fOsc / 18, and data rates up to fOsc / 25 are possible if bi-phase or Manchester encoding is used. A high-pass characteristic results from the capacitive coupling at the input pin 4 as shown in Figure 3-6. The input voltage swing is limited to 2 Vpp. For frequency response calculation, the impedances of the signal source and LPF input (typical 210 k) have to be considered. The recommended values of the input capacitor for selected data rates are given in Section 4., "Applications" , on page 10.
Note: After switching on the carrier, the DC voltage of the coupling capacitor changes rapidly. When the antenna voltage is stable, the LPF needs approximately 2 ms to recover full sensitivity.
Figure 3-6.
Equivalent Circuit of Pin Input
VBias + 0.4V
RS CIN
Input
10 k
210 k VBias - 0.4V
3.5
Amplifier (AMP)
The differential amplifier has a fixed gain, typically 30. The HIPASS pin is used for DC decoupling. The lower cut-off frequency of the decoupling circuit can be calculated as follows:
1 f cut = -------------------------------------------2 x x C HP x R i
The value of the internal resistor Ri can be assumed to be 2.5 k. Recommended values of CHP for selected data rates can be found in Section 4., "Applications" , on page 10.
7
4684E-RFID-02/08
Figure 3-7.
Equivalent Circuit of Pin HIPASS
R + LPF VRef R Ri R R
Schmitt trigger
HIPASS CHP
3.6
Schmitt Trigger
The signal is processed by a Schmitt trigger to suppress possible noise and to make the signal microcontroller-compatible. The hysteresis level is 100 mV symmetrically to the DC operation point. The open-collector output is enabled by a low level at OE (pin 3). Figure 3-8. Equivalent Circuit of Pin OE
7 A
OE
8
U2270B
4684E-RFID-02/08
U2270B
3.7 Driver (DRV)
The driver supplies the antenna coil with the appropriate energy. The circuit consists of two independent output stages. These output stages can be operated in two different modes. In common mode, the outputs of the stages are in phase; in this mode, the outputs can be interconnected to achieve a high-current output capability. Using the differential mode, the output voltages are in anti-phase; thus, the antenna coil is driven with a higher voltage. For a specific magnetic field, the antenna coil impedance is higher for the differential mode. As a higher coil impedance results in better system sensitivity, the differential mode should be preferred. The CFE input is intended to be used for writing data into a read/write or a crypto transponder. This is achieved by interrupting the RF field with short gaps. The various functions are controlled by the inputs MS and CFE (see "Function Table" on page 10). The equivalent circuit of the driver is shown in Figure 3-1 on page 4. Figure 3-9. Equivalent Circuit of Pin MS
30 A
MS
Figure 3-10. Equivalent Circuit of Pin CFE
30 A
CFE
9
4684E-RFID-02/08
3.8
Function Table
CFE Low Low High High MS Low High Low High COIL1 High Low COIL2 High High
OE Low High
Output Enabled Disabled
STANDBY Low High
U2270B Standby mode Active
4. Applications
To achieve the system performance, consider the power-supply environment and the magnetic-coupling situation. The selection of the appropriate power-supply operation mode depends on the quality of supply voltage. If an unregulated supply voltage in the range of V = 7V to 16V is available, the internal power supply of the U2270B can be used. In this case, standby mode can be used and an external low-current microcontroller can be supplied. If a 5V supply rail is available, it can be used to power the U2270B. In this case, check that the voltage is noise-free. An external power transistor is not necessary. The application also depends on the magnetic-coupling situation. The coupling factor mainly depends on the transmission distance and the antenna coils. The following table lists the appropriate application for a given coupling factor. The magnetic coupling factor can be determined using Atmel(R)'s test transponder coil.
Table 4-1.
Magnetic Coupling
Magnetic Coupling Factor k > 3% k > 1% k > 0.5% k > 0.3% Appropriate Application Free-running oscillator Diode feedback Diode feedback plus frequency altering Diode feedback plus fine frequency tuning
The maximum transmission distance is also influenced by the accuracy of the antenna's resonance. Therefore, the recommendations given above are proposals only. A good compromise for the resonance accuracy of the antenna is a value in the range of fres = 125 kHz 3%. Further details concerning the adequate application and the antenna design is provided in Section "Antenna Design Hints".
10
U2270B
4684E-RFID-02/08
U2270B
The application of the U2270B includes the two capacitors CIN and CHP whose values are linearly dependent on the transponder's data rate. The following table gives the appropriate values for the most common data rates. The values are valid for Manchester and bi-phase code.
Table 4-2.
Recommended Capacitor Values
Input Capacitor (CIN) 680 pF 1.2 nF Decoupling Capacitor (CHP) 100 nF 220 nF
Data Rate f = 125 kHz f / 32 = 3.9 Kbits/s f / 64 = 1.95 Kbits/s
The following applications are typical examples. The values of CIN and CHP correspond to the transponder's data rate only. The arrangement to fit the magnetic-coupling situation is also independent of other design issues except for one constellation. This constellation, consisting of diode feedback plus fine frequency tuning together with the two-rail power supply, should be used if the transmission distance is d 10 cm.
4.1
Application 1
Application using few external components. This application is for intense magnetic coupling only. Figure 4-1. Application Circuit 1
110 k 5V + 47 nF 47 F VBatt DVS RF VEXT VS VDD
U2270B
INPUT CIN 1N4148 R 470 k 1.5 nF COIL2 1.2 nF DGND GND 1.35 mH COIL1
MS CFE OE Microcontroller
STANDBY OUTPUT HIPASS CHP
VSS
11
4684E-RFID-02/08
4.2
Application 2
Basic application using diode feedback. This application allows higher communication distances than ."Application 1" Figure 4-2. Application Circuit 2
BC639 4x 1N4148 + 68 k + + 75 k 100 k 4.7 nF 22 F 22 F 43 k VS RF 1.2 nF COIL2 1.35 mH Antenna CIN 1.5 nF CHP Input HIPASS DGND GND Output OE VSS I/O 82 COIL1 CFE VEXT DVS VBatt MS VDD GND 22 F 360 12V
U2270B
Standby Microcontroller
1N4148 470 k
12
U2270B
4684E-RFID-02/08
U2270B
4.3 Application 3
This application is comparable to "Application 2" but alters the operating frequency. This allows higher antenna resonance tolerances and/or higher communication distances. This application is preferred if the detecting microcontroller is close to the U2270B, as an additional microcontroller signal controls the adequate operating frequency. Figure 4-3. Application Circuit 3
4x 1N4148 68 k + 75 k 100 k 4.7 nF 22 F 47 nF 5V
43 k
VS RF
VEXT DVS
VBatt MS CFE
VDD
GND
1 nF COIL2 1.5 mH Antenna CIN 470 k 1.5 nF 4.7 k BC846 1.5 k CHP Input HIPASS 180 pF 100 DGND GND Output OE VSS 82 COIL1
U2270B
Standby Microcontroller
1N4148
Note:
Application examples have not been examined for series production or reliability, and no worst case scenarios have been developed. Customers who adapt any of these proposals must carry out their own testing and be convinced that no negative consequences arise from the proposals.
13
4684E-RFID-02/08
5. Absolute Maximum Ratings
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. All voltages are referred to GND (Pins 1 and 7) Parameter Operating voltage Operating voltage Range of input and output voltages Output current Output current Driver output current Power dissipation SO16 Junction temperature Storage temperature Ambient temperature Pin 12 8, 9, 10, 11, 14 3, 4, 5, 6, 15, 16 2 and 13 10 2 8 and 9 Symbol VBatt VS, VEXT, DVS, Coil 1, Coil 2 VIN VOUT IEXT IOUT ICoil Ptot Tj Tstg Tamb -55 -40 Min. VS -0.3 -0.3 -0.3 Max. 16 8 VS + 0.3 VBatt 10 10 200 380 150 125 105 Unit V V V mA mA mA mW C C C
6. Thermal Resistance
Parameter Thermal resistance SO16 Symbol RthJA Value 120 Unit K/W
7. Operating Range
All voltages are referred to GND (Pins 1 and 7) Parameter Operating voltage Operating voltage Operating voltage Carrier frequency Pin 12 14 10, 11 Symbol VBatt VS VEXT, DVS Value 7 to 16 4.5 to 6.3 4.5 to 8 100 to 150 Unit V V V kHz
14
U2270B
4684E-RFID-02/08
U2270B
8. Electrical Characteristics
All voltages are referred to GND (Pins 1 and 7) Parameters Data output - Collector emitter - Saturation voltage Data output enable - Low-level input voltage - High-level input voltage Data input - Clamping level low - Clamping level high - Input resistance - Input sensitivity Driver polarity mode - Low-level input voltage - High-level input voltage Carrier frequency enable - Low-level input voltage - High-level input voltage 5V application without load connected to the coil driver 12V application Test Conditions Iout = 5 mA Pin 2 Symbol VCEsat Min. Typ. Max. 400 Unit mV
3
Vil Vih Vil Vih Rin SIN Vil Vih Vil Vih IS ISt VS dVs/dT IS VDRV VDRV VEXT dVEXT/dT IEXT IEXT Vil Vih f0 fcut
0.5 2.4 2 3.8 220 10
V V V V k mVpp V V V V
f = 3 kHz (square wave) Gain capacitor = 100 nF
4
5
2.4
0.2
6 10, 11, 12 and 14 12
3.0
0.8
Operating current
4.5
9
mA
Standby current VS - Supply voltage - Supply voltage drift - Output current Driver output voltage - One-rail operation - Battery-voltage operation VEXT - Output voltage - Supply voltage drift - Output current - Standby output current Standby input - Low-level input voltage - High-level input voltage Oscillator - Carrier frequency Low-pass filter - Cut-off frequency Amplifier gain Note:
30 4.6 1.8 2.9 3.1 4.6 3.5 0.4 5.4 4.2 3.5 3.6 4.0 5.4 4.2
70 6.3
A V mV/K mA VPP VPP V mV/K mA mA V V kHz kHz
14
IL = 100 mA VS, VEXT, VBatt, DVS = 5V VBatt = 12V
8, 9
4.3 4.7 6.3
10 IC active Standby mode 13 RF resistor = 110 k ("Application 2" ), REM 1(1) Carrier frequency = 125 kHz CHP = 100 nF
0.8 3.1 121 125 7 30 129
1. REM 1: In "Application 1" where the oscillator operates in free-running mode, the IC must be soldered free from distortion. Otherwise, the oscillator may be out of bounds.
15
4684E-RFID-02/08
9. Ordering Information
Extended Type Number U2270B-MFPY U2270B-MFPG3Y Package SO16 SO16 Remarks Tube, Pb-free Taped and reeled, Pb-free
10. Package Information
Package: SO 16 Dimensions in mm 9.90.1 50.2 3.70.1
0.2
0.1+0.15
1.4
0.4 1.27 8.89
3.80.1 60.2
16
9
technical drawings according to DIN specifications
1 Pin 1 identity
8
Drawing-No.: 6.541-5031.02-4 Issue: 1; 15.08.06
16
U2270B
4684E-RFID-02/08
U2270B
11. Revision History
Please note that the following page numbers referred to in this section refer to the specific revision mentioned, not to this document. Revision No. History * Put datasheet in a new template * Section 3.4 "Low-pass Filter (LPF) on page 7: Typo removed * Section 8 "Electrical Characteristics" on page 15: Parameter VS alignment corrected * * * * * * * * Put datasheet in a new template Pb-free logo on page 1 deleted Section 10 "Package Information" on page 16 changed Minor grammatical corrections and fixed broken cross references Put datasheet in a new template Pb-free Logo on page 1 added New heading rows on Table "Absolute Maximum Ratings" on page 14 added Ordering Information on page 16 changed
4684E-RFID-01/08
4684D-RFID-09/06
4684C-RFID-12/05
* Last page: Legal sentence changed
4684B-RFID-09/05
17
4684E-RFID-02/08
Headquarters
Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
International
Atmel Asia Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-en-Yvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Product Contact
Web Site www.atmel.com Technical Support rfid@atmel.com Sales Contact www.atmel.com/contacts
Literature Requests www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) 2008 Atmel Corporation. All rights reserved. Atmel (R), logo and combinations thereof, IDIC(R), and others are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
4684E-RFID-02/08


▲Up To Search▲   

 
Price & Availability of U2270B08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X