|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DC/DC Converters TMH Series, 2 Watt compliant RoHS Features Single-in-Line Package (SIP) Fully SMD-design Isolated Single and Dual Output I/O-Isolation `000 VDC High Efficiency up to 83 % Industry Standard Pinout 00% Burn-in (8 h) Lead free Design, RoHS compliant 3 Year Product Warranty The TMH series are ultra miniature, isolated 2 Watt DC/DC-converters in a Singlein-Line package (SIP). Requiring only 1.5 cm2 board space they offer the ideal solution in many space critical applications for board level power distribution. The use of SMD-technology makes it possible to offer a product with high performance at low cost. Models Ordercode TMH 0505S TMH 052S TMH 055S TMH 0505D TMH 052D TMH 055D TMH 205S TMH 22S TMH 25S TMH 205D TMH 22D TMH 25D TMH 2405S TMH 242S TMH 245S TMH 2405D TMH 242D TMH 245D http://www.tracopower.com 24 VDC 0% 2 VDC 0% 5 VDC 0% Input voltage Output voltage 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC Output current max. 400 mA 165 mA 130 mA 200 mA 80 mA 65 mA 400 mA 165 mA 130 mA 200 mA 80 mA 65 mA 400 mA 165 mA 130 mA 200 mA 80 mA 65 mA Efficiency typ. 76 % 80 % 80 % 77 % 79 % 79 % 78 % 82 % 83 % 79 % 82 % 82 % 77 % 81 % 82 % 79 % 81 % 82 % Page of 3 DC/DC Converters TMH Series Input Specifications Input current no load /full load 5 Vin models 50 mA / 510 mA typ. 12 Vin models 20 mA / 200 mA typ. 24 Vin models 10 mA / 100 mA typ. 5 Vin models 9 V max. 12 Vin models 18 V max. 24 Vin models 30 V max. 0.3 A max. can be reduced by ext. 1-3.3 F polyester film capacitor internal capacitors 3% 1 % max. 1.2 % / 1 % change Vin 10 % max. 5 Vin models 75 mV pk-pk max. 12 /24 Vin models 150 mV pk-pk max 0.02 % / K limited 1 sec. max. - Single output models - Dual output models - Operating - Case temperature - Storage 470 F max. 390 F max. -40 C ... +75 C +95 C max. -40 C ... +105 C 95 % rel H max. >2'000'000 h @ 25 C 1`000 VDC 80 pF typ. >1`000 Mohm 80 kHz typ. (frequency modulation) 30 % max. Input/Output Input/Output Input/Output - Input variation - Load variation 20 - 100 % 2 Watt Surge voltage (1 sec. max.) Reverse voltage protection Reflected input ripple current Input filter Output Specifications Voltage set accuracy Voltage balance (dual output models) Regulation Ripple and noise (20 MHz Bandwidth) Temperature coefficient Short circuit protection Capacitive load General Specifications Temperature ranges Humidity (non condensing) Reliability, calculated MTBF (MIL-HDBK-217E ground benign) Isolation voltage (60sec.) Isolation capacity Isolation resistance Switching frequency Frequency change over line and load All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2 of 3 DC/DC Converters TMH Series Physical Specifications Case material Package weight Soldering temperature non conductive black plastic (UL 94-V0 rated) 2.7 g (0.1 oz) max. 265C / 10 sec 2 Watt Outline Dimensions mm (inches) Pin-Out 10.2 (0.4) Pin 2 4 5 6 0.5 (0.02) Single +Vin (Vcc) -Vin (GND) -Vout No pin +Vout Dual +Vin (Vcc) -Vin (GND) -Vout Common +Vout 0.5 (0.02) 0.5 (0.02) 2.3 0.5 2.54 (0.1) 5.08 (0.2) 2.54 2.54 (0.1) (0.1) (0.09 0.02) 19.5 (0.77) 0.25 (0.01) 1 2 4 5 6 Tolerances 0.25 (0.01) pins 0.05 (0.002) Specifications can be changed any time without notice Rev. 06/07 Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41 43 311 45 11 * Fax +41 43 311 45 45 * info@traco.ch * www.tracopower.com (0.05) 0.5 (0.02) 1.25 7.5 (0.3) Bottom view 3.2 (0.13) Page 3 of 3 |
Price & Availability of TMH1205D |