Part Number Hot Search : 
BU1850 ES450 1580C TDA7384 2SC327 MJI6012 1N4761 CONTROLS
Product Description
Full Text Search
 

To Download SW12220E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
R
SW12220E(12V22AH)
Outer dimensions (mm)
181 77
Specifications
Nominal Voltage Rated capacity (20 hour rate) Total Height Height Dimensions Length Width Weight Approx 12V 22 Ah
4.6
3
Terminal Type (mm)
167
167 mm (6.57 inches) 167 mm (6.57 inches)
12
2
12
13
181 mm (7.13 inches) 77 mm (3.03 inches) 6.10 Kg (13.426 lbs)
5.3
M5 10
M5 BOLT&NUT
T3
T3
T1
3
Characteristics
20 hour rate(1.10 A) 10 hour rate(2.02 A) 5 hour rate(3.74 A) 1 hour rate(13.2 A) 22.0 AH 20.2 AH 18.7 AH 13.2 AH 9m 102% 100% 85% 65% 91% 82% 64%
Discharge Curves 25
(77
)
Capacity 25 (77 )
Internal Resistance Full charged Battery at 25 (77 ) Capacity affected by Temperature (20hour rate) Self-Discharge at 25 (77 ) Terminal Charge (constant Voltage) 40 (104 ) 25 (77 ) 0 (32 ) -15 (5 ) Capacity after 3 month storage Capacity after 6 month storage Capacity after 12 month storage
13.8 13.2 12.6 12.0 11.4 10.8 10.2 9.60 9.00 8.40 7.80 01 2
1.1A 4.03A 2.01A 11A 22A 42A
0.231A
T3 T13 Initial Charging Current less than 8.8 A Cycle Voltage 14.40-14.70V Float Voltage 13.50-13.80V
4 6 8 10
20
40 60
2
4 6 8 10 20 50
100 200
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77
Time
9.60V 10.20V 10.50V 10.80V 11.10V A W A W A W A W A W
R
)
50h 100h
10min
30min
1h
3h
4h
5h
8h
10h
20h
Edition Nov. 2009


▲Up To Search▲   

 
Price & Availability of SW12220E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X