Part Number Hot Search : 
GBL408 29F80 S2401 MB358 FR40JR02 DT54F 12812 H3900
Product Description
Full Text Search
 

To Download SST25VF51210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 512 Kbit SPI Serial Flash
SST25VF512
SST25VF512512Kb Serial Peripheral Interface (SPI) flash memory
Data Sheet
FEATURES:
* Single 2.7-3.6V Read and Write Operations * Serial Interface Architecture - SPI Compatible: Mode 0 and Mode 3 * 20 MHz Max Clock Frequency * Superior Reliability - Endurance: 100,000 Cycles (typical) - Greater than 100 years Data Retention * Low Power Consumption: - Active Read Current: 7 mA (typical) - Standby Current: 8 A (typical) * Flexible Erase Capability - Uniform 4 KByte sectors - Uniform 32 KByte overlay blocks * Fast Erase and Byte-Program: - Chip-Erase Time: 70 ms (typical) - Sector- or Block-Erase Time: 18 ms (typical) - Byte-Program Time: 14 s (typical) * Auto Address Increment (AAI) Programming - Decrease total chip programming time over Byte-Program operations * End-of-Write Detection - Software Status * Hold Pin (HOLD#) - Suspends a serial sequence to the memory without deselecting the device * Write Protection (WP#) - Enables/Disables the Lock-Down function of the status register * Software Write Protection - Write protection through Block-Protection bits in status register * Packages Available - 8-lead SOIC (4.9mm x 6mm) - 8-contact WSON * All non-Pb (lead-free) devices are RoHS compliant
PRODUCT DESCRIPTION
SST's serial flash family features a four-wire, SPI-compatible interface that allows for a low pin-count package occupying less board space and ultimately lowering total system costs. SST25VF512 SPI serial flash memory is manufactured with SST's proprietary, high-performance CMOS SuperFlash technology. The split-gate cell design and thick-oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST25VF512 device significantly improves performance, while lowering power consumption. The total energy consumed is a function of the applied voltage, current, and time of application. Since for any given voltage range, the SuperFlash technology uses less current to program and has a shorter erase time, the total energy consumed during any Erase or Program operation is less than alternative flash memory technologies. The SST25VF512 device operates with a single 2.7-3.6V power supply. The SST25VF512 device is offered in both 8-lead SOIC and 8-contact WSON packages. See Figure 1 for the pin assignments.
(c)2005 Silicon Storage Technology, Inc. S71192-09-000 1/06 1
The SST logo and SuperFlash are registered Trademarks of Silicon Storage Technology, Inc. These specifications are subject to change without notice.
512 Kbit SPI Serial Flash SST25VF512
Data Sheet
FUNCTIONAL BLOCK DIAGRAM
Address Buffers and Latches
X - Decoder
SuperFlash Memory
Y - Decoder
Control Logic
I/O Buffers and Data Latches
Serial Interface
1192 B1.5
CE#
SCK
SI
SO
WP#
HOLD#
(c)2005 Silicon Storage Technology, Inc.
S71192-09-000
1/06
2
512 Kbit SPI Serial Flash SST25VF512
Data Sheet
PIN DESCRIPTION
CE# SO WP# VSS
1 2
8 7
VDD HOLD# SCK SI
CE# SO WP# VSS
1
8
VDD HOLD# SCK SI
2
7
Top View
3 4 6 5
1192 08-soic P1.4 3
Top View
6
4
5 1192 08-wson P1a.6
8-LEAD SOIC
8-CONTACT WSON
FIGURE 1: PIN ASSIGNMENTS TABLE 1: PIN DESCRIPTION
Symbol Pin Name SCK Serial Clock Functions To provide the timing of the serial interface. Commands, addresses, or input data are latched on the rising edge of the clock input, while output data is shifted out on the falling edge of the clock input. To transfer commands, addresses, or data serially into the device. Inputs are latched on the rising edge of the serial clock. To transfer data serially out of the device. Data is shifted out on the falling edge of the serial clock. The device is enabled by a high to low transition on CE#. CE# must remain low for the duration of any command sequence. The Write Protect (WP#) pin is used to enable/disable BPL bit in the status register. To temporarily stop serial communication with SPI flash memory without resetting the device. To provide power supply (2.7-3.6V).
T1.7 1192
SI SO CE# WP# HOLD# VDD VSS
Serial Data Input Serial Data Output Chip Enable Write Protect Hold Power Supply Ground
CE#
MODE 3 MODE 3 MODE 0
SCK SI SO
MODE 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
MSB
DON'T CARE Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
MSB
1192 F34.6
HIGH IMPEDANCE
FIGURE 2: SPI PROTOCOL
(c)2005 Silicon Storage Technology, Inc.
S71192-09-000
1/06
3
512 Kbit SPI Serial Flash SST25VF512
Data Sheet
PRODUCT IDENTIFICATION
TABLE 2: PRODUCT IDENTIFICATION
Address Manufacturer's ID Device ID SST25VF512 00001H 48H
T2.5 1192
DEVICE OPERATION
The SST25VF512 is accessed through the SPI (Serial Peripheral Interface) bus compatible protocol. The SPI bus consist of four control lines; Chip Enable (CE#) is used to select the device, and data is accessed through the Serial Data Input (SI), Serial Data Output (SO), and Serial Clock (SCK). The SST25VF512 supports both Mode 0 (0,0) and Mode 3 (1,1) of SPI bus operations. The difference between the two modes, as shown in Figure 2, is the state of the SCK signal when the bus master is in Stand-by mode and no data is being transferred. The SCK signal is low for Mode 0 and SCK signal is high for Mode 3. For both modes, the Serial Data In (SI) is sampled at the rising edge of the SCK clock signal and the Serial Data Output (SO) is driven after the falling edge of the SCK clock signal.
Data BFH
00000H
MEMORY ORGANIZATION
The SST25VF512 SuperFlash memory array is organized in 4 KByte sectors with 32 KByte overlay blocks.
(c)2005 Silicon Storage Technology, Inc.
S71192-09-000
1/06
4
512 Kbit SPI Serial Flash SST25VF512
Data Sheet
Hold Operation
HOLD# pin is used to pause a serial sequence underway with the SPI flash memory without resetting the clocking sequence. To activate the HOLD# mode, CE# must be in active low state. The HOLD# mode begins when the SCK active low state coincides with the falling edge of the HOLD# signal. The HOLD mode ends when the HOLD# signal's rising edge coincides with the SCK active low state. If the falling edge of the HOLD# signal does not coincide with the SCK active low state, then the device enters Hold mode when the SCK next reaches the active low state. Similarly, if the rising edge of the HOLD# signal does not coincide with the SCK active low state, then the device exits in Hold mode when the SCK next reaches the active low state. See Figure 3 for Hold Condition waveform. Once the device enters Hold mode, SO will be in highimpedance state while SI and SCK can be VIL or VIH. If CE# is driven active high during a Hold condition, it resets the internal logic of the device. As long as HOLD# signal is low, the memory remains in the Hold condition. To resume communication with the device, HOLD# must be driven active high, and CE# must be driven active low. See Figure 17 for Hold timing.
SCK
HOLD# Active Hold Active Hold Active
1192 F44.0
FIGURE 3: HOLD CONDITION WAVEFORM
Write Protection
The SST25VF512 provides software Write protection. The Write Protect pin (WP#) enables or disables the lock-down function of the status register. The Block-Protection bits (BP1, BP0, and BPL) in the status register provide Write protection to the memory array and the status register. See Table 4 for Block-Protection description. Write Protect Pin (WP#) The Write Protect (WP#) pin enables the lock-down function of the BPL bit (bit 7) in the status register. When WP# is driven low, the execution of the Write-Status-Register (WRSR) instruction is determined by the value of the BPL bit (see Table 3). When WP# is high, the lock-down function of the BPL bit is disabled. TABLE 3: CONDITIONS TO EXECUTE WRITE-STATUSREGISTER (WRSR) INSTRUCTION
WP# L L H BPL 1 0 X Execute WRSR Instruction Not Allowed Allowed Allowed
T3.0 1192
(c)2005 Silicon Storage Technology, Inc.
S71192-09-000
1/06
5
512 Kbit SPI Serial Flash SST25VF512
Data Sheet
Status Register
The software status register provides status on whether the flash memory array is available for any Read or Write operation, whether the device is Write enabled, and the state of the memory Write protection. During an internal Erase or Program operation, the status register may be read only to determine the completion of an operation in progress. Table 5 describes the function of each bit in the software status register. Busy The Busy bit determines whether there is an internal Erase or Program operation in progress. A "1" for the Busy bit indicates the device is busy with an operation in progress. A "0" indicates the device is ready for the next valid operation. Write Enable Latch (WEL) The Write-Enable-Latch bit indicates the status of the internal memory Write Enable Latch. If the Write-Enable-Latch bit is set to "1", it indicates the device is Write enabled. If the bit is set to "0" (reset), it indicates the device is not Write enabled and does not accept any memory Write (Program/ Erase) commands. The Write-Enable-Latch bit is automatically reset under the following conditions: * * * * * * * Power-up Write-Disable (WRDI) instruction completion Byte-Program instruction completion Auto Address Increment (AAI) programming reached its highest memory address Sector-Erase instruction completion Block-Erase instruction completion Chip-Erase instruction completion
Block Protection (BP1, BP0) The Block-Protection (BP1, BP0) bits define the size of the memory area, as defined in Table 4, to be software protected against any memory Write (Program or Erase) operations. The Write-Status-Register (WRSR) instruction is used to program the BP1 and BP0 bits as long as WP# is high or the Block-Protect-Lock (BPL) bit is 0. Chip-Erase can only be executed if Block-Protection bits are both 0. After power-up, BP1 and BP0 are set to 1. Block Protection Lock-Down (BPL) WP# pin driven low (VIL), enables the Block-ProtectionLock-Down (BPL) bit. When BPL is set to 1, it prevents any further alteration of the BPL, BP1, and BP0 bits. When the WP# pin is driven high (VIH), the BPL bit has no effect and its value is "Don't Care". After power-up, the BPL bit is reset to 0. TABLE 4: SOFTWARE STATUS REGISTER BLOCK PROTECTION1
Status Register Bit Protection Level 0 1 (1/4 Memory Array)2 2 (1/2 Memory Array) 3 (Full Memory Array) BP1 0 0 1 1 BP0 0 1 0 1 Protected Memory Area None 0C000H-0FFFFH 08000H-0FFFFH 00000H-0FFFFH
T4.5 1192
1. Default at power-up for BP1 and BP0 is `11'. 2. Protection Level 1 (1/4 Memory Array) applies to ByteProgram, Sector-Erase, and Chip-Erase operations. It does not apply to Block-Erase operations.
TABLE 5: SOFTWARE STATUS REGISTER
Bit 0 1 2 3 4:5 6 Name BUSY WEL BP0 BP1 RES AAI Function 1 = Internal Write operation is in progress 0 = No internal Write operation is in progress 1 = Device is memory Write enabled 0 = Device is not memory Write enabled Indicate current level of block write protection (See Table 4) Indicate current level of block write protection (See Table 4) Reserved for future use Auto Address Increment Programming status 1 = AAI programming mode 0 = Byte-Program mode 1 = BP1, BP0 are read-only bits 0 = BP1, BP0 are read/writable Default at Power-up 0 0 1 1 0 0 Read/Write R R R/W R/W N/A R
7
BPL
0
R/W
T5.0 1192
(c)2005 Silicon Storage Technology, Inc.
S71192-09-000
1/06
6
512 Kbit SPI Serial Flash SST25VF512
Data Sheet Auto Address Increment (AAI) The Auto Address Increment Programming-Status bit provides status on whether the device is in AAI programming mode or Byte-Program mode. The default at power up is Byte-Program mode. (WREN) instruction must be executed first. The complete list of the instructions is provided in Table 6. All instructions are synchronized off a high to low transition of CE#. Inputs will be accepted on the rising edge of SCK starting with the most significant bit. CE# must be driven low before an instruction is entered and must be driven high after the last bit of the instruction has been shifted in (except for Read, Read-ID and Read-Status-Register instructions). Any low to high transition on CE#, before receiving the last bit of an instruction bus cycle, will terminate the instruction in progress and return the device to the standby mode. Instruction commands (Op Code), addresses, and data are all input from the most significant bit (MSB) first.
Instructions
Instructions are used to Read, Write (Erase and Program), and configure the SST25VF512. The instruction bus cycles are 8 bits each for commands (Op Code), data, and addresses. Prior to executing any Byte-Program, Auto Address Increment (AAI) programming, Sector-Erase, Block-Erase, or Chip-Erase instructions, the Write-Enable TABLE 6: DEVICE OPERATION INSTRUCTIONS1
Bus Cycle2 Cycle Type/Operation3,4 Read Sector-Erase5,6 Block-Erase5,7 Chip-Erase6 Byte-Program6 Auto Address Increment (AAI) Program6,8 Read-Status-Register (RDSR) Enable-Write-Status-Register (EWSR)10 Write-Status-Register Write-Enable (WREN) Write-Disable (WRDI) Read-ID (WRSR)10 SIN 03H 20H 52H 60H 02H AFH 05H 50H 01H 06H 04H 90H or ABH 1 SOUT Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z SIN
2 SOUT Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z DOUT Hi-Z Hi-Z SIN A23-A16 A23-A16 A23-A16 A23-A16 A23-A16 X Data 00H
3 SOUT Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Note9 Hi-Z SIN A7-A0 A7-A0 A7-A0 A7-A0 A7-A0 -. A15-A8 A15-A8 A15-A8 A15-A8 A15-A8 00H
4 SOUT Hi-Z Hi-Z Hi-Z Hi-Z Hi-Z Note9 Hi-Z SIN X DIN DIN X
5 SOUT DOUT Hi-Z Hi-Z Note9 DOUT12
T6.18 1192
ID Addr11
1. AMS = Most Significant Address AMS = A15 for SST25VF512 Address bits above the most significant bit of each density can be VIL or VIH 2. One bus cycle is eight clock periods. 3. Operation: SIN = Serial In, SOUT = Serial Out 4. X = Dummy Input Cycles (VIL or VIH); - = Non-Applicable Cycles (Cycles are not necessary) 5. Sector addresses: use AMS-A12, remaining addresses can be VIL or VIH 6. Prior to any Byte-Program, AAI-Program, Sector-Erase, Block-Erase, or Chip-Erase operation, the Write-Enable (WREN) instruction must be executed. 7. Block addresses for: use AMS-A15, remaining addresses can be VIL or VIH 8. To continue programming to the next sequential address location, enter the 8-bit command, AFH, followed by the data to be programmed. 9. The Read-Status-Register is continuous with ongoing clock cycles until terminated by a low to high transition on CE#. 10. The Enable-Write-Status-Register (EWSR) instruction and the Write-Status-Register (WRSR) instruction must work in conjunction of each other. The WRSR instruction must be executed immediately (very next bus cycle) after the EWSR instruction to make both instructions effective. 11. Manufacturer's ID is read with A0=0, and Device ID is read with A0=1. All other address bits are 00H. The Manufacturer's and Device ID output stream is continuous until terminated by a low to high transition on CE# 12. Device ID = 48H for SST25VF512
(c)2005 Silicon Storage Technology, Inc.
S71192-09-000
1/06
7
512 Kbit SPI Serial Flash SST25VF512
Data Sheet Read The Read instruction outputs the data starting from the specified address location. The data output stream is continuous through all addresses until terminated by a low to high transition on CE#. The internal address pointer will automatically increment until the highest memory address is reached. Once the highest memory address is reached, the address pointer will automatically increment to the beginning (wrap-around) of the address space, i.e. for 4 Mbit density, once the data from address location 7FFFFH had been read, the next output will be from address location 00000H. The Read instruction is initiated by executing an 8-bit command, 03H, followed by address bits [A23-A0]. CE# must remain active low for the duration of the Read cycle. See Figure 4 for the Read sequence.
CE#
MODE 3
012345678
15 16
23 24
31 32
39 40
47
48
55 56
63 64
70
SCK
MODE 0
SI MSB SO
03
ADD. MSB HIGH IMPEDANCE
ADD.
ADD. N DOUT MSB
1192 F10.11
N+1 DOUT
N+2 DOUT
N+3 DOUT
N+4 DOUT
FIGURE 4: READ SEQUENCE
Byte-Program The Byte-Program instruction programs the bits in the selected byte to the desired data. The selected byte must be in the erased state (FFH) when initiating a Program operation. A Byte-Program instruction applied to a protected memory area will be ignored. Prior to any Write operation, the Write-Enable (WREN) instruction must be executed. CE# must remain active low for the duration of the Byte-Program instruction. The ByteProgram instruction is initiated by executing an 8-bit command, 02H, followed by address bits [A23-A0]. Following the address, the data is input in order from MSB (bit 7) to LSB (bit 0). CE# must be driven high before the instruction is executed. The user may poll the Busy bit in the software status register or wait TBP for the completion of the internal self-timed Byte-Program operation. See Figure 5 for the Byte-Program sequence.
CE#
MODE 3
012345678
15 16
23 24
31 32
39
SCK
MODE 0
SI
MSB
02
ADD.
MSB
ADD.
ADD.
DIN
MSB LSB
SO
HIGH IMPEDANCE
1192 F08.11
FIGURE 5: BYTE-PROGRAM SEQUENCE
(c)2005 Silicon Storage Technology, Inc. S71192-09-000 1/06
8
512 Kbit SPI Serial Flash SST25VF512
Data Sheet Auto Address Increment (AAI) Program The AAI program instruction allows multiple bytes of data to be programmed without re-issuing the next sequential address location. This feature decreases total programming time when the entire memory array is to be programmed. An AAI program instruction pointing to a protected memory area will be ignored. The selected address range must be in the erased state (FFH) when initiating an AAI program instruction. Prior to any write operation, the Write-Enable (WREN) instruction must be executed. The AAI program instruction is initiated by executing an 8-bit command, AFH, followed by address bits [A23-A0]. Following the addresses, the data is input sequentially from MSB (bit 7) to LSB (bit 0). CE# must be driven high before the AAI program instruction is executed. The user must poll the BUSY bit in the software status register or wait TBP for the completion of each internal self-timed Byte-Program cycle. Once the device completes programming byte, the next sequential address may be program, enter the 8-bit command, AFH, followed by the data to be programmed. When the last desired byte had been programmed, execute the Write-Disable (WRDI) instruction, 04H, to terminate AAI. After execution of the WRDI command, the user must poll the Status register to ensure the device completes programming. See Figure 6 for AAI programming sequence. There is no wrap mode during AAI programming; once the highest unprotected memory address is reached, the device will exit AAI operation and reset the Write-EnableLatch bit (WEL = 0).
TBP CE#
MODE 3
TBP
012345678
15 16
23 24
31 32 33 34 35 36 37 38 39
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
01
SCK
MODE 0
SI
AF
A[23:16] A[15:8]
A[7:0]
Data Byte 1
AF
Data Byte 2
TBP CE#
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 01234567 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
SCK AF Last Data Byte 04 Write Disable (WRDI) Instruction to terminate AAI Operation 05 Read Status Register (RDSR) Instruction to verify end of AAI Operation DOUT
1192 F39.10
SI
SO
FIGURE 6: AUTO ADDRESS INCREMENT (AAI) PROGRAM SEQUENCE
(c)2005 Silicon Storage Technology, Inc.
S71192-09-000
1/06
9
512 Kbit SPI Serial Flash SST25VF512
Data Sheet Sector-Erase The Sector-Erase instruction clears all bits in the selected 4 KByte sector to FFH. A Sector-Erase instruction applied to a protected memory area will be ignored. Prior to any Write operation, the Write-Enable (WREN) instruction must be executed. CE# must remain active low for the duration of the any command sequence. The Sector-Erase instruction is initiated by executing an 8-bit command, 20H, followed by address bits [A23-A0]. Address bits [AMS-A12] (AMS = Most Significant address) are used to determine the sector address (SAX), remaining address bits can be VIL or VIH. CE# must be driven high before the instruction is executed. The user may poll the Busy bit in the software status register or wait TSE for the completion of the internal selftimed Sector-Erase cycle. See Figure 7 for the SectorErase sequence.
CE#
MODE 3
012345678
15 16
23 24
31
SCK
MODE 0
SI
MSB
20
ADD.
MSB
ADD.
ADD.
SO
HIGH IMPEDANCE
1192 F06.12
FIGURE 7: SECTOR-ERASE SEQUENCE
Block-Erase The Block-Erase instruction clears all bits in the selected 32 KByte block to FFH. A Block-Erase instruction applied to a protected memory area will be ignored. Prior to any Write operation, the Write-Enable (WREN) instruction must be executed. CE# must remain active low for the duration of any command sequence. The Block-Erase instruction is initiated by executing an 8-bit command, 52H, followed by address bits [A23-A0]. Address bits [AMS-A15] (AMS = Most significant address) are used to determine block address (BAX), remaining address bits can be VIL or VIH. CE# must be driven high before the instruction is executed. The user may poll the Busy bit in the software status register or wait TBE for the completion of the internal self-timed BlockErase cycle. See Figure 8 for the Block-Erase sequence.
CE#
MODE 3
012345678
15 16
23 24
31
SCK
MODE 0
SI
MSB
52
ADD.
MSB
ADD.
ADD.
SO
HIGH IMPEDANCE
1192 F28.11
FIGURE 8: BLOCK-ERASE SEQUENCE
(c)2005 Silicon Storage Technology, Inc.
S71192-09-000
1/06
10
512 Kbit SPI Serial Flash SST25VF512
Data Sheet Chip-Erase The Chip-Erase instruction clears all bits in the device to FFH. A Chip-Erase instruction will be ignored if any of the memory area is protected. Prior to any Write operation, the Write-Enable (WREN) instruction must be executed. CE# must remain active low for the duration of the Chip-Erase instruction sequence. The Chip-Erase instruction is initiated by executing an 8-bit command, 60H. CE# must be driven high before the instruction is executed. The user may poll the Busy bit in the software status register or wait TCE for the completion of the internal self-timed Chip-Erase cycle. See Figure 9 for the Chip-Erase sequence.
CE#
MODE 3
01234567
SCK
MODE 0
SI
MSB
60 HIGH IMPEDANCE
1192 F07.12
SO
FIGURE 9: CHIP-ERASE SEQUENCE
Read-Status-Register (RDSR) The Read-Status-Register (RDSR) instruction allows reading of the status register. The status register may be read at any time even during a Write (Program/Erase) operation. When a Write operation is in progress, the Busy bit may be checked before sending any new commands to assure that the new commands are properly received by the device. CE# must be driven low before the RDSR instruction is entered and remain low until the status data is read. ReadStatus-Register is continuous with ongoing clock cycles until it is terminated by a low to high transition of the CE#. See Figure 10 for the RDSR instruction sequence.
CE#
MODE 3 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14
SCK SI SO
MODE 0
05
MSB
HIGH IMPEDANCE
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 MSB Status Register Out
1192 F37.7
FIGURE 10: READ-STATUS-REGISTER (RDSR) SEQUENCE
(c)2005 Silicon Storage Technology, Inc.
S71192-09-000
1/06
11
512 Kbit SPI Serial Flash SST25VF512
Data Sheet Write-Enable (WREN) The Write-Enable (WREN) instruction sets the WriteEnable-Latch bit to 1 allowing Write operations to occur. The WREN instruction must be executed prior to any Write (Program/Erase) operation. CE# must be driven high before the WREN instruction is executed.
CE#
MODE 3
01234567
SCK
MODE 0
SI
MSB
06 HIGH IMPEDANCE
1192 F35.6
SO
FIGURE 11: WRITE ENABLE (WREN) SEQUENCE
Write-Disable (WRDI) The Write-Disable (WRDI) instruction resets the WriteEnable-Latch bit and AAI bit to 0 disabling any new Write operations from occurring. CE# must be driven high before the WRDI instruction is executed.
CE#
MODE 3
01234567
SCK
MODE 0
SI
MSB
04 HIGH IMPEDANCE
1192 F36.6
SO
FIGURE 12: WRITE DISABLE (WRDI) SEQUENCE
Enable-Write-Status-Register (EWSR) The Enable-Write-Status-Register (EWSR) instruction arms the Write-Status-Register (WRSR) instruction and opens the status register for alteration. The Enable-WriteStatus-Register instruction does not have any effect and will be wasted, if it is not followed immediately by the Write(c)2005 Silicon Storage Technology, Inc.
Status-Register (WRSR) instruction. CE# must be driven low before the EWSR instruction is entered and must be driven high before the EWSR instruction is executed.
S71192-09-000
1/06
12
512 Kbit SPI Serial Flash SST25VF512
Data Sheet Write-Status-Register (WRSR) The Write-Status-Register instruction works in conjunction with the Enable-Write-Status-Register (EWSR) instruction to write new values to the BP1, BP0, and BPL bits of the status register. The Write-Status-Register instruction must be executed immediately after the execution of the EnableWrite-Status-Register instruction (very next instruction bus cycle). This two-step instruction sequence of the EWSR instruction followed by the WRSR instruction works like SDP (software data protection) command structure which prevents any accidental alteration of the status register values. The Write-Status-Register instruction will be ignored when WP# is low and BPL bit is set to "1". When the WP# is low, the BPL bit can only be set from "0" to "1" to lockdown the status register, but cannot be reset from "1" to "0". When WP# is high, the lock-down function of the BPL bit is disabled and the BPL, BP0, and BP1 bits in the status register can all be changed. As long as BPL bit is set to 0 or WP# pin is driven high (VIH) prior to the low-to-high transition of the CE# pin at the end of the WRSR instruction, the BP0, BP1, and BPL bit in the status register can all be altered by the WRSR instruction. In this case, a single WRSR instruction can set the BPL bit to "1" to lock down the status register as well as altering the BP0 and BP1 bit at the same time. See Table 3 for a summary description of WP# and BPL functions. CE# must be driven low before the command sequence of the WRSR instruction is entered and driven high before the WRSR instruction is executed. See Figure 13 for EWSR and WRSR instruction sequences.
CE#
MODE 3
01234567
MODE 3 MODE 0
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
SCK
MODE 0
SI MSB SO
50 MSB
01 HIGH IMPEDANCE
STATUS REGISTER IN 76543210 MSB
1192 F38.9
FIGURE 13: ENABLE-WRITE-STATUS-REGISTER (EWSR) AND WRITE-STATUS-REGISTER (WRSR) SEQUENCE
(c)2005 Silicon Storage Technology, Inc.
S71192-09-000
1/06
13
512 Kbit SPI Serial Flash SST25VF512
Data Sheet Read-ID The Read-ID instruction identifies the device as SST25VF512 and manufacturer as SST. The device information can be read from executing an 8-bit command, 90H or ABH, followed by address bits [A23-A0]. Following the Read-ID instruction, the manufacturer's ID is located in address 00000H and the device ID is located in address 00001H. Once the device is in Read-ID mode, the manufacturer's and device ID output data toggles between address 00000H and 00001H until terminated by a low to high transition on CE#.
CE#
MODE 3
012345678
15 16
23 24
31 32
39 40
47 48
55 56
63
SCK
MODE 0
SI
MSB
90 or AB
00
00
ADD1
MSB
SO
HIGH IMPEDANCE
MSB
BF
Device ID
BF
Device ID
HIGH IMPEDANCE
Note: The manufacturer's and device ID output stream is continuous until terminated by a low to high transition on CE#. 1. 00H will output the manfacturer's ID first and 01H will output device ID first before toggling between the two.
1192 F19.15
FIGURE 14: READ-ID SEQUENCE
(c)2005 Silicon Storage Technology, Inc.
S71192-09-000
1/06
14
512 Kbit SPI Serial Flash SST25VF512
Data Sheet
ELECTRICAL SPECIFICATIONS
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under "Absolute Maximum Stress Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these conditions or conditions greater than those defined in the operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.) Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55C to +125C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65C to +150C D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0V to VDD+2.0V Package Power Dissipation Capability (TA = 25C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W Surface Mount Solder Reflow Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260C for 10 seconds Output Short Circuit Current1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1. Output shorted for no more than one second. No more than one output shorted at a time.
OPERATING RANGE:
Range Commercial Ambient Temp 0C to +70C VDD 2.7-3.6V
AC CONDITIONS OF TEST
Input Rise/Fall Time . . . . . . . . . . . . . . . 5 ns Output Load . . . . . . . . . . . . . . . . . . . . . CL = 30 pF See Figures 19 and 20
TABLE 7: DC OPERATING CHARACTERISTICS VDD = 2.7-3.6V
Limits Symbol IDDR IDDW ISB ILI ILO VIL VIH VOL VOH Parameter Read Current Program and Erase Current Standby Current Input Leakage Current Output Leakage Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage VDD-0.2 0.7 VDD 0.2 Min Max 10 30 15 1 1 0.8 Units mA mA A A A V V V V Test Conditions CE#=0.1 VDD/0.9 VDD@20 MHz, SO=open CE#=VDD CE#=VDD, VIN=VDD or VSS VIN=GND to VDD, VDD=VDD Max VOUT=GND to VDD, VDD=VDD Max VDD=VDD Min VDD=VDD Max IOL=100 A, VDD=VDD Min IOH=-100 A, VDD=VDD Min
T7.9 1192
TABLE 8: RECOMMENDED SYSTEM POWER-UP TIMINGS
Symbol TPU-READ1 TPU-WRITE
1
Parameter VDD Min to Read Operation VDD Min to Write Operation
Minimum 10 10
Units s s
T8.0 1192
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 9: CAPACITANCE (TA = 25C, f=1 Mhz, other pins open)
Parameter COUT1 CIN
1
Description Output Pin Capacitance Input Capacitance
Test Condition VOUT = 0V VIN = 0V
Maximum 12 pF 6 pF
T9.0 1192
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
(c)2005 Silicon Storage Technology, Inc.
S71192-09-000
1/06
15
512 Kbit SPI Serial Flash SST25VF512
Data Sheet TABLE 10: RELIABILITY CHARACTERISTICS
Symbol NEND1 TDR
1
Parameter Endurance Data Retention Latch Up
Minimum Specification 10,000 100 100 + IDD
Units Cycles Years mA
Test Method JEDEC Standard A117 JEDEC Standard A103 JEDEC Standard 78
T10.1 1192
ILTH1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 11: AC OPERATING CHARACTERISTICS VDD = 2.7-3.6V
Limits Symbol FCLK TSCKH TSCKL TSCKR TSCKF TCES1 TCEH1 TCHS1 TCHH TCPH TCHZ TCLZ TDS TDH THLS THHS THLH THHH THZ TLZ TOH TV TSE TBE TSCE TBP
1. Relative to SCK.
1
Parameter Serial Clock Frequency Serial Clock High Time Serial Clock Low Time Serial Clock Rise Time Serial Clock Fall Time CE# Active Setup Time CE# Active Hold Time CE# Not Active Setup Time CE# Not Active Hold Time CE# High Time CE# High to High-Z Output SCK Low to Low-Z Output Data In Setup Time Data In Hold Time HOLD# Low Setup Time HOLD# High Setup Time HOLD# Low Hold Time HOLD# High Hold Time HOLD# Low to High-Z Output HOLD# High to Low-Z Output Output Hold from SCK Change Output Valid from SCK Sector-Erase Block-Erase Chip-Erase Byte-Program
Min 20 20
Max 20
Units MHz ns ns
5 5 20 20 10 10 100 20 0 5 5 10 10 15 10 20 20 0 20 25 25 100 20
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ms ms ms s
T11.15 1192
(c)2005 Silicon Storage Technology, Inc.
S71192-09-000
1/06
16
512 Kbit SPI Serial Flash SST25VF512
Data Sheet
TCPH CE# TCHH TCES SCK TDS TDH TSCKR LSB TSCKF TCEH TCHS
SI
MSB
SO
HIGH-Z
HIGH-Z
1192 F41.7
FIGURE 15: SERIAL INPUT TIMING DIAGRAM
CE# TSCKH SCK TOH TCLZ SO TV SI
1192 F42.6
TSCKL
TCHZ LSB
MSB
FIGURE 16: SERIAL OUTPUT TIMING DIAGRAM
(c)2005 Silicon Storage Technology, Inc.
S71192-09-000
1/06
17
512 Kbit SPI Serial Flash SST25VF512
Data Sheet
CE# THHH SCK THLH THZ SO TLZ THLS THHS
SI
HOLD#
1192 F43.1
FIGURE 17: HOLD TIMING DIAGRAM
VDD VDD Max Chip selection is not allowed. All commands are rejected by the device.
VDD Min TPU-READ TPU-WRITE Device fully accessible
Time
1192 F45.0
FIGURE 18: POWER-UP TIMING DIAGRAM
(c)2005 Silicon Storage Technology, Inc.
S71192-09-000
1/06
18
512 Kbit SPI Serial Flash SST25VF512
Data Sheet
VIHT VHT
INPUT REFERENCE POINTS
VHT
OUTPUT
VLT VILT
VLT
1192 F02.1
AC test inputs are driven at VIHT (0.9VDD) for a logic "1" and VILT (0.1VDD) for a logic "0". Measurement reference points for inputs and outputs are VHT (0.7VDD) and VLT (0.3VDD). Input rise and fall times (10% 90%) are <5 ns.
Note: VHT - VHIGH Test VLT - VLOW Test VIHT - VINPUT HIGH Test VILT - VINPUT LOW Test
FIGURE 19: AC INPUT/OUTPUT REFERENCE WAVEFORMS
TO TESTER
TO DUT CL
1192 F03.0
FIGURE 20: A TEST LOAD EXAMPLE
(c)2005 Silicon Storage Technology, Inc.
S71192-09-000
1/06
19
512 Kbit SPI Serial Flash SST25VF512
Data Sheet
PRODUCT ORDERING INFORMATION
Device Speed Suffix1 XX Suffix2 XXX Environmental Attribute E1 = non-Pb Package Modifier A = 8 leads or contacts Package Type S = SOIC Q = WSON Temperature Range C = Commercial = 0C to +70C Minimum Endurance 4 = 10,000 cycles Operating Frequency 20 = 20 MHz Device Density 512 = 512 Kbit Voltage V = 2.7-3.6V Product Series 25 = Serial Peripheral Interface flash memory
SST25VFXXX - XXX
1. Environmental suffix "E" denotes non-Pb solder. SST non-Pb solder devices are "RoHS Compliant".
Valid combinations for SST25VF512 SST25VF512-20-4C-SAE SST25VF512-20-4C-QAE
Note: Valid combinations are those products in mass production or will be in mass production. Consult your SST sales representative to confirm availability of valid combinations and to determine availability of new combinations.
(c)2005 Silicon Storage Technology, Inc.
S71192-09-000
1/06
20
512 Kbit SPI Serial Flash SST25VF512
Data Sheet
PACKAGING DIAGRAMS
Pin #1 Identifier
TOP VIEW
SIDE VIEW
7 4 places
5.0 4.8 1.27 BSC
0.51 0.33
END VIEW
0.25 0.10 1.75 1.35 0.25 0.19 1.27 0.40 45 7 4 places
4.00 3.80 6.20 5.80
0 8
Note: 1. Complies with JEDEC publication 95 MS-012 AA dimensions, although some dimensions may be more stringent. 2. All linear dimensions are in millimeters (max/min). 3. Coplanarity: 0.1 mm 4. Maximum allowable mold flash is 0.15 mm at the package ends and 0.25 mm between leads.
08-soic-5x6-SA-8
1mm
8-LEAD SMALL OUTLINE INTEGRATED CIRCUIT (SOIC) 150 MIL BODY WIDTH (4.9MM X 6MM) SST PACKAGE CODE: SA
(c)2005 Silicon Storage Technology, Inc.
S71192-09-000
1/06
21
512 Kbit SPI Serial Flash SST25VF512
Data Sheet
TOP VIEW
Pin #1 Corner
SIDE VIEW
0.2
BOTTOM VIEW
Pin #1
1.27 BSC
5.00 0.10
0.076
4.0 3.4
0.48 0.35
6.00 0.10 0.80 0.70
Note: 1. All linear dimensions are in millimeters (max/min). 2. Untoleranced dimensions (shown with box surround) are nominal target dimensions. 3. The external paddle is electrically connected to the die back-side and possibly to certain VSS leads. This paddle can be soldered to the PC board; it is suggested to connect this paddle to the VSS of the unit. Connection of this paddle to any other voltage potential can result in shorts and/or electrical malfunction of the device.
0.05 Max
0.70 0.50
CROSS SECTION
0.80 0.70
1mm 8-wson-5x6-QA-9.0
8-CONTACT VERY-VERY-THIN SMALL OUTLINE NO-LEAD (WSON) SST PACKAGE CODE: QA
(c)2005 Silicon Storage Technology, Inc.
S71192-09-000
1/06
22
512 Kbit SPI Serial Flash SST25VF512
Data Sheet TABLE 12: REVISION HISTORY
Number 00 01 Description Date May 2001 Jan 2002
* * * * * * * * * * * * * * * * * * * * * * * * * * *
Initial release Remove Cycles 6 & 7 for Read and Write operations. Swapped Ready#/Busy logic. (1 = busy, 0 = not busy) Change WP# description Added SPI protocol timing diagram. Updated all timing diagrams Remove all Reset# pin description. Add HOLD# description. Updated Transient Voltage parameter. Add Auto Address Increment (AAI) feature and description. Global layout changes. Updated all Instruction descriptions. Removed 15H and 1DH commands for Read ID Moved the 2 Mbit and 4 Mbit parts to data sheet S71231 Moved the 1 Mbit part to data sheet S71233 Changed AC timing parameter TCES and TCEH timings to 20 ns AC timing point corrected in Figure 19 Added RDSR instruction in Figure 6 Added System Power-up Timing Re-aligned CE# with CLK in Mode 3 for all figures Corrected block address range to AMS-A15 in "Block-Erase" on page 10 Removed Industrial temperature parts Updated Figures 2, 4 - 14: Aligned SI waveform with rising edge of clock 2004 Data Book Added footnote 2 to Table 4 on page 6 (PSN: C0250001) Added RoHS compliance information on page 1 and in the "Product Ordering Information" on page 20 Updated the surface mount lead temperature from 240C to 260C and the time from 3 seconds to 10 seconds on page 15. Revised the Absolute Max. Stress Ratings for Surface Mount Solder Reflow Temp. Updated QA package drawing to version 9. Removed leaded parts.
02 03
Apr 2002 Apr 2003
04 05 06 07
Aug 2003 Dec 2003 Apr 2004 Jan 2005
08 09
* * *
Nov 2005 Jan 2006
Silicon Storage Technology, Inc. * 1171 Sonora Court * Sunnyvale, CA 94086 * Telephone 408-735-9110 * Fax 408-735-9036 www.SuperFlash.com or www.sst.com
(c)2005 Silicon Storage Technology, Inc. S71192-09-000 1/06
23


▲Up To Search▲   

 
Price & Availability of SST25VF51210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X