Part Number Hot Search : 
P54N06 LC74760 MV3507DG HER205 W78E54B PR6JPXX CHIPS CHIPS
Product Description
Full Text Search
 

To Download SD-44067-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0440671803 Active
microfit_30 3.00mm (.118") Pitch Micro-Fit 3.0TM Wire-to-Board Header, Dual Row, Vertical for up to 3.56mm (.140") Thick PCB, 18 Circuits, 0.76m (30") Gold (Au) Selective Plating
Documents: 3D Model Drawing (PDF)
Product Specification PS-43045 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Headers 44067 Wire-to-Board High Temperature, Polarization Key to PCB microfit_30 Micro-Fit 3.0TM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Overview Product Name
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 18 18 Black 30 No No No None Yes Gold Tin High Temperature Thermoplastic 2 Vertical 0.158 In 4.01 mm Yes Yes 0.140 In 3.60 mm Tray 0.118 In 3.00 mm 0.118 In 3.00 mm 30 0.75 100 2.5 Yes Fully No Yes -40C to +105C Through Hole - Kinked Pin
Search Parts in this Series 44067Series Mates With 43025 Micro-FitTM Header
Electrical
Current - Maximum per Contact Voltage - Maximum 5A 250V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 30 SMC & Wave Capable (TH only) 3 260
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary PK-70873-0314 PS-43045 SD-44067-001 TS-43045-002
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of SD-44067-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X