Part Number Hot Search : 
L3281AD1 GP15A05 26S150C 2SD25 SD1457 AME4624 3G5UM 0ELT2
Product Description
Full Text Search
 

To Download SD-120114-017 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
1201140030 Active
microchange_m12_connectors Micro-Change(R) Molded Junction Box, Top Mount, 4 Ports, 2(IO) per port, LEDs for PNP sensors, with Integral Mini-Change(R) Home Run Connector
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA UL LR6837 E152210
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments IP Rating NEMA Rating Overview Product Name Passive Distribution Boxes 120114 PNP SENSORS IP68 NEMA 6 microchange_m12_connectors Micro-Change(R) (M12)
Search Parts in this Series 120114Series
Physical
Bus I/O Cable Connector Orientation Cable Length Home Run Cable Length Home Run Connector Home Run Interface Keyway LED Indicator Material - Cable Jacket Material - Housing Material - Metal Material - Plating Mating Orientation Poles Poles (wired) Ports Temperature Range - Operating Wiring Configuration Micro-Change(R) (M12) 90 Angle N/A N/A Mini-Change(R) - 19 pole Integrated Connector Single Yes N/A PBT Copper Alloy Gold over Nickel Top Mount 5 5 4 -20C to +90C Dual I/O per Port
Electrical
Current - Maximum per Contact Functional Wiring Voltage - Maximum 12A per module, 4A per port Parallel 10-30V DC
Material Info
Old Part Number BTY403P-FBB
Reference - Drawing Numbers
Sales Drawing SD-120114-017
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
10
9
8
7
6
5
4
3
2
1
F
124.50 107.00 73.00
F
4.5
33.00
54.00
E
34.00
39.00
E
D
D
22.20
C
18.00
C
MATERIAL NUMBER
OLD PART NUMBER
B
B
DESCRIPTION EC NO: WEU2010-0423 2010/03/08 DRWN: LSTEMMLE ---CH'KD: NSTAUDIG 2010/03/16 APPR: NSTAUDIG
ITEM
COMPONENT
MATERIAL
FINISH
QUALITY SYMBOLS
DESCRIPTION
=
C
=
A
GENERAL TOLERANCES (UNLESS SPECIFIED) mm INCH 0 4 PLACES -- --3 PLACES -- --0 2 PLACES -- .01 1 PLACE 0.3 --ANGULAR --- DRAFT WHERE APPLICABLE MUST REMAIN WITHIN DIMENSIONS
DIMENSION STYLE
SCALE
DESIGN UNITS
MM ONLY
DRAWN BY DATE
2:1
METRIC
THIRD ANGLE PROJECTION
LSTEMMLE
CHECKED BY
2010/03/08
DATE
FP
APPROVED BY
2010/03/09
DATE
MICRO-CHANGE MPIS 4 PORT PNP TOP MOUNT MINI-CHANGE
molex
NSTAUDIG
MATERIAL NO.
2010/03/15
MOLEX INCORPORATED
SHEET NO.
A
DOCUMENT NO.
SEE TABLE
SIZE
SD-120114-017
1 OF 1
1
10 9 8 7 6
REV
A3
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
5
4
3
2
1


▲Up To Search▲   

 
Price & Availability of SD-120114-017

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X