Part Number Hot Search : 
2SK2329 03C22 FP024M L4808CX SRF6G HDT62SR S9S08SG LE120CZ
Product Description
Full Text Search
 

To Download SBW13009-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBW13009-0
High voltage Fast Switching NPN Power Transistor
Features
Very High Switching Speed High voltage Capability Wide Reverse Bias SOA
General Description
This Device is designed for high voltage, High speed switching characteristics required such as system,switching mode power supply. lighting
Absolute Maximum Ratings
Symbol
VCES VCEO VEBO IC ICP IB IBM PC TJ TSTG
Parameter
Collector -Emitter Voltage Collector -Emitter Voltage Emitter -Base Voltage Collector Current Collector pulse Current Base Current Base Peak Current Total Dissipation at Tc=25 Operation Junction Temperature Storage Temperature
Test Conditions
VBE=0 IB=0 IC=0
Value
700 400 9.0 12 25 6.0
Units
V V V A A A A W
tP=5ms
12 110 -40~150 -40~150
Thermal Characteristics
Symbol
RJC RJA
Parameter
Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient
Value
1.13 62.5
Units
/W /W
Rev.A Aug.2010
Copyright@WinSemi Semiconductor Co., Ltd., All right reserved.
SBW13009-0
Electrical Characteristics
Symbol
VCEO(sus)
Parameter
Collector-Emitter Breakdown Voltage
Test conditions
Ic=10mA,Ib=0 Ic=5.0A,Ib=1.0A Ic=8.0A,Ib=1.6A
Value Min
400
Typ
-
Max
1.0
Units
V
-
-
1.5 3.0
V
VCE(sat)
Collector-Emitter Saturation Voltage
Ic=12A,Ib=3.0A Ic=8.0A,Ib=1.6A Tc=100 Ic=5.0A,Ib=1.0A Ic=8.0A,Ib=1.6A -
2.0 1.2
V
V 1.6
VBE(sat)
Base-Emitter Saturation Voltage Ic=8.0A,Ib=1.6A Tc=100 4 1.5 10 40 30 10 0.8 V uA
IEBO hFE ts tf fT
Emitter -Base Cutoff Current DC Current Gain
Veb=9V,Ic=0V Vce=5V,Ic=5.0A Vce=5V,Ic=8.0A
10 6 4
Storage Time Fall Time Current Gain Band width Product
VCC=5.0V,Ic=0.5A (UI9600) Vce=10V,Ic=0.5A
s
MHz
Note :
Pulse Test :Pulse width 300,Duty cycle 2%
2/5
Steady, all for your advance
SBW13009-0
Fig.1 DC Current Gain
Fig.2 Collector -Emitter Saturation voltgae
Fig.3 Base-Emitter Saturation Voltage
Fig.4 Safe Operation Area
Fig.5 Power Derating
Fig.6 Reverse Biased Safe Operation Area
3/5
Steady, all for your advance
SBW13009-0
Resistive Load Switching Test Circuit
Inductive Load Switching & RBSOA Test Circuit
4/5
Steady, all for your advance
SBW13009-0
TO3P(B)Package Dimension
Unit :mm
5/5
Steady, all for your advance


▲Up To Search▲   

 
Price & Availability of SBW13009-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X