Part Number Hot Search : 
00BGC 4ATNBQ6 MAX12 AN32055A C7808 HT317 M38026M5 BSS138W1
Product Description
Full Text Search
 

To Download SBP13009A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBP13009A
High Voltage Fast-Switching NPN Power Transistor
Features
Very High Switching Speed High Voltage Capability Wide Reverse Bias SOA
General Description
This Device is designed for high voltage, High speed switching characteristics required such as lighting system, switching mode power supply.
Absolute Maximum Ratings
Symbol VCES VCEO VEBO IC ICP IB IBM PC TJ TSTG Parameter Collector-Emitter Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector pulse Current Base Current Base Peak Current Total Dissipation at TC = 25 Total Dissipation at TA = 25 Operation Junction Temperature Storage Temperature tP = 5ms Test Conditions VBE = 0 IB = 0 IC = 0 Value 700 400 9.0 12 25 6.0 12 100 2.3 - 40 ~ 150 - 40 ~ 150 Units V V V A A A A W
Tc: Case temperature (good cooling) Ta: Ambient temperature (without heat sink)
Thermal Characteristics
Symbol RJc RJA Parameter Thermal Resistance Junction to Case Thermal Resistance Junction to Ambient Value 1.25 40 Units /W /W
Jan 2009. Rev. 0
Copyright @WinSemi Semiconductor Co.,Ltd.,All rights reserved.
1/5
SBP13009A
Electrical Characteristics (TC=25
unless otherwise noted)
Symbol VCEO(sus)
Value Parameter Collector-Emitter Breakdown Voltage Test Conditions Ic=10mA,Ib=0 Ic=5.0A,Ib=1.0A Ic=8.0A,Ib=1.6A Min 400 Typ Max 0.5 1.0 1.5 2.0 1.2 1.6 1.5 1.0 5.0 40 40
Units V
V
VCE(sat)
Collector-Emitter Saturation Voltage
Ic=12A,Ib=3.0A Ic=8.0A,Ib=1.6A Tc=100 I Ic=5.0A,Ib=1.0A -
V
V
VBE(sat)
Base-Emitter Saturation Voltage
Ic=8.0A,Ib=1.6A Ic=8.0A,Ib=1.6A Tc=100 -
V
ICBO
Collector-Base Cutoff Current (Vbe=-1.5V) DC Current Gain Resistive Load
Vcb=700V Vcb=700V, Tc=100 Vce=5V,Ic=5.0A Vce=5V, Ic=8.0A
10 6 -
-
mA
hFE
ts tf ts tf ts tf
Storage Time Fall Time Inductive Load Storage Time Fall Time Inductive Load Storage Time Fall Time
VCC=125V , IB1=1.6A , Tp=25
Ic=6.0A IB2=-1.6A
1.5 0.17 0.8 0.04 0.8 0.05
3.0 0.4 2.0 0.1 2.5 0.15
VCC=15V ,Ic=5A IB1=1.6A , Vbe(off)=5V L=0.35mH,Vclamp=300V VCC=15V ,Ic=1A IB1=0.4A , Vbe(off)=5V L=0.2mH,Vclamp=300V Tc=100
Note: Pulse Test : Pulse width 300, Duty cycle 2%
2/5
.
SBP13009A
Fig. 1 DC Current Gain
Fig. 2 Collector-Emitter Saturation Voltage
Fig. 3 Base--Emitter Saturation Voltage
Fig. 4 Safe Operation Area
Fig.5 Power Derating
Fig.6 Reverse Biased Safe Operation Area
3/5
SBP13009A
Resistive Load Switching Test Circuit
Inductive Load Switching & RBSOA Test Circuit
4/5
.
SBP13009A
TO-220 Package Dimension
5/5


▲Up To Search▲   

 
Price & Availability of SBP13009A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X