Part Number Hot Search : 
S8035 ACST2 719QU SC2411 N74F166N SR140 2SB942 RT919
Product Description
Full Text Search
 

To Download QHM-4R-11G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QHM-4R-G Series
90 POWER DIVIDERS / COMBINERS
500 MHz to 26.5 GHz / Multi-Octave Bandwidth / Low Insertion Loss / High Isolation / SMA
PRINCIPAL SPECIFICATIONS
Model Number QHM-4R-4.7G QHM-4R-9.5G QHM-4R-10G QHM-4R-11G QHM-4R-12G QHM-4R-14G QHM-4R-16G Frequency Range, GHz 0.5 - 9.0 1.0 - 18.0 2.0 - 18.0 4.0 - 18.0 6.0 - 18.0 2.0 - 26.5 6.0 - 26.5 Isolation, Amplitude Phase Insertion VSWR, dB, Balance, dB, Tolerance, Loss, dB, All Ports, Min. Max. Max. Max. Max. 18 17 17 16 14 14 14 1.0 1.0 1.2 0.8 0.8 1.2 1.3 90 5 90 10 90 7 90 6 90 5 90 10 90 8 1.3 1.8 1.2 1.0 1.3 1.8 1.2 1.40:1 1.35:1 1.40:1 1.40:1 1.35:1 1.50:1 1.60:1 Weight, Outline oz.(g) Dwg Nom. # 10.0 (283) 5.0 (142) 3.5 (99) 1.7 (48) 1.2 (34) 3.5 (99) 1.7 (48) 1 2 3 4 4* 3 4*
*Special order.
GENERAL SPECIFICATIONS
Coupling: Impedance: CW Input: Operating Temperature: -- 3 dB nom. 50 nom. 1 Watt max. -- 55 to +85C
General Notes: 1. The QHM-4R-G series covers 500 MHz to 26.5 GHz using an advanced stripline design for high isolation and low loss. 2. Signals applied to any port will split equally between the opposite pair with the adjacent port remaining isolated. The phase relationship is 0 to the port directly opposite and --90 to the port on the diagonal. 3. These units comply with MIL-P-23971 and can be supplied screened for compliance with additional specifications for military and space applications requiring the highest reliability.
REV 002, 09/22/04
NOTES:
1. Tolerance on 3 place decimals .020(.51) except as noted. 2. Dimensions in inches over millimeters.
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531


▲Up To Search▲   

 
Price & Availability of QHM-4R-11G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X