Part Number Hot Search : 
SL4029BN 1000A 24GT30I 2N3906 SEL6227S 7002D ADG411TQ 124024
Product Description
Full Text Search
 

To Download PC1213EFR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ELECTRONIC FILM CAPACITORS, INC.
SERIES "PC" IGBT CAPACITORS
CONSTRUCTION: Polypropylene dielectric internal series design with double sided metallized carrier, non-impregnated APPLICATIONS: Uninterruptable power supplies (UPS) SCR commutation Switch mode power supply (SMPS) protection IGBT module protection
CHARACTERISTICS: High RMS/Peak currents Low ESR Low self-inductance Low dielectric absorption Screw terminals for easy IGBT mounting SPECIFICATIONS: Capacitance: 0.1 F to 1.5 F Voltage: 850 VDC to 2000 VDC (450 VAC to 660 VAC)
Reidville Industrial Park * 41 Interstate Lane WATERBURY, CONNECTICUT 06705
PHONE (203) 755-5629 FAX (203) 755-0659
Rev.4/97
ELECTRONIC FILM CAPACITORS, INC.
SERIES PC1213EFR
IGBT CAPACITORS
PHYSICAL DIMENSIONS
Case Style "VR" or "ZR"
(will accommodate 39 mm to 48 mm screw centers)
18 mm + 0.5 > 20 mm + 0.5 > > > 14 mm + 0.5 > > > > < > > 5.0 mm + 0.25 < > 23 mm Typ. >< 1.0 mm
Case Style "VO" or "ZO"
(will accommodate 24 mm to 28 mm screw centers)
14 mm + 0.5 >> > 6 mm + 0.25 0.8 mm
>>
6 mm + 1
Reidville Industrial Park * 41 Interstate Lane WATERBURY, CONNECTICUT 06705
PHONE (203) 755-5629 FAX (203) 755-0659
Rev. 4/97
ELECTRONIC FILM CAPACITORS, INC.
SERIES PC1213EFR
IGBT CAPACITORS
DIMENSIONS AND RATINGS
850VDC/450VAC
CAP. F
0.47 0.56 0.68 0.82 1.00 1.20 1.50 T H inches (mm) inches (mm) 0.95 (24.0) 0.95 (24.0) 0.95 (24.0) 0.95 (24.0) 0.95 (24.0) 1.30 (33.0) 1.30 (33.0) 1.06 (27.0) 1.06 (27.0) 1.06 (27.0) 1.06 (27.0) 1.06 (27.0) 1.38 (35.0) 1.38 (35.0) I I CASE (PEAK) (RMS) L CODE amps amps inches (mm) 1.61 (41.0) 1.61 (41.0) 1.61 (41.0) 1.61 (41.0) 1.61 (41.0) 1.61 (41.0) 1.61 (41.0) V V V V V Z Z 153 182 221 267 325 390 488 7.8 8.5 9.0 9.5 10.0 11.5 13.0 ESR M 8.0 7.0 6.0 5.0 4.5 4.0 3.8 dV/dT V/ S 325 325 325 325 325 325 325
1200VDC/500VAC
CAP. F
0.15 0.22 0.33 0.47 0.56 0.68 0.82 1.00 T H inches (mm) inches (mm) 0.95 (24.0) 0.95 (24.0) 0.95 (24.0) 0.95 (24.0) 0.95 (24.0) 0.95 (24.0) 1.30 (33.0) 1.30 (33.0) 1.06 (27.0) 1.06 (27.0) 1.06 (27.0) 1.06 (27.0) 1.06 (27.0) 1.06 (27.0) 1.38 (35.0) 1.38 (35.0) I I CASE (PEAK) (RMS) L CODE amps amps inches (mm) 1.61 (41.0) 1.61 (41.0) 1.61 (41.0) 1.61 (41.0) 1.61 (41.0) 1.61 (41.0) 1.61 (41.0) 1.61 (41.0) V V V V V V Z Z 90 132 198 282 336 408 492 600 7.3 7.5 8.5 9.0 9.5 10.0 12.5 13.5 ESR M 12.0 9.0 7.0 6.0 5.0 4.5 4.0 3.0 dV/dT V/ S 600 600 600 600 600 600 600 600
2000VDC/660VAC
CAP. F
0.10 0.12 0.15 0.22 0.33 0.47 T H inches (mm) inches (mm) 0.95 (24.0) 0.95 (24.0) 0.95 (24.0) 0.95 (24.0) 1.30 (33.0) 1.30 (33.0) 1.06 (27.0) 1.06 (27.0) 1.06 (27.0) 1.06 (27.0) 1.38 (35.0) 1.38 (35.0) I I CASE (PEAK) (RMS) L CODE amps amps inches (mm) 1.61 (41.0) 1.61 (41.0) 1.61 (41.0) 1.61 (41.0) 1.61 (41.0) 1.61 (41.0) V V V V Z Z 85 102 128 187 281 400 6.5 6.8 7.1 8.0 10.5 11.5 ESR M 12.0 11.0 10.0 8.0 6.5 5.5 dV/dT V/ S 850 850 850 850 850 850
Reidville Industrial Park * 41 Interstate Lane WATERBURY, CONNECTICUT 06705
PHONE (203) 755-5629 FAX (203) 755-0659
Rev. 4/97


▲Up To Search▲   

 
Price & Availability of PC1213EFR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X