Part Number Hot Search : 
7C135 PTM10 ZTACVMX 5KP140CA SBC81207 2SC544 PTM10 SU802833
Product Description
Full Text Search
 

To Download P600A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P600A - P600M
6.0 AMPS Silicon Rectifiers P-600
Features
High efficiency, Low VF High current capability High reliability High surge current capability Low power loss
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Pure tin plated, lead free. solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode High temperature soldering guaranteed: 260oC/10 seconds/.375",(9.5mm) lead lengths at 5 lbs., (2.3kg) tension Weight: 0.07 ounce, 2.1 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics o
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA=60oC, 0.375"(9.5mm) Lead Length (Fig 1) TL=60, 0.125"(3.1mm) Lead Length (Fig 2) Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @6.0A @100A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125 Typical Junction Capacitance ( Note 1 ) Typical Thermal Resistance (Note 2) Operating Junction and Storage Temperature Range
Symbol P600A P600B P600D P600G P600J P600K P600M
Units
V V V A
VRRM VRMS VDC I(AV)
50 35 50
100 70 100
200 140 200
400 280 400 6.0 5.0 400 1.0 1.3 5.0 1.0 110 35 5.0
600 420 600
800 560 800
1000 700 1000
IFSM VF IR Cj
RJA RJL
TJ, TSTG
A
1.4
V uA mA pF
o
C/W
o
-50 to + 150
C
Notes:
1. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C. 2. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.
Version: A06
RATINGS AND CHARACTERISTIC CURVES (P600A THRU P600M)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
60 Hz RESISTIVE OR INDUCTIVE LOAD GROUND PLANE 1.0 X 1.0" (25.4 X 25.4mm) COPPER SURFACE AREA 0.050"(1.27mm) min. 1.1 x 1.0" (30 x 30mm) COPPER PADS STANDARD P.C.B. MOUNTING 0.375" (9.5mm) LEAD LENGTH
0 0 20 40 60 80 100 120
o
FIG.2- TYPICAL REVERSE CHARACTERISTICS
100
AVERAGE FORWARD RECTIFIED CURRENT. (A)
6.0 5.0
4.0
INSTANTANEOUS REVERSE CURRENT. ( A)
10
Tj=125 0C
3.0
2.0 1.0
ALTERNATE P.C.B. MOUNTING
Tj=100 0C
1
Tj=25 0C
140
160
180
200
AMBIENT TEMPERATURE. ( C)
0.1
600
FIG.3- MAXIMUM REPETITIVE FORWARD SURGE CURRENT
8.3 SINGLE HALF SINE-WAVE (JEDEC METHOD)
PEAK FORWARD SURGE CURRENT (A)
500 400
0.01 0 20 40 60 80 100 120 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
140
300 200
100
0
100 0.1 1 NUMBER OF CYCLES AT 60 Hz 10
FIG.5- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG.4- TYPICAL JUNCTION CAPACITANCE PER LEG
120 100 80
INSTANTANEOUS FORDWARD CURRENT (A)
10
JUNCTION CAPACITANCE.(pF)
1
Tj=25 0C
60
f=10MHz Vsig=50mVp-p
0.1
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE
0
40 20
0
0.1
0.4
1.0
5
10
50
100
400
1000
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
REVERSE VOLTAGE. (V)
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Version: A06


▲Up To Search▲   

 
Price & Availability of P600A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X