Part Number Hot Search : 
K3322 16543 AT818S40 D4299 MC33111D 54HCT M35V5 2SC5858
Product Description
Full Text Search
 

To Download MS12BNA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Slides
Series MS
Distinctive Characteristics
Available in flat frame and bracketed PC mounting types. Over-center actuator block and plunger design gives crisp actuation with clear indication of circuit status; this design also diminishes sparking and increases operating life. Guide interlocked with actuator block prevents window locking and maintains correct plunger alignment to assure contact stability. Antijamming design protects contacts from damage due to excessive downward force on the actuator. High internal barriers between poles and insulating sheet between case and actuator block give added protection to contacts. Specially composed silver alloy contacts for power applications or gold contacts for logic level applications give high contact reliability. Prominent external insulating barriers increase insulation resistance and dielectric strength. Epoxy sealed terminals prevent entry of flux, solvents, and other contaminants. Clinching of frame to case well above base and terminals provides 1,500V dielectric strength.
Actual Size
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Miniature Slides
Series MS
General Specifications
Electrical Capacity (Resistive Load)
Power Level (code W): Logic Level (code G): Logic/Power Level (code A): 6A @ 125V AC or 3A @ 250V AC 0.4VA maximum @ 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V) Combines W & G ratings Note: Find additional explanation of dual rating & operating range in Supplement section.
Other Ratings
Contact Resistance: Insulation Resistance: Dielectric Strength: Mechanical Life: Electrical Life: Contact Timing: Total Travel:
10 milliohms maximum for silver; 20 milliohms maximum for gold 1,000 megohms minimum @ 500V DC 1,000V AC minimum between contacts for 1 minute minimum; 1,500V AC minimum between contacts & case for 1 minute minimum 100,000 operations minimum 25,000 operations minimum for silver; 50,000 operations minimum for gold Nonshorting (break-before-make) On-None-On circuit .087" (2.2mm); all other circuits .138" (3.5mm)
Materials & Finishes
Actuator: Frame: Dust Cover: Case: Movable Contacts:
Stationary Contacts: Terminals:
Glass fiber reinforced polyester Stainless steel for panel & PCB mount; phosphor bronze with tin plating for bracket mount Phosphor bronze with nickel plating Glass fiber reinforced diallyl phthalate resin (UL94V-0) Silver alloy (code W); copper with gold plating (code G); or silver alloy with gold plating (code A) Silver capped copper with silver plating (code W); copper with gold plating (code G); or silver alloy with gold plating (code A) Copper or brass with silver or gold plating
Environmental Data
Operating Temp Range: Humidity: Vibration: Shock:
-30C through +85C (-22F through +185F) 90 ~ 95% humidity for 96 hours @ 40C (104F) 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Processing
Soldering: Cleaning:
Wave Soldering recommended (PC Mount). See Profile A in Supplement section. Manual Soldering: See Profile A in Supplement section. These devices are not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
Flammability Standards: UL Recognized: C-UL Recognized:
R
CSA Certified:
UL94V-0 rated case All Single & Double Pole Double Throw models recognized at 6A @ 125V AC & 3A @ 250V AC; UL File No. WOYR2.E44145; add "/U" to end of part number to order UL mark on switch. All Single & Double Pole Double Throw models recognized at 6A @ 125V AC & 3A @ 250V AC; UL File No. WOYR8.E44145; add "/C-UL" to end of part number to order C-UL mark on switch. All Double Throw & 3 Throw models certified at 6A @ 125V AC, 3A @ 250V AC, & 0.4VA maximum @ 28V DC; CSA File No. 023535-0-000; add "/C" to end of part number to order CSA mark on switch.
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Miniature Slides
TYPICAL SWITCH ORDERING EXAMPLE
Series MS
MS
1
2
A
S
G
30
POLES
1 2 SPDT DPDT SP3T F N
TERMINALS MOUNTING
Panel Mount (Terminal 01 only) PCB Mount (Terminal 03 only) Bracket Mount (Terminals 13, 30, & 40 only) 01 03 13 30 40 Solder Lug Straight PC Straight with Bracket Right Angle PC Vertical PC
CIRCUITS
2 3 0 ON ON ON NONE OFF ON ON ON ON
S
CONTACT MATERIALS & RATINGS ACTUATORS
A B .150" (3.8mm) Wide for Single or Double Pole .323" (8.2mm) Wide for Double Pole W G A Silver; Rated 6A @ 125V AC & 3A @ 250V AC Gold; Rated 0.4VA max. @ 28V AC/DC max. Gold over Silver; Rated 6A @ 125V AC & 0.4VA max. @ 28V AC/DC max.
IMPORTANT:
Switches are supplied without UL, C-UL & CSA markings unless specified. Specific models & ratings are noted on General Specifications page.
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
MS12ASG30
.150" (3.8mm) Wide Actuator SPDT ON-NONE-ON Circuit
Gold Contacts with 0.4VA Rating Right Angle PC Terminals with Support Bracket
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Miniature Slides
POLES & CIRCUITS
Slide Position Left Pole SP Model MS12 MS13 MS22 MS23 ON ON ON ON NONE OFF NONE OFF ON ON ON ON 2-1 OPEN 2-3 SPDT Center Right Connected Terminals Left Center Right Note:
Series MS
Throw & Schematics Terminal numbers are not actually on the switch.
2 (COM) 1 2 1 (COM) 3 4 3 5 6
DP
2-1 5-4
OPEN
2-3 5-6
DPDT
For 3 Throw (3-On) Connected Terminals & Schematics Pole Model Left ON
External Connection 5 2 (in)
Center ON
External Connection 5 2 (in)
Right ON
External Connection 5 2 (in)
External Connection The SP3T model utilizes a double pole base.
(out)
SP
MS20
1 (out)
3 4 (out) 6 (out)
1 (out)
3 4 (out) 6 (out)
1 (out)
3 4 (out) 6 (out)
2-1 5-4
2-3 5-4
2-3 5-6
External connections must be made during field installation.
External Conn
6 5 4
3 2 1
Common (in) (out)
(out)
ACTUATORS A
.150" (3.8mm) Wide for Single Pole .150" (3.8mm) Wide for Double Pole
B
.323" (8.2mm) Wide for Double Pole Only
(8.2) .323
(3.8) .150
(3.8) .150
(3.8) .150
(3.8) .150
(3.8) .150
CONTACT MATERIALS & RATINGS W G
Silver over Silver Power Level 6A @ 125V AC & 3A @ 250V AC
Gold over Brass or Copper
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Note: Complete explanation of operating range in Supplement section.
A
Gold over Silver
Power Level or Logic Level
6A @ 125V AC or 0.4VA maximum @ 28V AC/DC maximum
Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits within the same application. See Supplement section for complete explanation of dual rating and operating range.
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com 03-07
Miniature Slides
MOUNTING TYPES & TERMINALS F
Panel Mount (Combines with Solder Lug Terminal 01 only)
(2.4) Dia Typ .094 (2.4) Dia Typ .094
Series MS
Straight PC Mount (Combines with Straight PC Terminal 03 only)
N
A
A (17.53) .690 (17.53) .690
Dimension A = .268" (6.8mm) for on-none-on .319" (8.1mm) for on-off-on & on-on-on Maximum Panel Thickness: .197" (5.0mm)
(4.19) .165
(9.0) .354
SP or DP with .150" (3.8mm) Actuator
DP only with .323" (8.2mm) Actuator
S
Support Bracket Mount (For Terminals 13, 30, & 40)
Maximum Panel Thickness: For Straight PC with Bracket Terminal 13: .197" (5.0mm) For Angle Mount Terminals 30 & 40: .177" (4.5mm)
01
Solder Lug
Epoxy Seal (2.0) .079 (4.0) .157
03
Straight PC
Epoxy Seal (6.35) (4.8) .250 .189
13 30 40
Straight PC with Bracket Right Angle PC Vertical PC
(2.0) (1.1) .079 .043 Thk = (0.8) .031
(1.17) .046 Thk = (0.8) .031
TYPICAL SWITCH DIMENSIONS
Solder Lug Terminals
(1.2) R Typ .047
Single Pole
(1.1) x (2.0) Typ .043 x .079 (0.8) Typ .031 (17.53) .690 (19.6) .772
ON 3 2 ON
(3.8) Sq .150
(4.7) Typ .185
(12.7) .500
1
(6.1) .240 (6.6) .260
(0.4) .016 (5.1) (6.4) (4.5) .201 .252 .177
(0.5) .020
(0.5) .020 (2.0) .079
MS12AFW01
Actuator in LEFT Position
Solder Lug Terminals
(1.2) R Typ .047
Double Pole
(1.2) R Typ .047 (1.1) x (2.0) Typ .043 x .079 (0.8) Typ .031 (17.53) .690 (19.6) .772 (17.53) .690 (19.6) .772
ON 6 5 ON 3 2
(2.0) Typ .079
(3.8) .150
(4.7) Typ .185
(12.7) .500
4
1
(3.8) .150 (6.1) .240
(6.1) .240 (8.2) .323
(5.1) .201
(0.5) (0.4) .020 .016 (7.6) (4.5) .299 .177
(4.8) .189 (11.4) .449
(0.5) .020
MS22BFW01
Actuator in LEFT Position 03-07
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
Miniature Slides
TYPICAL SWITCH DIMENSIONS
Straight PC Terminals Single Pole
(0.8) Typ .031
ON 3 2 ON
Series MS
3
(3.8) Sq .150
(4.7) Typ .185
(12.7) .500
2 1
(4.7) Typ .185 (1.8) Dia Typ .073
1
(6.6) .260
(4.8) .189 (5.1) (6.4) (6.35) .201 .252 .250
(0.5) .020 (1.17) .046
MS12ANG03
Actuator in LEFT Position
Straight PC Terminals
Double Pole
(0.8) Typ .031
ON 6 5 ON
(1.17) Typ .046
3 2
3 2 1
(4.8) .189
6 5 4
(3.8) .150
(4.7) Typ .185
(12.7) .500
(4.7) Typ .185
4
1
(1.8) Dia Typ .073 (3.8) .150 (8.2) .323 (5.1) .201 (7.6) .299 (4.8) .189 (6.35) .250 (4.8) .189 (11.4) .449 (0.5) .020
MS22BNG03
Actuator in LEFT Position
Straight PC Terminals with Bracket
(3.8) .150
Single Pole
(4.8) .189 (0.4) Typ .016 (0.8) Typ .031 (15.8) (4.7) Typ .622 .185 (3.2) .126 (1.2) Typ .047
3
(1.6) Typ .063 (7.9) Typ .311 (4.7) Typ .185 (1.8) Dia Typ .073 (1.5) Dia Typ .059
ON
3 2
ON
(3.8) .150
(12.7) .500
2 1
1
(0.36) .014 (5.6) .220 (5.1) .201 (6.7) .264 (13.1) .516 (7.1) .280
(0.5) .020 (1.17) .046
MS12ASG13
Actuator in LEFT Position
Straight PC Terminals with Bracket
(3.8) .150 (8.2) .323
Double Pole
(4.8) .189 (0.4) Typ .016 (0.8) Typ .031 (15.8) (4.7) Typ .622 .185 (3.2) .126 (1.2) Typ .047
3 2
3
(1.6) Typ .063 (2.4) Typ .095
6 5 4
ON
6 5
ON
(3.8) .150
(12.7) .500
2 1
(7.9) Typ .311 (4.7) Typ .185 (1.8) Dia Typ .073 (1.5) Dia Typ .059
4
1
(0.36) .014 (10.4) .409 (10.4) .409 (5.1) .201 (6.7) .264 (14.3) .563
(1.17) Typ .046
(0.5) .020 (4.8) .189 (11.9) .469
C L
MS22BSG13
Actuator in LEFT Position 03-07
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
Miniature Slides
TYPICAL SWITCH DIMENSIONS
Right Angle PC Terminals Single Pole
(5.1) .201
1
Series MS
(12.7) .500
2 3
(3.8) Sq .150
(3.2) (3.81) .126 .150 (1.2) .047 (9.53) .375 (1.27) .050 (0.5) .020
(6.6) .260
3
2
(1.8) Dia Typ .073 (4.7) Typ .185
1
(9.53) .375 (0.8) Typ .031 (4.7) Typ .185 (6.6) Typ .260
(0.4) Typ .016 (13.2) .520
(5.7) .224
(1.5) Dia Typ .059
MS12ASG30
Actuator in LEFT Position
Right Angle PC Terminals
(3.8) .150 (3.8) .150
Double Pole
(5.1) .201
4
(12.7) .500
5 6
6
(1.8) Dia Typ .073 (4.7) Typ .185 5 4
2 1
(3.8) .150
(8.2) .323
(6.2) .245
(3.2) .126 (0.5) .020
(11.4) .449
1 2 3
3
(3.81) .150 (12.7) .500
(0.4) Typ .016 (13.2) .520
(0.4) Typ .016 (13.2) .520
(5.7) .224
(1.2) .047 (12.7) .500
(1.27) Typ .050 (3.81) .150
(0.8) Typ .031 (4.7) Typ .185
(1.5) Dia Typ .059
(6.6) Typ .260
MS22BSG30
Actuator in LEFT Position
Vertical PC Terminals
Single Pole
(5.1) .201
ON 3 2
3
(1.8) Dia Typ .073 (12.7) .500
2 1
ON
(3.8) Sq .150
(3.81) Typ .150
(6.9) .270
1
(10.16) .400 (1.2) Typ .047 (4.45) .175 (5.3) .209 (0.4) .016 (10.16) .400 (0.8) Typ (2.7) .031 .106 (3.81) Typ .150 (6.6) .260 (1.27) .050 (0.5) .020 (4.45) Typ .175 (1.5) Dia Typ .059
MS12ASG40
Actuator in LEFT Position
Vertical PC Terminals
(3.8) .150 (8.2) .323
Double Pole
(5.1) .201
ON 6 5
(11.4) .449
3 2
(0.5) .020
3
(1.8) Dia Typ .073 (4.8) .189
6 5 4
ON
(3.8) .150
(6.9) .270
(12.7) .500
2 1
(3.81) Typ .150
4
1
(1.2) Typ .047 (4.45) .175
(1.2) Typ .047 (4.45) .175
(5.3) .209
(0.4) .016 (12.7) .500
(0.8) Typ (2.7) .031 .106 (3.81) Typ .150
(1.27) Typ .050 (4.8) .189
(12.7) .500 (4.45) Typ .175 (1.5) Dia Typ .059
MS22BSG40
Actuator in LEFT Position 03-07
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com


▲Up To Search▲   

 
Price & Availability of MS12BNA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X