Part Number Hot Search : 
MAX44 BFXXXX ANT24 AM28F SB330S 00159 T1010 ML4823MJ
Product Description
Full Text Search
 

To Download MMBTRA120SS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBTRA116SS...MMBTRA122SS
PNP Silicon Epitaxial Planar Transistor
for switching, interface circuit and drive circuit applications
Collector (Output)
Features * With built-in bias resistors * Simplify circuit design * Reduce a quantity of parts and manufacturing process
Base (Input)
R1 R2 Emitter (Common)
SOT-23 Plastic Package
Resistor Values Type MMBTRA116SS MMBTRA117SS MMBTRA118SS MMBTRA119SS MMBTRA120SS MMBTRA121SS MMBTRA122SS R1 (K) 1 2.2 2.2 4.7 10 47 100 R2 (K) 10 2.2 10 10 4.7 10 100
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Output Voltage MMBTRA116SS MMBTRA117SS MMBTRA118SS Input Voltage MMBTRA119SS MMBTRA120SS MMBTRA121SS MMBTRA122SS Output Current Total Power Dissipation Junction Temperature Storage Temperature Range
Symbol -VO
Value 50 - 10, 5 - 12, 10 - 12, 5
Unit V
VI
- 20, 7 - 30, 10 - 40, 15 - 40, 10
V
-IO Ptot Tj TS
100 200 150 - 55 to + 150
mA mW
O
C C
O
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 29/10/2007
MMBTRA116SS...MMBTRA122SS
Characteristics at Ta = 25 OC Parameter DC Current Gain at -VO = 5 V, -IO = 5 mA at -VO = 5 V, -IO = 20 mA at -VO = 5 V, -IO = 10 mA at -VO = 5 V, -IO = 10 mA at -VO = 5 V, -IO = 10 mA at -VO = 5 V, -IO = 5 mA at -VO = 5 V, -IO = 5 mA Output Cutoff Current at -VO = 50 V Input Current at -VI = 5 V MMBTRA116SS MMBTRA117SS MMBTRA118SS MMBTRA119SS MMBTRA120SS MMBTRA121SS MMBTRA122SS Symbol Min. 33 20 33 30 24 33 62 0.3 0.5 0.3 0.3 0.8 1 0.5 Typ. 250 Max. 500 7.2 3.8 3.8 1.8 0.88 0.16 0.15 0.3 0.3 0.3 0.3 0.3 0.3 0.3 3 3 3 2.5 3 5 3 Unit nA
GI
-IO(OFF) MMBTRA116SS MMBTRA117SS MMBTRA118SS MMBTRA119SS MMBTRA120SS MMBTRA121SS MMBTRA122SS MMBTRA116SS MMBTRA117SS MMBTRA118SS MMBTRA119SS MMBTRA120SS MMBTRA121SS MMBTRA122SS MMBTRA116SS MMBTRA117SS MMBTRA118SS MMBTRA119SS MMBTRA120SS MMBTRA121SS MMBTRA122SS MMBTRA116SS MMBTRA117SS MMBTRA118SS MMBTRA119SS MMBTRA120SS MMBTRA121SS MMBTRA122SS
-II
mA
Output Voltage at -IO = 10 mA, -II = 0.5 mA at -IO = 10 mA, -II = 0.5 mA at -IO = 10 mA, -II = 0.5 mA at -IO = 10 mA, -II = 0.5 mA at -IO = 10 mA, -II = 0.5 mA at -IO = 10 mA, -II = 0.5 mA at -IO = 5 mA, -II = 0.25 mA Input Voltage (ON) at -VO = 0.3 V, -IO = 20 mA at -VO = 0.3 V, -IO = 20 mA at -VO = 0.3 V, -IO = 20 mA at -VO = 0.3 V, -IO = 20 mA at -VO = 0.3 V, -IO = 2 mA at -VO = 0.3 V, -IO = 2 mA at -VO = 0.3 V, -IO = 1 mA Input Voltage (OFF) at -VCC = 5 V, -IO = 100 A
-VO(ON)
V
-VI(ON)
V
-VI(OFF)
V
Transition Frequency at -VO = 10 V, -IO = 5 mA
1)
fT
1)
MHz
Characteristic of transistor only.
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 29/10/2007


▲Up To Search▲   

 
Price & Availability of MMBTRA120SS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X