Part Number Hot Search : 
D2412 9010D 3LP02M 2SK1192 DV2805 V5103 AVS1AC HG62E58
Product Description
Full Text Search
 

To Download MM-B1566-R963 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0365150242 Active
din_41612 2.54mm (.100") Pitch DIN 41612 R Style Male Header with Wire-Wrap, Vertical, Through Hole Press-Fit, 0.60m (24") Selective Gold (Au) Plating, 64 Circuits, without Mounting Clips, No First-Mate-Last-Break, Soldertail Length 13.25mm(.522"), 1.25m (50") N
Documents: Drawing (PDF) Product Specification PS-36515-001 (PDF)
RoHS Certificate of Compliance (PDF)
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Component Type Overview Product Name Style Backplane Connectors 36515 Backplane No Mounting Clips, Secured with Tubular Rivets/ Cheesehead Screws. No First-Mate-Last-Break PCB Header din_41612 IEC 603-2/DIN 41612 R
Search Parts in this Series 36515Series
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB 64 64 1,2,3,...32; a+c Gray 400 No No Yes Phosphor Bronze Gold Nickel Polyester 32 Open Pin Field 2 Vertical 0.522 In 13.25 mm No Yes 0.063 In 1.60 mm Carton 0.100 In 2.54 mm 0.100 In 2.54 mm 24 0.60 49 1.25 No
Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
No No -55C to +125C Through Hole - Compliant Pin, Wire Wrap
Electrical
Current - Maximum per Contact Data Rate Voltage - Maximum 1A 622.0 Mbps 250V AC (RMS)
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-36515-001 SD-36515-011
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of MM-B1566-R963

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X