Part Number Hot Search : 
GE570 BI400 JANS1 00201 87C52 AM1402 810A505 X25C02P
Product Description
Full Text Search
 

To Download MAALSS0042TR-3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAALSS0042
Low Noise Amplifier 1.575 GHz
Features
* * * * * * * * * Low Noise Figure: 1.15 dB High Gain: 27 dB Low Power Consumption: 5V, 20 mA High Dynamic Range Lead-Free SOIC-8 Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant Version of AM50-0002 Rev. V1
Functional Diagram
GND GND
RF IN
GND
GND
RF OUT
Description
M/A-COM's MAALSS0042 is a high performance GaAs MMIC low noise amplifier in a lead-free SOIC 8-lead surface mount plastic package. The MAALSS0042 employs a monolithic 3-stage selfbias design and a simple external matching network to obtain minimum noise figure. The MAALSS0042 is ideally suited for use where low noise figure, high gain, high dynamic range and low power consumption are required. Typical applications include receiver front ends in the Global Positioning System (GPS) market, as well as standard gain blocks, buffer amps, driver amps, and IF amps in both fixed and portable systems. M/A-COM'S MAALSS0042 is fabricated using a mature 0.5-micron gate length GaAs process. The process features full passivation for increased performance reliability.
GND
GND
Pin Configuration 3,4,5
Pin No. 1 2 3 4 5 6 7 8 Pin Name GND RF IN GND GND GND RF OUT GND GND Description Ground RF Input Ground Ground Ground RF Output, VDD Ground Ground
3. Pins 1, 3, 4, 5, 7, and 8 must be RF and DC grounded (see Recommended PCB Configuration). 4. Pin 2 is the RF input and must be connected to the simple matching network shown in the Application Schematic. 5. Pin 6 is the RF output. VDD is also applied on Pin 6.
Ordering Information 1,2
Part Number MAALSS0042 MAALSS0042TR-3000 MAALSS0042SMB Package Bulk Packaging 3000 piece reel Sample Test Board
Absolute Maximum Ratings 6,7
Parameter VDD Input Power Channel Temperature 8 Operating Temperature Storage Temperature Absolute Maximum +10 VDC 17 dBm +150 C -40 C to +85 C -65 C to +150 C
1. Reference Application Note M513 for reel size information. 2. Die quantity varies.
6. Exceeding any one or combination of these limits may cause permanent damage to this device. 7. M/A-COM does not recommend sustained operation near these survivability limits. 8. Typical thermal resistance (jc) = +165 C/W * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAALSS0042
Low Noise Amplifier 1.575 GHz
Electrical Specifications: TA = +25C, VDD = +5 V, Z0 = 50
Parameter Gain Noise Figure Input VSWR Output VSWR Output P1dB Input IP3 Reverse Isolation Bias Current Test Conditions F = 1.575 GHz, PIN = -35 dBm F = 1.575 GHz, PIN = -35 dBm F = 1.575 GHz, PIN = -35 dBm F = 1.575 GHz, PIN = -35 dBm F = 1.575 GHz F = 1.575 GHz, PIN = -35 dBm F = 1.575 GHz, PIN = -35 dBm -- Units dB dB Ratio Ratio dBm dBm dB mA Min. 25 15 Typ. 27 1.15 2.0:1 1.5:1 1 -14 48 20 Max. 29 1.4 25
Rev. V1
Recommended PCB Configuration
Application Schematic
Dimensions in inches (mm).
T1 T2
Frequency = 1.575 GHz Impedance Electrical Length 57.2 36.0 82.7 16.2
Lead-Free SOIC-8
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements. 2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAALSS0042
Low Noise Amplifier 1.575 GHz
Typical Performance
Gain, TA = +25C
28
Rev. V1
Gain over Temperature
28
26
26
24
24
22
22
+25C -40C +85C
20 1.3
1.4
1.5
1.6
1.7
1.8
20 1.3
1.4
1.5
1.6
1.7
1.8
Frequency (GHz)
Frequency (GHz)
Noise Figure, TA = +25C
1.6
Noise Figure over Temperature
1.6
1.4
1.4
1.2
1.2
1.0
1.0
+25C -40C +85C
0.8 1.50
1.52
1.54
1.56
1.58
1.60
0.8 1.50
1.52
1.54
1.56
1.58
1.60
Frequency (GHz)
Frequency (GHz)
Input IP3, TA = +25C
-12
VSWR, TA = +25C
3.0
-13
2.5
-14
2.0
Input Output
-15
1.5
-16 1.50
1.52
1.54
1.56
1.58
1.60
1.0 1.3
1.4
1.5
1.6
1.7
1.8
Frequency (GHz)
3
Frequency (GHz)
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAALSS0042TR-3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X