Part Number Hot Search : 
D1802FX 020JL Z8ICE 2N2906A 5KP100 AOZ6184 D1802FX GT3005
Product Description
Full Text Search
 

To Download LMBZ20VALT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
SOT-23 Dual Common Anode Zeners for ESD Protection
These dual monolithic silicon zener diodes are designed for applications requiring transient overvoltage protection capability. They are intended for use in voltage and ESD sensitive equipment such as computers, printers, business machines, communication systems, medical equipment and other applications. Their dual junction common anode design protects two separate lines using only one package. These devices are ideal for situations where board space is at a premium.
LMBZ6V8ALT1G Series
3
1 2
SOT-23
1.CATHODE
3.ANODE 2.CATHODE
* SOT-23 Package Allows Either Two Separate Unidirectional * * * * * * * *
Configurations or a Single Bidirectional Configuration Working Peak Reverse Voltage Range - 3 V to 26 V Standard Zener Breakdown Voltage Range - 5.6 V to 33 V Peak Power - 24 or 40 Watts @ 1.0 ms (Unidirectional), per Figure 5. Waveform ESD Rating of Class N (exceeding 16 kV) per the Human Body Model Maximum Clamping Voltage @ Peak Pulse Current Low Leakage < 5.0 A Flammability Rating UL 94V-O We declare that the material of product compliance with RoHS requirements.
Specification Features:
MARKING DIAGRAM
xxx
xxx M
= Device Code = Date Code
ORDERING INFORMATION
Device Package Shipping 3000/10000Tape & Reel 3000/10000Tape & Reel 3000/10000Tape & Reel 3000/10000Tape & Reel 3000/10000Tape & Reel 3000/10000Tape & Reel 3000/10000Tape & Reel 3000/10000Tape & Reel 3000/10000Tape & Reel 3000/10000Tape & Reel 3000/10000Tape & Reel
Mechanical Characteristics: CASE: Void-free, transfer-molded, thermosetting plastic case FINISH: Corrosion resistant finish, easily solderable MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
LMBZ5V6ALT1G/T3G SOT-23 LMBZ6V2ALT1G/T3G LMBZ6V8ALT1G/T3G SOT-23 SOT-23
260C for 10 Seconds Package designed for optimal automated board assembly Small package size for high density applications Available in 8 mm Tape and Reel Use the Device Number to order the 7 inch/3,000 unit reel. Replace the "T1" with "T3" in the Device Number to order the 13 inch/10,000 unit reel.
LMBZ9V1ALT1G/T3G SOT-23 LMBZ10VALT1G/T3G LMBZ12VALT1G/T3G LMBZ15VALT1G/T3G LMBZ18VALT1G/T3G LMBZ20VALT1G/T3G LMBZ27VALT1G/T3G LMBZ33VALT1G/T3G SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23
DEVICE MARKING INFORMATION
See specific marking information in the device marking column of the table on page 3 of this data sheet.
LMBZ6V8ALT1G-1/7
M
LESHAN RADIO COMPANY, LTD.
LMBZ6V8ALT1G Series
MAXIMUM RATINGS
Rating Peak Power Dissipation @ 1.0 ms (Note 1.) LMBZ5V6ALT1G thru LMBZ10VALT1G @ TL 25C LMBZ12VALT1G thru LMBZ33VALT1G Total Power Dissipation on FR-5 Board (Note 2.) @ TA = 25C Derate above 25C Thermal Resistance Junction to Ambient Total Power Dissipation on Alumina Substrate (Note 3.) @ TA = 25C Derate above 25C Thermal Resistance Junction to Ambient Junction and Storage Temperature Range Lead Solder Temperature - Maximum (10 Second Duration) 1. Non-repetitive current pulse per Figure 5. and derate above TA = 25C per Figure 6. 2. FR-5 = 1.0 x 0.75 x 0.62 in. 3. Alumina = 0.4 x 0.3 x 0.024 in., 99.5% alumina *Other voltages may be available upon request Symbol Ppk PD RJA PD RJA TJ, Tstg TL Value 24 40 225 1.8 556 300 2.4 417 - 55 to +150 260 Unit Watts mW mW/C C/W mW mW/C C/W C C
ELECTRICAL CHARACTERISTICS
(TA = 25C unless otherwise noted) UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or 2 and 3) Symbol IPP VC VRWM IR VBR IT QVBR IF VF ZZT IZK ZZK Parameter Maximum Reverse Peak Pulse Current Clamping Voltage @ IPP Working Peak Reverse Voltage Maximum Reverse Leakage Current @ VRWM Breakdown Voltage @ IT Test Current Maximum Temperature Coefficient of VBR Forward Current Forward Voltage @ IF Maximum Zener Impedance @ IZT Reverse Current Maximum Zener Impedance @ IZK VC VBR VRWM IF
I
IR VF IT
V
IPP
Uni-Directional TVS
LMBZ6V8ALT1G-2/7
LESHAN RADIO COMPANY, LTD.
LMBZ6V8ALT1G Series
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or Pins 2 and 3) 24 WATTS (VF = 0.9 V Max @ IF = 10 mA)
IR @ VRWM mA 5.0 0.5 Breakdown Voltage VBR (Note 4.) (V) Min 5.32 5.89 Nom 5.6 6.2 Max 5.88 6.51 @ IT mA 20 1.0 Max Zener Impedance (Note 5.) ZZT @ IZT 11 - ZZK @ IZK 1600 - mA 0.25 - VC @ IPP (Note 6.) VC V 8.0 8.7 IPP A 3.0 2.76 QVBR mV/5C 1.26 2.80
Device LMBZ5V6ALT1G LMBZ6V2ALT1G
Device Marking 5A6 6A2
VRWM Volts 3.0 3.0
(VF = 1.1 V Max @ IF = 200 mA)
Breakdown Voltage Device Marking 6A8 9A1 10A VRWM Volts 4.5 6.0 6.5 IR @ VRWM mA 0.5 0.3 0.3 VBR (Note 4.) (V) Min 6.46 8.65 9.50 Nom 6.8 9.1 10 Max 7.14 9.56 10.5 @ IT mA 1.0 1.0 1.0 VC @ IPP (Note 6.) VC V 9.6 14 14.2 IPP A 2.5 1.7 1.7 QVBR mV/5C 3.4 7.5 7.5
Device LMBZ6V8ALT1G LMBZ9V1ALT1G LMBZ10VALT1G
(VF = 1.1 V Max @ IF = 200 mA)
VRWM Volts 8.5 12 14.5 17 22 26 IR @ VRWM nA 200 50 50 50 50 50
40 WATTS
Breakdown Voltage VC @ IPP (Note 6.) @ IT mA 1.0 1.0 1.0 1.0 1.0 1.0 VC V 17 21 25 28 40 46 IPP A 2.35 1.9 1.6 1.4 1.0 0.87 QVBR mV/5C 7.5 12.3 15.3 17.2 24.3 30.4 VBR (Note 4.) (V) Min 11.40 14.25 17.10 19.00 25.65 31.35 Nom 12 15 18 20 27 33 Max 12.60 15.75 18.90 21.00 28.35 34.65
Device LMBZ12VALT1G LMBZ15VALT1G LMBZ18VALT1G LMBZ20VALT1G LMBZ27VALT1G LMBZ33VALT1G
Device Marking 12A 15A 18A 20A 27A 33A
4. VBR measured at pulse test current IT at an ambient temperature of 25C. 5. ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for IZ(AC) = 0.1 IZ(DC), with the AC frequency = 1.0 kHz. 6. Surge current waveform per Figure 5. and derate per Figure 6.
LMBZ6V8ALT1G-3/7
LESHAN RADIO COMPANY, LTD.
LMBZ6V8ALT1G Series
TYPICAL CHARACTERISTICS
18 BREAKDOWN VOLTAGE (VOLTS) (VBR @ I T ) 15 12 9 6 3 0 -40 IR (nA) 0 +50 TEMPERATURE (C) +100 +150 1000 100 10 1 0.1 0.01 -40
+25 +85 TEMPERATURE (C)
+125
Figure 1. Typical Breakdown Voltage versus Temperature
(Upper curve for each voltage is bidirectional mode, lower curve is unidirectional mode) 320 280 PD , POWER DISSIPATION (mW) C, CAPACITANCE (pF) 240 200 160 120 80 40 0 0 1 BIAS (V) 2 3 5.6 V 300 250 200 150 100 50 0
Figure 2. Typical Leakage Current versus Temperature
ALUMINA SUBSTRATE
15 V
FR-5 BOARD
0
25
50
75 100 125 TEMPERATURE (C)
150
175
Figure 3. Typical Capacitance versus Bias Voltage
(Upper curve for each voltage is unidirectional mode, lower curve is bidirectional mode)
Figure 4. Steady State Power Derating Curve
LMBZ6V8ALT1G-4/7
LESHAN RADIO COMPANY, LTD.
LMBZ6V8ALT1G Series
TYPICAL CHARACTERISTICS
PULSE WIDTH (tP) IS DEFINED AS THAT POINT WHERE THE PEAK CURRENT DECAYS TO 50% OF IPP. IPP 2 PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT @ TA = 25 C 100 90 80 70 60 50 40 30 20 10 0 0 25 50 75 100 125 150 TA, AMBIENT TEMPERATURE (C) 175 200
tr 10 ms 100 VALUE (%) PEAK VALUE - IPP
HALF VALUE 50 tP 0
0
1
2
3 t, TIME (ms)
4
Figure 5. Pulse Waveform LMBZ5V6ALT1
100 Ppk PEAK SURGE POWER (W) Ppk PEAK SURGE POWER (W) RECTANGULAR WAVEFORM, TA = 25C BIDIRECTIONAL 10 100
Figure 6. Pulse Derating Curve LMBZ5V6ALT1
RECTANGULAR WAVEFORM, TA = 25C BIDIRECTIONAL
UNIDIRECTIONAL
10 UNIDIRECTIONAL
1
0.1
1
10 PW, PULSE WIDTH (ms)
100
1000
0.1 UNIDIRECTIONAL
1
1
10 PW, PULSE WIDTH (ms)
100
1000
Figure 7. Maximum Non-repetitive Surge Power, Ppk versus PW
Power is defined as VRSM x IZ(pk) where VRSM is the clamping voltage at IZ(pk).
Figure 8. Maximum Non-repetitive Surge Power, Ppk(NOM) versus PW
Power is defined as VZ(NOM) x IZ(pk) where VZ(NOM) is the nominal zener voltage measured at the low test current used for voltage classification.
LMBZ6V8ALT1G -5/7
LESHAN RADIO COMPANY, LTD.
LMBZ6V8ALT1G Series
TYPICAL COMMON ANODE APPLICATIONS A quad junction common anode design in a SOT-23 package protects four separate lines using only one package. This adds flexibility and creativity to PCB design especially when board space is at a premium. Two simplified examples of TVS applications are illustrated below.
Computer Interface Protection
A KEYBOARD TERMINAL PRINTER ETC. B I/O C D FUNCTIONAL DECODER
GND LMBZ5V6ALT1G THRU LMBZ33VALT1G
Microprocessor Protection
VDD VGG ADDRESS BUS RAM ROM
DATA BUS I/O
CPU CLOCK
LMBZ5V6ALT1G THRU LMBZ33VALT1G
CONTROL BUS
GND LMBZ5V6ALT1G THRU LMBZ33VALT1G
LMBZ6V8ALT1G-6/7
LESHAN RADIO COMPANY, LTD.
LMBZ6V8ALT1G Series
SOT-23
NOTES:
A L
3 1 2
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
BS
DIM A B C D G H J K L S V
V
G
C D H K J
INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236
MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
PIN 1. BASE 2. EMITTER 3. COLLECTOR
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
LMBZ6V8ALT1G-7/7
LESHAN RADIO COMPANY, LTD.
EMBOSSED TAPE AND REEL DATA FOR DISCRETES
T Max Outside Dimension Measured at Edge 13.0mm 0.5mm 1.5mm Min (.512 .002'') (.06'') A
20.2mm Min (.795'')
50mm Min (1.969'')
Full Radius
G Inside Dimension Measured Near Hub
Size 8 mm
A Max 330mm (12.992'')
G 8.4mm+1.5mm, -0.0 (.33''+.059'', -0.00)
T Max 14.4mm (.56'')
Reel Dimensions
Metric Dimensions Govern -- English are in parentheses for reference only
Storage Conditions Temperature: 5 to 40 Deg.C (20 to 30 Deg. C is preferred) Humidity: 30 to 80 RH (40 to 60 is preferred ) Recommended Period: One year after manufacturing (This recommended period is for the soldering condition only. The characteristics and reliabilities of the products are not restricted to this limitation)
LESHAN RADIO COMPANY, LTD.
Shipment Specification
CPN
LABEL LABEL
LABEL 10Reel/Inner Box 30KPCS/Inner Box
Dim(Unit:mm)
195mm*195mm*150mm
10 Reel
3000PCS/Reel 8000PCS/Reel (SOT-723,SOD-723)
80KPCS/Inner Box (SOT-723,SOD-723)
Dim(Unit:mm)
460mm*400mm*420mm
LABEL
MARK
Leshan Radio Company,Ltd.
12 Inner Box/Carton 360KPCS/Carton
960KPCS/Carton (SOT-723,SOD-723)


▲Up To Search▲   

 
Price & Availability of LMBZ20VALT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X