Part Number Hot Search : 
CSP14 2SA93 101M10 TT2897 40CPQ080 SL611 BR2505 MC74LV
Product Description
Full Text Search
 

To Download IRFH5020PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD -97428
IRFH5020PBF
HEXFET(R) Power MOSFET VDS RDS(on) max
(@VGS = 10V)
200 55 36 1.9 43
V m: nC
Qg (typical) RG (typical) ID
:
A
(@Tc(Bottom) = 25C)
PQFN 5X6 mm
Applications * Secondary Side Synchronous Rectification * Inverters for DC Motors * DC-DC Brick Applications * Boost Converters Features and Benefits
Features Benefits
Low RDSon Low Thermal Resistance to PCB ( 0.5C/W) 100% Rg tested Low Profile ( 0.9 mm)
Lower Conduction Losses Enable better thermal dissipation Increased Reliability results in Increased Power Density Industry-Standard Pinout Multi-Vendor Compatibility Easier Manufacturing Compatible with Existing Surface Mount Techniques Environmentally Friendlier RoHS Compliant Containing no Lead, no Bromide and no Halogen MSL1, Industrial Qualification Increased Reliability
Orderable part number IRFH5020TRPBF IRFH5020TR2PBF
Package Type PQFN 5mm x 6mm PQFN 5mm x 6mm
Standard Pack Form Quantity Tape and Reel 4000 Tape and Reel 400
Note
Absolute Maximum Ratings
VDS VGS ID @ TA = 25C ID @ TA = 70C ID @ TC(Bottom) = 25C ID @ TC(Bottom) = 100C ID @ TC(Top) = 25C ID @ TC(Top) = 100C IDM PD @TA = 25C PD @ TC(Top) = 25C TJ TSTG Parameter Drain-to-Source Voltage Gate-to-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Power Dissipation Max. 200 20 5.1 4.1 43 27 7.8 4.9 63 3.6 8.3 0.07 -55 to + 150 Units V
A
g f
c
W W/C C
Linear Derating Factor Operating Junction and Storage Temperature Range
f
www.irf.com
Notes through are on page 8
1
10/7/09
IRFH5020PBF
Static @ TJ = 25C (unless otherwise specified)
BVDSS VDSS/TJ RDS(on) VGS(th) VGS(th) IDSS IGSS gfs Qg Qgs1 Qgs2 Qgd Qgodr Qsw Qoss RG td(on) tr td(off) tf Ciss Coss Crss Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Gate Threshold Voltage Coefficient Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Forward Transconductance Total Gate Charge Pre-Vth Gate-to-Source Charge Post-Vth Gate-to-Source Charge Gate-to-Drain Charge Gate Charge Overdrive Switch Charge (Qgs2 + Qgd) Output Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. 200 --- --- 3.0 --- --- --- --- --- 18 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- 0.02 47 --- -12 --- --- --- --- --- 36 8.6 2.1 11 14 13 13 1.9 9.3 7.7 21 6.0 2290 120 33 Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 55 m VGS = 10V, ID = 7.5A 5.0 V VDS = VGS, ID = 150A --- mV/C 20 A VDS = 200V, VGS = 0V 1.0 mA VDS = 200V, VGS = 0V, TJ = 125C VGS = 20V 100 nA -100 VGS = -20V --- S VDS = 50V, ID = 7.5A 54 VDS = 100V --- VGS = 10V --- nC ID = 7.5A --- --- See Fig.17 & 18 --- --- nC VDS = 16V, VGS = 0V
e
--- --- --- --- --- --- --- ---
ns VDD = 100V, VGS = 10V ID = 7.5A RG=1.8 See Fig.15 VGS = 0V VDS = 100V = 1.0MHz
pF
Avalanche Characteristics
EAS IAR Parameter Single Pulse Avalanche Energy Avalanche Current
d
Min. --- --- Typ. --- ---
Typ. --- ---
Max. 320 7.5
Units mJ A
Diode Characteristics
IS ISM VSD trr Qrr ton Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time Max. Units 7.5 A 63 Conditions MOSFET symbol showing the integral reverse
G S D
--- --- 1.3 V --- 46 69 ns --- 97 150 nC Time is dominated by parasitic Inductance
p-n junction diode. TJ = 25C, IS = 7.5A, VGS = 0V TJ = 25C, IF = 7.5A, VDD = 100V di/dt = 500A/s
e
eA
Thermal Resistance
RJC (Bottom) RJC (Top) RJA RJA (<10s) Junction-to-Case Junction-to-Case Junction-to-Ambient Junction-to-Ambient
f f
Parameter
g g
Typ. --- --- --- ---
Max. 0.5 15 35 21
Units C/W
2
www.irf.com
IRFH5020PBF
1000
TOP
1000
ID, Drain-to-Source Current (A)
100
ID, Drain-to-Source Current (A)
10
BOTTOM
VGS 10V 8.0V 7.0V 6.0V 5.5V 5.0V 4.8V 4.5V
TOP
100
BOTTOM
VGS 10V 8.0V 7.0V 6.0V 5.5V 5.0V 4.8V 4.5V
1
10
0.1
4.5V
1
0.01
4.5V 60s PULSE WIDTH Tj = 25C
60s PULSE WIDTH Tj = 150C
0.1 0.1 1 10 100
0.001 0.1 1 10 100
VDS, Drain-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
100
Fig 2. Typical Output Characteristics
2.5
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID, Drain-to-Source Current (A)
10
2.0
ID = 7.5A VGS = 10V
TJ = 150C
1
1.5
TJ = 25C
0.1
1.0
VDS = 50V 60s PULSE WIDTH
0.01 3.0 4.0 5.0 6.0 7.0
0.5
0.0 -60 -40 -20 0 20 40 60 80 100 120 140 160
VGS, Gate-to-Source Voltage (V)
TJ , Junction Temperature (C)
Fig 3. Typical Transfer Characteristics
100000 VGS = 0V, f = 1 MHZ Ciss = Cgs + Cgd, Cds SHORTED Crss = Cgd Coss = Cds + Cgd
Fig 4. Normalized On-Resistance Vs. Temperature
16
VGS, Gate-to-Source Voltage (V)
ID= 7.5A 12
C, Capacitance (pF)
10000
VDS = 160V VDS = 100V VDS = 40V
Ciss
1000
8
Coss
100
4
Crss
10 1 10 100 1000
0 0 10 20 30 40 50 QG Total Gate Charge (nC)
VDS, Drain-to-Source Voltage (V)
Fig 5. Typical Capacitance Vs.Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs.Gate-to-Source Voltage
www.irf.com
3
IRFH5020PBF
100
1000
ID, Drain-to-Source Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
ISD , Reverse Drain Current (A)
100
10
TJ = 150C
10 1msec 10msec 1 Tc = 25C Tj = 150C Single Pulse 0.1 1 10 100 1000 100sec
1
TJ = 25C
VGS = 0V
0.1 0.2 0.4 0.6 0.8 1.0
VSD , Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
8 6.0
Fig 8. Maximum Safe Operating Area
ID , Drain Current (A)
6
VGS(th) Gate threshold Voltage (V)
5.0
ID = 1.0A ID = 1.0mA ID = 500A ID = 150A
4
4.0
2
3.0
0 25 50 75 100 125 150
2.0 -75 -50 -25 0 25 50 75 100 125 150
TA , Ambient Temperature (C)
TJ , Temperature ( C )
Fig 9. Maximum Drain Current Vs. Case (Top) Temperature
100
Fig 10. Threshold Voltage Vs. Temperature
Thermal Response ( ZthJC )
10
D = 0.50 0.20 0.10 0.05 0.02 0.01
1
0.1
0.01
SINGLE PULSE ( THERMAL RESPONSE )
Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthjc + Tc
0.01 0.1 1 10 100
0.001 1E-006 1E-005 0.0001 0.001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case (Top)
4
www.irf.com
IRFH5020PBF
( RDS (on), Drain-to -Source On Resistance m)
160
ID = 7.5A
EAS, Single Pulse Avalanche Energy (mJ)
1400 1200 1000 800 600 400 200 0 25 50 75 100 125 150
120
ID 1.1A 1.6A BOTTOM 7.5A
TOP
TJ = 125C
80
TJ = 25C
40 4 8 12 16 20
VGS, Gate-to-Source Voltage (V)
Starting TJ , Junction Temperature (C)
Fig 12. On-Resistance vs. Gate Voltage
Fig 13. Maximum Avalanche Energy vs. Drain Current
V(BR)DSS
15V
tp
VDS
L
DRIVER
RG
20V
D.U.T
IAS tp
+ V - DD
A
I AS
0.01
Fig 14a. Unclamped Inductive Test Circuit
Fig 14b. Unclamped Inductive Waveforms
VDS VGS RG V10V GS
Pulse Width 1 s Duty Factor 0.1
RD
90%
D.U.T.
+
VDS
-VDD
10%
VGS
td(on) tr td(off) tf
Fig 15a. Switching Time Test Circuit
Fig 15b. Switching Time Waveforms
www.irf.com
5
IRFH5020PBF
D.U.T
Driver Gate Drive
+
P.W.
Period
D=
P.W. Period VGS=10V
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
-
-
+
RG
* * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
V DD
VDD
+ -
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices
Fig 16. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET(R) Power MOSFETs
Vds Vgs
Id
L
0
DUT 1K
S
VCC
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 17. Gate Charge Test Circuit
Fig 18. Gate Charge Waveform
6
www.irf.com
IRFH5020PBF
PQFN 5x6 Outline "B" Package Details
For footprint and stencil design recommendations, please refer to application note AN-1154 at http://www.irf.com/technical-info/appnotes/an-1154.pdf
PQFN 5x6 Outline "B" Part Marking
INTERNATIONAL RECTIFIER LOGO
DATE CODE ASSEMBLY SITE CODE
(Per SCOP 200-002)
PIN 1 IDENTIFIER
XXXX XYWWX XXXXX
PART NUMBER
("4 or 5 digits")
MARKING CODE
(Per Marking Spec)
LOT CODE
(Eng Mode - Min last 4 digits of EATI#) (Prod Mode - 4 digits of SPN code)
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/
www.irf.com
7
IRFH5020PBF
PQFN Tape and Reel
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/
Qualification information
Qualification level Moisture Sensitivity Level RoHS compliant Indus trial (per JE DE C JE S D47F PQFN 5mm x 6mm Yes

guidelines ) MS L1
(per JE DE C J-S T D-020D
)

Qualification standards can be found at International Rectifier's web site http://www.irf.com/product-info/reliability Higher qualification ratings may be available should the user have such requirements. Please contact your International Rectifier sales representative for further information: http://www.irf.com/whoto-call/salesrep/ Applicable version of JEDEC standard at the time of product release.
Notes: Repetitive rating; pulse width limited by max. junction temperature. Starting TJ = 25C, L = 11.3mH, RG = 25, IAS = 7.5A. Pulse width 400s; duty cycle 2%. R is measured at TJ of approximately 90C. When mounted on 1 inch square 2 oz copper pad on 1.5x1.5 in. board of FR-4 material.
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.10/2009
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRFH5020PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X