Part Number Hot Search : 
CB214 CFA1012 2N5442 CPC5604 XPC15GFH 2SC3459 CT240 NMA0512S
Product Description
Full Text Search
 

To Download IRFH5010PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD -96297
IRFH5010PBF
HEXFET(R) Power MOSFET
VDS RDS(on) max
(@VGS = 10V)
100 9.0 65 1.2 100h
V m nC A
PQFN 5X6 mm
Qg (typical) RG (typical) ID
(@Tc(Bottom) = 25C)
Applications
* Secondary Side Synchronous Rectification * Inverters for DC Motors * DC-DC Brick Applications
Features and Benefits
Features Benefits
Low RDSon (< 9 m) Low Thermal Resistance to PCB (<0.5C/W) 100% Rg tested Low Profile (<0.9 mm) Industry-Standard Pinout Compatible with Existing Surface Mount Techniques RoHS Compliant Containing no Lead, no Bromide and no Halogen MSL1, Industrial Qualification
Lower Conduction Losses Increased Power Density Increased Reliability results in Increased Power Density Multi-Vendor Compatibility Easier Manufacturing Environmentally Friendlier Increased Reliability
Orderable part number IRFH5010TRPBF IRFH5010TR2PBF
Package Type PQFN 5mm x 6mm PQFN 5mm x 6mm
Standard Pack Form Quantity Tape and Reel 4000 400 Tape and Reel
Note
Absolute Maximum Ratings
VDS VGS ID @ TA = 25C ID @ TA = 70C ID @ TC(Bottom) = 25C ID @ TC(Bottom) = 100C IDM PD @TA = 25C PD @ TC(Bottom) = 25C TJ TSTG Parameter Drain-to-Source Voltage Gate-to-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Power Dissipation Max. 100 20 13 11 100h 70 400 3.6 250 0.029 -55 to + 150 Units V
A
g g
c
W W/C C
Linear Derating Factor Operating Junction and Storage Temperature Range
g
Notes through are on page 8
www.irf.com
1
03/29/10
IRFH5010PBF
Static @ TJ = 25C (unless otherwise specified)
BVDSS VDSS/TJ RDS(on) VGS(th) VGS(th) IDSS IGSS gfs Qg Qgs1 Qgs2 Qgd Qgodr Qsw Qoss RG td(on) tr td(off) tf Ciss Coss Crss Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Gate Threshold Voltage Coefficient Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Forward Transconductance Total Gate Charge Pre-Vth Gate-to-Source Charge Post-Vth Gate-to-Source Charge Gate-to-Drain Charge Gate Charge Overdrive Switch Charge (Qgs2 + Qgd) Output Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. 100 --- --- 2.0 --- --- --- --- --- 206 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- Typ. --- 0.11 7.5 --- -8.3 --- --- --- --- --- 65 11 4.3 20 30 24 18 1.2 9 12 27 8.6 4340 425 162 Max. Units Conditions --- V VGS = 0V, ID = 250uA --- V/C Reference to 25C, ID = 1.0mA 9.0 m VGS = 10V, ID = 50A 4.0 V VDS = VGS, ID = 150A --- mV/C VDS = 100V, VGS = 0V 20 A 250 VDS = 100V, VGS = 0V, TJ = 125C VGS = 20V 100 nA -100 VGS = -20V --- S VDS = 25V, ID = 50A 98 VDS = 50V --- --- VGS = 10V nC --- ID = 50A --- --- --- nC VDS = 16V, VGS = 0V
e
--- --- --- --- --- --- --- ---
ns VDD = 50V, VGS = 10V ID = 50A RG=1.3 VGS = 0V VDS = 25V = 1.0MHz
pF
Avalanche Characteristics
EAS IAR Parameter Single Pulse Avalanche Energy Avalanche Current
d
Min. --- --- Typ. --- ---
Typ. --- ---
Max. 227 50
Units mJ A
Diode Characteristics
IS ISM VSD trr Qrr ton Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time Max. Units 100h A 400 Conditions MOSFET symbol showing the integral reverse
G S D
--- --- 1.3 V --- 34 51 ns --- 256 384 nC Time is dominated by parasitic Inductance
p-n junction diode. TJ = 25C, IS = 50A, VGS = 0V TJ = 25C, IF = 50A, VDD = 50V di/dt = 500A/s
e
eA
Thermal Resistance
RJC (Bottom) RJC (Top) RJA RJA (<10s) Junction-to-Case Junction-to-Case Junction-to-Ambient Junction-to-Ambient
f f
Parameter
g g
Typ. --- --- --- ---
Max. 0.5 15 35 22
Units C/W
2
www.irf.com
IRFH5010PBF
1000
TOP VGS 15V 10V 7.00V 5.00V 4.50V 4.25V 4.00V 3.75V
1000
TOP VGS 15V 10V 7.00V 5.00V 4.50V 4.25V 4.00V 3.75V
ID, Drain-to-Source Current (A)
10
BOTTOM
ID, Drain-to-Source Current (A)
100
100
BOTTOM
1 3.75V
10 3.75V
0.1
60s PULSE WIDTH
0.01 0.1 1 Tj = 25C 1 10 100 0.1 1
60s PULSE WIDTH
Tj = 150C 10 100
V DS, Drain-to-Source Voltage (V)
V DS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
1000
Fig 2. Typical Output Characteristics
2.5
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = 50A 2.0
ID, Drain-to-Source Current (A)
VGS = 10V
100 T J = 150C 10
1.5
1
T J = 25C VDS = 50V 60s PULSE WIDTH
1.0
0.1 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7
0.5 -60 -40 -20 0 20 40 60 80 100 120 140 160 T J , Junction Temperature (C)
VGS, Gate-to-Source Voltage (V)
Fig 3. Typical Transfer Characteristics
100000
VGS = 0V, f = 1 MHZ C iss = C gs + C gd, C ds SHORTED C oss = C ds + C gd
Fig 4. Normalized On-Resistance Vs. Temperature
14 ID= 37A
10000
C, Capacitance (pF)
VGS, Gate-to-Source Voltage (V)
C rss = C gd
12 10 8 6 4 2 0
VDS= 80V VDS= 50V VDS= 20V
Ciss 1000 Coss Crss 100
10 1 10 VDS, Drain-to-Source Voltage (V) 100
0
10
20
30
40
50
60
70
80
90
QG, Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs.Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs.Gate-to-Source Voltage
www.irf.com
3
IRFH5010PBF
1000
10000
OPERATION IN THIS AREA LIMITED BY RDS(on)
ID, Drain-to-Source Current (A)
ISD, Reverse Drain Current (A)
100
T J = 150C
1000
TJ = 25C 10
100
100sec
10
1msec
1 VGS = 0V 0.1 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 VSD, Source-to-Drain Voltage (V)
1
10msec Tc = 25C Tj = 150C Single Pulse 0.10 1 10 100 1000
0.1 VDS, Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
120 100
ID, Drain Current (A)
VGS(th) , Gate threshold Voltage (V)
Fig 8. Maximum Safe Operating Area
4.5
Limited By Package
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 ID = 1.0A ID = 1.0mA ID = 500A ID = 150A -75 -50 -25 0 25 50 75 100 125 150
80 60 40 20 0 25 50 75 100 125 150 T C , Case Temperature (C)
T J , Temperature ( C )
Fig 9. Maximum Drain Current Vs. Case (Bottom) Temperature
1
Thermal Response ( Z thJC ) C/W
Fig 10. Threshold Voltage Vs. Temperature
D = 0.50 0.1 0.20 0.10 0.05 0.02 0.01 0.01 SINGLE PULSE ( THERMAL RESPONSE ) Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthjc + Tc 0.001 0.01 0.1
0.001 1E-006
1E-005
0.0001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case (Bottom)
4
www.irf.com
IRFH5010PBF
RDS(on), Drain-to -Source On Resistance (m )
25 ID = 50A 20 T J = 125C 15
1000
EAS , Single Pulse Avalanche Energy (mJ)
800
ID 5.4A 11.6A BOTTOM 50A TOP
600
10 T J = 25C
400
5
200
0 2 4 6 8 10 12 14 16 18 20
0 25 50 75 100 125 150 Starting T J , Junction Temperature (C)
VGS, Gate -to -Source Voltage (V)
Fig 12. On-Resistance vs. Gate Voltage
Fig 13. Maximum Avalanche Energy vs. Drain Current
V(BR)DSS
15V
tp
VDS
L
DRIVER
RG
20V
D.U.T
IAS tp
+ V - DD
A
I AS
0.01
Fig 14a. Unclamped Inductive Test Circuit
Fig 14b. Unclamped Inductive Waveforms
VDS VGS RG V10V GS
Pulse Width 1 s Duty Factor 0.1
RD
90%
D.U.T.
+
VDS
-VDD
10%
VGS
td(on) tr td(off) tf
Fig 15a. Switching Time Test Circuit
Fig 15b. Switching Time Waveforms
www.irf.com
5
IRFH5010PBF
D.U.T
Driver Gate Drive
+
P.W.
Period
D=
P.W. Period VGS=10V
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
-
-
+
RG
* * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
V DD
VDD
+ -
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices
Fig 16. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET(R) Power MOSFETs
Vds Vgs
Id
L
0
DUT 1K
S
VCC
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 17. Gate Charge Test Circuit
Fig 18. Gate Charge Waveform
6
www.irf.com
IRFH5010PBF
PQFN 5x6 Outline "B" Package Details
For footprint and stencil design recommendations, please refer to application note AN-1154 at http://www.irf.com/technical-info/appnotes/an-1154.pdf
PQFN 5x6 Outline "B" Part Marking
INTERNATIONAL RECTIFIER LOGO
DATE CODE ASSEMBLY SITE CODE
(Per SCOP 200-002)
PIN 1 IDENTIFIER
XXXX XYWWX XXXXX
PART NUMBER
("4 or 5 digits")
MARKING CODE
(Per Marking Spec)
LOT CODE
(Eng Mode - Min last 4 digits of EATI#) (Prod Mode - 4 digits of SPN code)
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/
www.irf.com
7
IRFH5010PBF
PQFN 5x6 Outline "B" Tape and Reel
Qualification information
Qualification level Moisture Sensitivity Level RoHS compliant Indus trial (per JE DE C JE S D47F PQFN 5mm x 6mm Yes

guidelines ) MS L1
(per JE DE C J-S T D-020D
)

Qualification standards can be found at International Rectifier's web site http://www.irf.com/product-info/reliability Higher qualification ratings may be available should the user have such requirements. Please contact your International Rectifier sales representative for further information: http://www.irf.com/whoto-call/salesrep/ Applicable version of JEDEC standard at the time of product release.
Notes: Repetitive rating; pulse width limited by max. junction temperature. Starting TJ = 25C, L = 0.181mH, RG = 50, IAS = 50A. Pulse width 400s; duty cycle 2%. R is measured at TJ of approximately 90C. When mounted on 1 inch square 2 oz copper pad on 1.5x1.5 in. board of FR-4 material. Calculated continuous current based on maximum allowable junction temperature. Package is limited to 100A by production test capability
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.03/2010
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRFH5010PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X