Part Number Hot Search : 
TA0245A 4707NT1 40000 5KE11A 3S4YR M204SD GC1512 DSR1AS1A
Product Description
Full Text Search
 

To Download EC12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Entry Modules with Line Filter www.schurter.com/pg06 IEC Appliance Inlet C14 with Filter, Line Switch 2-pole
EC2
Standard- or Medical-Filter
C20
70 C -PanelMount: Screw-onmountingfromfrontside -3Functions: ApplianceInletProtectionclassI,LineSwitch2-pole,Linefilterinstandardandmedicalversion -Quickconnectterminals6.3x0.8mm -Alternative:versionwithoutlinefilterEC11
Description
Characteristics
-Allsingleelementsarealreadywired -Lineswitchnon-illuminated Illuminatedversiononrequest -WithEMC-shield -Idealforapplicationwithhightransientloads -QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request References Weblinks
Approvals
-VDELicenseNumber:40001522 -ULLicenseNumber:E72928
-Lineswitch,illuminated -Lineswitchwithotherrockermarking GeneralProductInformation Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store, Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC RatingsUL/CSA LeakageCurrent DielectricStrength 12-16A@Ta40C/250VAC;50Hz 12-20A@Ta40C/125VAC;60Hz standard<0.5mA(250V/60Hz) medical<5A(250V/60Hz) >1.7kVDCbetweenL-N >2.7kVDCbetweenL/N-PE Testvoltage(2sec) -25Cto85C 25/085/21acc.toIEC60068-1 fromfrontsideIP40acc.toIEC60529 Suitableforapplianceswithprotection class1acc.toIEC61140 Quickconnectterminals6.3x0.8mm Screw:max8mm Mountingscrewtorquemax0.5Nm Thermoplastic,black,UL94V-0 Appliance-Inlet/-Outlet C20acc.toIEC/EN60320-1, UL498,CSAC22.2no.42(forcold conditions)pin-temperature70C,16A, ProtectionClass1 Rockerswitch2-pole,non-illuminated, acc.toIEC61058-1 Technicaldetails StandardandMedicalVersion,IEC 60939,IEC60601-1,UL1283,UL544, EN133200,CSAC22.2no.8 Technicaldetails >1'700'000hacc.toMIL-HB-217F
LineSwitch
AllowableOperationTemp. ClimaticCategory DegreeofProtection ProtectionClass Terminal PanelThicknesss Material:Housing
LineFilter
MTBF
EMC Products
EC2
www.schurter.com/pg06 Dimensions
59.5mm
Power Entry Modules with Line Filter
37 32.2
31.1
2.8 0.8
R
32.9 3.6
R
3. 55
0
.0
5
10.9
R 2.
8
4. 7
12.55
12.2
57 0.10
46.2
3.3 6.4 9.5 59.5
S 5.3
33.9 0.10
Technical Data of Filter-Components
Rated Current [A] 12 16 20 12 16 20 Filter-Type Standard Version Standard Version Standard Version Medical Version (M5) Medical Version (M5) Medical Version (M5) Internally wired prewired prewired prewired prewired prewired prewired Inductances L [mH] 2 x 0.8 2 x 0.6 2 x 0.3 2 x 0.8 2 x 0.6 2 x 0.3 Capacitance CX [nF] 100 100 100 100 100 100 Capacitance CY [nF] 2.2 2.2 2.2 R [M] 1 1 1 1 1 1
Diagrams Standard version
Medical version (M5)
1) Line 2) Load
1) Line 2) Load ----differentialmode_____commonmode
Attenuation Loss 12 A
Standardversion
16 A
20 A
2
EMC Products
4.55 0.05
R
5.5
R6
.5
48 0.10
05 3.
23.85
23.85
45.7
68
57
Power Entry Modules with Line Filter www.schurter.com/pg06
Medicalversion(M5)
EC2
20 A
12 A
16 A
Variants
Rated Current [A] 12 16 20 12 16 20 12 16 20 12 16 20 Filter-Type Standard Version Standard Version Standard Version Standard Version Standard Version Standard Version Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Medical Version (M5) Internally wired Line Switch 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole 2-pole Order Number EC12.3101.001 EC12.2101.001 EC12.1101.001 EC12.3101.002 EC12.2101.002 EC12.1101.002 EC12.3201.001 EC12.2201.001 EC12.1201.001 EC12.3201.002 EC12.2201.002 EC12.1201.002
Packaging unit Accessories
20Pcs
Description
Assorted Covers Rear Cover 0859.0076 0859.0108
Cord retaining kits Cord retaining strain relief Flat head, Z Flat head, H 0888.0021 4700.0008
Mating Outlets/Connectors
Category / Description Connector Overview complete IEC Connector C19, Rewireable, Straight IEC Connector C19, Rewireable, Angled IEC Connector C19, Rewireable, Straight IEC Connector C19, Rewireable, Angled IEC Connector C19, Rewireable, Straight Connector further types to EC12 0104 1651 1652 4790 4795
EMC Products
EC2
www.schurter.com/pg06
Power Cord Overview complete Power Cord with IEC Connector C19, Straight Power Cord further types to EC12
Power Entry Modules with Line Filter
1654
Power Supply or Interconnection Cord Overview complete Divers Power Supply and Interconnection Cords 16 A Power Supply or Interconnection Cord further types to EC12 Kabelverbindung/16 A
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon EMC Products currentinformation.Allcontentissubjecttomodificationsandamendments.


▲Up To Search▲   

 
Price & Availability of EC12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X