Part Number Hot Search : 
FB2022B 0APBF ALE12F06 XQVR1000 2SB1126 1N5235B VC00P 06022031
Product Description
Full Text Search
 

To Download DS174710 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-5504; Rev 9/10
DS1747/DS1747P Y2K-Compliant, Nonvolatile Timekeeping RAMs
www.maxim-ic.com
FEATURES
Integrated NV SRAM, Real-Time Clock (RTC), Crystal, Power-Fail Control Circuit, and Lithium Energy Source Clock Registers are Accessed Identically to the Static RAM. These Registers are Resident in the Eight Top RAM Locations Century Byte Register (Y2K Compliant) Totally Nonvolatile with Over 10 Years of Operation in the Absence of Power BCD-Coded Century, Year, Month, Date, Day, Hours, Minutes, and Seconds with Automatic Leap Year Compensation Valid Up to the Year 2100 Battery Voltage-Level Indicator Flag Power-Fail Write Protection Allows for 10% VCC Power-Supply Tolerance Lithium Energy Source is Electrically Disconnected to Retain Freshness Until Power is Applied for the First Time DIP Module Only: Standard JEDEC Byte-Wide 512k x 8 Static RAM Pinout PowerCap Module Board Only: Surface-Mountable Package for Direct Connection to PowerCap Containing Battery and Crystal Replaceable Battery (PowerCap) Power-On Reset Output Pin-for-Pin Compatible with Other Densities of DS174xP Timekeeping RAM Also Available in Industrial Temperature Range: -40C to +85C
PIN CONFIGURATIONS
TOP VIEW A18 A16 A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 GND 1 Maxim 2 3 DS1747 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 VCC A15 A17 WE A13 A8 A9 A11 OE A10 CE DQ7 DQ6 DQ5 DQ4 DQ3


Encapsulated DIP (512k x 8)
N.C. A15 A16
RST
VCC WE OE CE DQ7 DQ6 DQ5 DQ4 DQ3 DQ2 DQ1 DQ0 GND
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17
Maxim
DS1747P
X1
GND
VBAT
X2
34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18
A18 A17 A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
PowerCap Module Board (Uses DS9034PCX PowerCap)
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
1 of 16
DS1747/DS1747P Y2K-Compliant, Nonvolatile Timekeeping RAMs
PIN DESCRIPTION
EDIP 1 2 3 4 5 6 7 8 9 10 11 12 23 25 26 27 28 30 31 13 14 15 17 18 19 20 21 16 22 24 29 32 -- -- -- -- PIN PowerCap 34 3 32 30 25 24 23 22 21 20 19 18 28 29 27 26 31 33 2 16 15 14 13 12 11 10 9 17 8 7 6 5 1 4
(See Pin Configuration) (See Pin Configuration)
NAME A18 A16 A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 A10 A11 A9 A8 A13 A17 A15 DQ0 DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 GND CE OE WE VCC N.C. RST X1, X2 VBAT
FUNCTION
Address Input
Data Input/Output
Ground Active-Low Chip-Enable Input Active-Low Output-Enable Input Active-Low Write-Enable Input Power-Supply Input No Connection Active-Low Power-On Reset Output Crystal Input, Output Connections Battery Connection
2 of 16
DS1747/DS1747P Y2K-Compliant, Nonvolatile Timekeeping RAMs
ORDERING INFORMATION
PART DS1747-70+ DS1747-70IND+ DS1747P-70+ DS1747P-70IND+ DS1747W-120+ DS1747W-120IND+ DS1747WP-120+ DS1747WP-120IND+ SUPPLY VOLTAGE (V) 5.0 5.0 5.0 5.0 3.3 3.3 3.3 3.3 TEMP RANGE 0C to +70C -40C to +85C 0C to +70C -40C to +85C 0C to +70C -40C to +85C 0C to +70C -40C to +85C PIN-PACKAGE 32 EDIP (0.740a) 32 EDIP (0.740a) 34 PowerCap* 34 PowerCap* 32 EDIP (0.740a) 32 EDIP (0.740a) 34 PowerCap* 34 PowerCap* TOP MARK DS1747-70+ DS1747-70IND+ DS1747P+70 DS1747P+70 IND DS1747W-120+ DS1747W-120IND+ DS1747WP+120 DS1747WP+120 IND
+Denotes a lead(Pb)-free/RoHS-compliant package. *DS9034PCX+ or DS9034I-PCX+ required (must be ordered separately). A "+" indicates lead(Pb)-free. The top mark will include a "+" symbol on lead(Pb)-free devices.
DESCRIPTION
The DS1747 is a full-function, year-2000-compliant (Y2KC), real-time clock/calendar (RTC) and 512k x 8 nonvolatile static RAM. User access to all registers within the DS1747 is accomplished with a byte-wide interface as shown in Figure 1. The RTC information and control bits reside in the eight uppermost RAM locations. The RTC registers contain century, year, month, date, day, hours, minutes, and seconds data in 24-hour binary-coded decimal (BCD) format. Corrections for the date of each month and leap year are made automatically. The RTC clock registers are double buffered to avoid access of incorrect data that can occur during clock update cycles. The double-buffered system also prevents time loss as the timekeeping countdown continues unabated by access to time register data. The DS1747 also contains its own power-fail circuitry that deselects the device when the VCC supply is in an out-oftolerance condition. This feature prevents loss of data from unpredictable system operation brought on by low VCC as errant access and update cycles are avoided.
3 of 16
DS1747/DS1747P Y2K-Compliant, Nonvolatile Timekeeping RAMs
Figure 1. Block Diagram
Maxim DS1747
PACKAGES
The DS1747 is available in two packages (32-pin DIP and 34-pin PowerCap module). The 32-pin DIP style module integrates the crystal, lithium energy source, and silicon all in one package. The 34-pin PowerCap Module Board is designed with contacts for connection to a separate PowerCap (DS9034PCX) that contains the crystal and battery. This design allows the Power-Cap to be mounted on top of the DS1747P after the completion of the surface mount process. Mounting the PowerCap after the surface mount process prevents damage to the crystal and battery due to the high temperatures required for solder reflow. The PowerCap is keyed to prevent reverse insertion. The PowerCap Module Board and PowerCap are ordered separately and shipped in separate containers. The part number for the PowerCap is DS9034PCX.
TIME AND DATE OPERATIONS
The contents of the time and date registers are in BCD format. The day-of-week register increments at midnight. Values that correspond to the day of week are user-defined, but must be sequential (i.e., if 1 equals Sunday, then 2 equals Monday and so on). Illogical time and date entries result in undefined operation.
CLOCK OPERATIONS--READING THE CLOCK
While the double-buffered register structure reduces the chance of reading incorrect data, internal updates to the DS1747 clock registers should be halted before clock data is read to prevent reading of data in transition. However, halting the internal clock register updating process does not affect clock accuracy. Updating is halted when a one is written into the read bit, bit 6 of the century register (see Table 2). As long as a one remains in that position, updating is halted. After a halt is issued, the registers reflect the count, that is day, date, and time that was current at the moment the halt command was issued. However, the internal clock registers of the double-buffered system continue to update so that the clock accuracy is not affected by the access of data. All the DS1747 registers are updated simultaneously after the internal clock register updating process has been re-enabled. Updating is within a second after the read bit is written to zero. The READ bit must be set to a zero for a minimum of 500s to ensure the external registers will be updated.
4 of 16
DS1747/DS1747P Y2K-Compliant, Nonvolatile Timekeeping RAMs
Table 1. Truth Table VCC VCC>VPF VSOSETTING THE CLOCK
As shown in Table 2, bit 7 of the century register is the write bit. Setting the write bit to a one, like the read bit, halts updates to the DS1747 registers. The user can then load them with the correct day, date and time data in 24-hour format. Resetting the write bit to a zero then transfers those values to the actual clock counters and allows normal operation to resume.
STOPPING AND STARTING THE CLOCK OSCILLATOR
The clock oscillator may be stopped at any time. To increase the shelf life, the oscillator can be turned off to minimize current drain from the battery. The OSC bit is the MSB (bit 7) of the seconds registers, see Table 2. Setting it to a one stops the oscillator.
FREQUENCY TEST BIT
As shown in Table 2, bit 6 of the day byte is the frequency test bit. When the frequency test bit is set to logic "1" and the oscillator is running, the LSB of the seconds register will toggle at 512Hz. When the seconds register is being read, the DQ0 line will toggle at the 512Hz frequency as long as conditions for access remain valid (i.e., CE low, OE low, WE high, and address for seconds register remain valid and stable).
CLOCK ACCURACY (DIP MODULE)
The DS1747 is guaranteed to keep time accuracy to within 1 minute per month at +25C. The RTC is calibrated at the factory by Maxim using nonvolatile tuning elements, and does not require additional calibration. For this reason, methods of field clock calibration are not available and not necessary. The electrical environment also affects the clock accuracy, and caution should be taken to place the RTC in the lowest-level EMI section of the PC board layout. For additional information, refer to Application Note 58.
CLOCK ACCURACY (PowerCap MODULE)
The DS1747 and DS9034PCX are each individually tested for accuracy. Once mounted together, the module typically keeps time accuracy to within 1.53 minutes per month (35 ppm) at +25C. Clock accuracy is also affected by the electrical environment and caution should be taken to place the RTC in the lowest-level EMI section of the PC board layout. For additional information, refer to Application Note 58.
5 of 16
DS1747/DS1747P Y2K-Compliant, Nonvolatile Timekeeping RAMs
Table 2. Register Map
ADDRESS 7FFFF 7FFFE 7FFFD 7FFFC 7FFFB 7FFFA 7FFF9 7FFF8
OSC = Stop Bit W = Write Bit
DATA B7 X X BF X X OSC W B6 10 Year X X FT X 10 Month 10 Date X X 10 Hour 10 Minutes 10 Seconds 10 Century
R = Read Bit X = See Note
B5 X
B4
B3
B2 Year Month Date
B1
B0
FUNCTION Year Month Date Day Hour Minutes Seconds Century
RANGE 00-99 01-12 01-31 01-07 00-23 00-59 00-59 00-39
X
R
Day Hour Minutes Seconds Century
FT = Frequency Test BF = Battery Flag
NOTE: All indicated "X" bits are unused, but must be set to "0" during write cycles to ensure proper clock operation.
RETRIEVING DATA FROM RAM OR CLOCK
The DS1747 is in the read mode whenever OE (output enable) is low, WE (write enable) is high, and CE (chip enable) is low. The device architecture allows ripple-through access to any of the address locations in the NV SRAM. Valid data will be available at the DQ pins within tAA after the last address input is stable, providing that the CE and OE access times and states are satisfied. If CE or OE access times and states are not met, valid data will be available at the latter of chip-enable access (tCEA) or at output enable access time (tOEA). The state of the data input/output pins (DQ) is controlled by CE and OE. If the outputs are activated before tAA, the data lines are driven to an intermediate state until tAA. If the address inputs are changed while CE and OE remain valid, output data will remain valid for output data hold time (tOH) but will then go indeterminate until the next address access.
WRITING DATA TO RAM OR CLOCK
The DS1747 is in the write mode whenever WE, and CE are in their active state. The start of a write is referenced to the latter occurring transition of WE or CE. The addresses must be held valid throughout the cycle. CE or WE must return inactive for a minimum of tWR prior to the initiation of another read or write cycle. Data in must be valid tDS prior to the end of write and remain valid for tDH afterward. In a typical application, the OE signal will be high during a write cycle. However, OE can be active provided that care is taken with the data bus to avoid bus contention. If OE is low prior to WE transitioning low the data bus can become active with read data defined by the address inputs. A low transition on WE will then disable the output tWEZ after WE goes active.
6 of 16
DS1747/DS1747P Y2K-Compliant, Nonvolatile Timekeeping RAMs
DATA-RETENTION MODE
The 5V device is fully accessible and data can be written or read only when VCC is greater than VPF. However, when VCC is below the power failing point, VPF, (point at which write protection occurs) the internal clock registers and SRAM are blocked from any access. At this time the power fail reset output signal (RST) is driven active and will remain active until VCC returns to nominal levels. When VCC falls below the battery switch point VSO (battery supply level), device power is switched from the VCC pin to the backup battery. RTC operation and SRAM data are maintained from the battery until VCC is returned to nominal levels. The 3.3V device is fully accessible and data can be written or read only when VCC is greater than VPF. When VCC falls below the power fail point, VPF, access to the device is inhibited. At this time the power fail reset output signal (RST) is driven active and will remain active until VCC returns to nominal levels. If VPF is less than VSO, the device power is switched from VCC to the backup supply (VBAT) when VCC drops below VPF. If VPF is greater than Vso, the device power is switched from VCC to the backup supply (VBAT) when VCC drops below VSO. RTC operation and SRAM data are maintained from the battery until VCC is returned to nominal levels. The RST signal is an open drain output and requires a pull up. Except for the RST, all control, data, and address signals must be powered down when VCC is powered down.
BATTERY LONGEVITY
The DS1747 has a lithium power source that is designed to provide energy for clock activity, and clock and RAM data retention when the VCC supply is not present. The capability of this internal power supply is sufficient to power the DS1747 continuously for the life of the equipment in which it is installed. For specification purposes, the life expectancy is 10 years at +25C with the internal clock oscillator running in the absence of VCC power. Each DS1747 is shipped from Maxim with its lithium energy source disconnected, guaranteeing full energy capacity. When VCC is first applied at a level greater than VPF, the lithium energy source is enabled for battery backup operation. Actual life expectancy of the DS1747 will be much longer than 10 years since no lithium battery energy is consumed when VCC is present.
BATTERY MONITOR
The DS1747 constantly monitors the battery voltage of the internal battery. The Battery Flag bit (bit 7) of the day register is used to indicate the voltage level range of the battery. This bit is not writable and should always be a one when read. If a zero is ever present, an exhausted lithium energy source is indicated and both the contents of the RTC and RAM are questionable.
7 of 16
DS1747/DS1747P Y2K-Compliant, Nonvolatile Timekeeping RAMs
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground.......................................................................-0.3V to +6.0V Operating Temperature Range (Noncondensing) Commercial.......................................................................................................................0C to +70C Industrial............................................................................................................-40C to +85C Storage Temperature Range EDIP ....................................................................................................................-40C to +85C PowerCap ........................................................................................................................... -55C to +125C Lead Temperature (soldering, 10s)....................................................................................................+260C Note: EDIP is hand or wave-soldered only. Soldering Temperature (reflow, PowerCap) .................................................................................................. +260C
This is a stress rating only and functional operation of the device at these or any other condition above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA = Over the Operating Range) PARAMETER SYMBOL MIN TYP MAX UNITS NOTES
Logic 1 Voltage All Inputs
Logic 0 Voltage All Inputs
VCC = 5V10% VCC = 3.3V10% VCC = 5V10% VCC = 3.3V10%
VIH VIH VIL VIL
2.2 2.0 -0.3 -0.3
VCC + 0.3V VCC + 0.3V +0.8 +0.6
V V V V
1 1 1 1
DC ELECTRICAL CHARACTERISTICS
(VCC = 5.0V 10%, TA = Over the Operating Range.)
PARAMETER Active Supply Current TTL Standby Current ( CE = VIH) CMOS Standby Current ( CE VCC - 0.2V) Input Leakage Current (Any Input) Output Leakage Current (Any Output) Output Logic 1 Voltage (IOUT = -1.0mA) Output Logic 0 Voltage (IOUT = +2.1mA) Write Protection Voltage Battery Switchover Voltage
SYMBOL Icc Icc1 Icc2 IIL IOL VOH VOL VPF VSO
MIN
TYP
MAX 85 6 4
UNITS mA mA mA A A
NOTES 2, 3, 10 2, 3 2, 3
-1 -1 2.4
+1 +1
1 0.4 1 V 1 1, 4
4.25 VBAT
4.50
8 of 16
DS1747/DS1747P Y2K-Compliant, Nonvolatile Timekeeping RAMs
DC ELECTRICAL CHARACTERISTICS
(VCC = 3.3V 10%, TA = Over the Operating Range.)
PARAMETER Active Supply Current TTL Standby Current ( CE = VIH) CMOS Standby Current ( CE VCC - 0.2V) Input Leakage Current (Any Input) Output Leakage Current (Any Output) Output Logic 1 Voltage (IOUT = -1.0mA) Output Logic 0 Voltage (IOUT = +2.1mA) Write Protection Voltage Battery Switchover Voltage
SYMBOL Icc Icc1 Icc2 IIL IOL VOH VOL VPF VSO
MIN
TYP
MAX 30 2 2
UNITS mA mA mA A A
NOTES 2, 3, 10 2, 3 2, 3
-1 -1 2.4
+1 +1
1 0.4 1 V V 1 1, 4
2.80 VBAT or VPF
2.97
AC CHARACTERISTICS--READ CYCLE (5V)
(VCC = 5.0V 10%, TA = Over the Operating Range.)
PARAMETER Read Cycle Time Address Access Time
CE to DQ Low-Z CE E Access Time CE Data Off Time OE to DQ Low-Z OE Access Time OE Data Off Time
SYMBOL tRC tAA tCEL tCEA tCEZ tOEL tOEA tOEZ tOH
MIN 70
TYP
MAX
UNITS ns
NOTES
70 5 70 25 5 35 25 5
ns ns ns ns ns ns ns ns
Output Hold from Address
9 of 16
DS1747/DS1747P Y2K-Compliant, Nonvolatile Timekeeping RAMs
AC CHARACTERISTICS--READ CYCLE (3.3V)
(VCC = 3.3V 10%, TA = Over the Operating Range.)
PARAMETER Read Cycle Time Address Access Time
CE to DQ Low-Z CE E Access Time CE Data Off Time OE to DQ Low-Z OE Access Time OE Data Off Time
SYMBOL tRC tAA tCEL tCEA tCEZ tOEL tOEA tOEZ tOH
MIN 120
TYP
MAX
UNITS ns
NOTES
120 5 120 40 5 100 35 5
ns ns ns ns ns ns ns ns
Output Hold from Address
READ CYCLE TIMING DIAGRAM
10 of 16
DS1747/DS1747P Y2K-Compliant, Nonvolatile Timekeeping RAMs
AC CHARACTERISTICS--WRITE CYCLE (5V)
(VCC = 5.0V 10%, TA = Over the Operating Range.)
PARAMETER Write Cycle Time Address Setup Time
WE Pulse Width CE Pulse Width
SYMBOL tWC tAS tWEW tCEW tDS tDH1 tDH2 tAH1 tAH2 tWEZ tWR
MIN 70 0 50 60 30 0 0 5 5
TYP
MAX
UNITS ns ns ns ns ns ns ns ns ns
NOTES
Data Setup Time Data Hold Time Data Hold Time Address Hold Time Address Hold Time
WE Data Off Time
8 9 8 9
25 5
ns ns
Write Recovery Time
AC CHARACTERISTICS--WRITE CYCLE (3.3V)
(VCC = 3.3V 10%, TA = Over the Operating Range.)
PARAMETER Write Cycle Time Address Setup Time
WE Pulse Width CE Pulse Width CE and CE2 Pulse Width
SYMBOL tWC tAS tWEW tCEW tCEW tDS tDH1 tDH2 tAH1 tAH2 tWEZ tWR
MIN 120 0 100 110 110 80 0 0 0 10
TYP
MAX
UNITS ns
NOTES
120
ns ns ns ns ns ns ns ns ns 8 9 8 9
Data Setup Time Data Hold Time Data Hold Time Address Hold Time Address Hold Time
WE Data Off Time
40 10
ns ns
Write Recovery Time
11 of 16
DS1747/DS1747P Y2K-Compliant, Nonvolatile Timekeeping RAMs
WRITE CYCLE TIMING DIAGRAM, WRITE-ENABLE CONTROLLED
WRITE CYCLE TIMING DIAGRAM, CHIP-ENABLE CONTROLLED
12 of 16
DS1747/DS1747P Y2K-Compliant, Nonvolatile Timekeeping RAMs
POWER-UP/DOWN AC CHARACTERISTICS (5V)
(VCC = 5.0V 10%, TA = Over the Operating Range.)
PARAMETER
CE or WE at VH Before Power-Down VCC Fall Time: VPF(MAX) to VPF(MIN)
SYMBOL tPD tF tFB tR tREC tDR
MIN 0 300 10 0
TYP
MAX
UNITS s s s s
NOTES
VCC Fall Time: VPF(MIN) to VSO VCC Rise Time: VPF(MIN) to VPF(MAX) Power-Up Recover Time VPF to RST High (PowerCap Only) Expected Data-Retention Time (Oscillator ON)
35 10
ms years 5, 6
POWER-UP/DOWN TIMING (5V DEVICE)
13 of 16
DS1747/DS1747P Y2K-Compliant, Nonvolatile Timekeeping RAMs
POWER-UP/DOWN CHARACTERISTICS (3.3V)
(VCC = 3.3V 10%, TA = Over the Operating Range.)
PARAMETER
CE or WE at VH, Before Power-Down VCC Fall Time: VPF(MAX) to VPF(MIN) VCC Rise Time: VPF(MIN) to VPF(MAX) Power-Up Recover Time VPF to RST High (PowerCap Only) Expected Data-Retention Time (Oscillator ON)
SYMBOL tPD tF tR tREC tDR
MIN 0 300 0
TYP
MAX
UNITS s s s
NOTES
35 10
ms years 5, 6
POWER-UP/DOWN WAVEFORM TIMING (3.3V DEVICE)
CAPACITANCE
(TA = +25C)
PARAMETER Capacitance on All Input Pins Capacitance on All Output Pins
SYMBOL CIN CO
MIN
TYP
MAX 14 10
UNITS pF pF
NOTES
14 of 16
DS1747/DS1747P Y2K-Compliant, Nonvolatile Timekeeping RAMs
AC TEST CONDITIONS
Output Load: 50 pF + 1TTL Gate Input Pulse Levels: 0 to 3.0V Timing Measurement Reference Levels: Input: 1.5V Output: 1.5V Input Pulse Rise and Fall Times: 5ns
NOTES:
1) Voltages are referenced to ground. 2) Typical values are at +25C and nominal supplies. 3) Outputs are open. 4) Battery switchover occurs at the lower of either the battery terminal voltage or VPF. 5) Data-retention time is at +25C. 6) Each DS1747 has a built-in switch that disconnects the lithium source until the user first applies VCC. The expected tDR is defined for DIP modules and assembled PowerCap modules as accumulative time in the absence of VCC starting from the time power is first applied by the user. 7) RTC encapsulated DIP (EDIP) modules can be successfully processed through conventional wavesoldering techniques as long as temperatures as long as temperature exposure to the lithium energy source contained within does not exceed +85C. Post-solder cleaning with water-washing techniques is acceptable, provided that ultra-sonic vibration is not used. See the PowerCap package drawing on our website for details regarding the PowerCap package (www.maxim-ic.com/packages). 8) tAH1, tDH1 are measured from WE going high. 9) tAH2, tDH2 are measured from CE going high. 10) tWC = 200ns.
PACKAGE INFORMATION
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note that a "+", "#", or "-" in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the package regardless of RoHS status.
PACKAGE TYPE 32 EDIP 34 PWRCP
PACKAGE CODE MDT32+4 PC2+1
DOCUMENT NO. 21-0245 21-0246
LAND PATTERN NO. -- --
15 of 16
DS1747/DS1747P Y2K-Compliant, Nonvolatile Timekeeping RAMs
REVISION HISTORY
REVISION DATE DESCRIPTION Updated the Ordering Information table top mark information and removed leaded parts; updated the Absolute Maximum Ratings section to include the storage temperature range and lead and soldering temperatures for EDIP and PowerCap packages; added Note 10 to the ICC parameter in the DC Electrical Characteristics tables (for 5.0V and 3.3V) and the Notes section; updated the Package Information table PAGES CHANGED
9/10
3, 8, 9, 15
16 of 16
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
2010 Maxim Integrated Products Maxim and the Dallas logo are registered trademarks of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of DS174710

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X