|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CY62137CV18 MoBL2TM 128K x 16 Static RAM Features * High speed -- 55 ns and 70 ns availability * Low voltage range: -- 1.65V-1.95V * Pin-compatible with CY62137BV18 * Ultra-low active power -- Typical Active Current: 0.5 mA @ f = 1 MHz -- Typical Active Current: 1.5 mA @ f = fmax (70 ns speed) Low standby power Easy memory expansion with CE and OE features Automatic power-down when deselected CMOS for optimum speed/power reduces power consumption by 99% when addresses are not toggling. The device can also be put into standby mode when deselected (CE HIGH or both BLE and BHE are HIGH). The input/output pins (I/O0 through I/O15) are placed in a high-impedance state when: deselected (CE HIGH), outputs are disabled (OE HIGH), both Byte High Enable and Byte Low Enable are disabled (BHE, BLE HIGH), or during a write operation (CE LOW, and WE LOW). Writing to the device is accomplished by taking Chip Enable (CE) and Write Enable (WE) inputs LOW. If Byte Low Enable (BLE) is LOW, then data from I/O pins (I/O0 through I/O7), is written into the location specified on the address pins (A0 through A16). If Byte High Enable (BHE) is LOW, then data from I/O pins (I/O8 through I/O15) is written into the location specified on the address pins (A0 through A16). Reading from the device is accomplished by taking Chip Enable (CE) and Output Enable (OE) LOW while forcing the Write Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW, then data from the memory location specified by the address pins will appear on I/O0 to I/O7. If Byte High Enable (BHE) is LOW, then data from memory will appear on I/O8 to I/O15. See the Truth Table at the back of this data sheet for a complete description of read and write modes. The CY62137CV18 is available in a 48-ball FBGA package. * * * * Functional Description The CY62137CV18 is a high-performance CMOS static RAM organized as 128K words by 16 bits. This device features advanced circuit design to provide ultra-low active current. This is ideal for providing More Battery LifeTM (MoBL) in portable applications such as cellular telephones. The device also has an automatic power-down feature that significantly Logic Block Diagram DATA IN DRIVERS A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 ROW DECODER 128K x 16 RAM Array 2048 X 1024 SENSE AMPS I/O0-I/O7 I/O8-I/O15 COLUMN DECODER BHE WE CE OE BLE CE BHE BLE A11 A12 A13 A14 A15 Power -Down Circuit Cypress Semiconductor Corporation Document #: 38-05017 Rev. *C * 3901 North First Street A16 * San Jose * CA 95134 * 408-943-2600 Revised August 28, 2002 CY62137CV18 MoBL2TM Pin Configuration[1, 2] 1 FBGA Top View BLE I/O8 I/O9 VSS VCC I/O14 I/O15 NC 2 OE BHE I/O10 I/O11 3 A0 A3 A5 NC 4 A1 A4 A6 A7 A16 A15 A13 A10 5 A2 CE I/O1 I/O3 I/O4 I/O5 WE A11 6 NC I/O0 I/O2 Vccq Vssq I/O6 I/O7 NC A B C D E F G H I/O12 DNU I/O13 NC A8 A14 A12 A9 Maximum Ratings (Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature .................................-65C to +150C Ambient Temperature with Power Applied............................................. -55C to +125C Supply Voltage to Ground Potential ............... -0.2V to +2.4V DC Voltage Applied to Outputs in High-Z State[3] ...................................-0.2V to VCC + 0.2V DC Input Voltage[3] ............................... -0.2V to VCC + 0.2V Output Current into Outputs (LOW)............................. 20 mA Static Discharge Voltage.......................................... > 2001V (per MIL-STD-883, Method 3015) Latch-up Current.................................................... > 200 mA Operating Range Device Range Ambient Temperature VCC CY62137CV18 Industrial -40C to +85C 1.65V to 1.95V Product Portfolio Power Dissipation (Industrial) Operating (ICC) VCC Range Product CY62137CV18 VCC(min.) VCC(typ.) 1.65V 1.80V [4] f = 1 MHz VCC(max.) 1.95V Speed 55 ns 70 ns Typ.[4] 0.5 mA 0.5 mA Max. 2 mA 2 mA f = fmax Typ.[4] 2 mA 1.5 mA Max. 7 mA 6 mA Standby (ISB2) Typ.[4] 1 A Max. 8 A Electrical Characteristics Over the Operating Range CY62137CV18-55 Parameter VOH VOL VIH VIL IIX Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Test Conditions IOH = -0.1 mA IOL = 0.1 mA VCC = 1.65V VCC = 1.65V 1.4 -0.2 Min. 1.4 0.2 VCC + 0.2V 0.4 1.4 -0.2 Typ.[4] Max. CY62137CV18-70 Min. Typ.[4] Max. Unit 1.4 0.2 VCC + 0.2V 0.4 +1 V V V V A Input Leakage Current GND < VI < VCC -1 +1 -1 Notes: 1. NC pins are not connected to the die. 2. E3 (DNU) can be left as NC or VSS to ensure proper application. 3. VIL(min) = -2.0V for pulse durations less than 20 ns. 4. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25C. Document #: 38-05017 Rev. *C Page 2 of 11 CY62137CV18 MoBL2TM Electrical Characteristics Over the Operating Range (continued) CY62137CV18-55 Parameter IOZ Description Output Leakage Current VCC Operating Supply Current Test Conditions GND < VO < VCC, Output Disabled f = fMAX = 1/tRC f = 1 MHz VCC = 1.95V IOUT = 0 mA CMOS levels Min. Typ.[4] -1 2 0.5 1 Max. +1 7 2 8 CY62137CV18-70 Min. Typ.[4] Max. Unit -1 1.5 0.5 1 +1 6 2 8 A mA mA A ICC ISB1 Automatic CE CE > VCC- 0.2V, VIN > VCC- 0.2V, VIN Power-down Current-- < 0.2V f = fMAX (Address and Data Only), f = 0 (OE, WE, BHE, and BLE) CMOS Inputs Automatic CE CE > VCC- 0.2V VIN > VCC - 0.2V or Power-down Current-- VIN < 0.2V, f = 0, VCC = 1.95V CMOS Inputs ISB2 Capacitance[5] Parameter CIN COUT Description Input Capacitance Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VCC= VCC(typ) Max. 6 8 Unit pF pF Thermal Resistance Parameter JA JC Description Thermal Resistance (Junction to Ambient)[5] Thermal Resistance (Junction to Case)[5] Test Conditions Still Air, soldered on a 4.25 x 1.125 inch, 4-layer printed circuit board BGA 55 16 Unit C/W C/W AC Test Loads and Waveforms R1 VCC OUTPUT GND 30 pF INCLUDING JIG AND SCOPE R2 Rise Time: 1 V/ns Equivalent to: THEVENIN EQUIVALENT RTH ALL INPUT PULSES VCC Typ 10% 90% 90% 10% Fall Time: 1 V/ns OUTPUT V Parameters R1 R2 RTH VTH 1.8V 13500 10800 6000 0.80 UNIT Ohms Ohms Ohms Volts Data Retention Characteristics (Over the Operating Range) Parameter VDR ICCDR Description VCC for Data Retention Data Retention Current VCC = 1.0V, CE > VCC - 0.2V, VIN > VCC - 0.2V or VIN < 0.2V Conditions Min. 1.0 0.5 Typ.[4] Max. 1.95 5 Unit V A Note: 5. Tested initially and after any design or process changes that may affect these parameters. Document #: 38-05017 Rev. *C Page 3 of 11 CY62137CV18 MoBL2TM Data Retention Characteristics (Over the Operating Range) (continued) Parameter tCDR[5] tR[6] Description Chip Deselect to Data Retention Time Operation Recovery Time Conditions Min. 0 tRC Typ.[4] Max. Unit ns ns Data Retention Waveform[7] DATA RETENTION MODE VCC VCC(min.) tCDR VDR > 1.0 V VCC(min.) tR CE or BHE.BLE Switching Characteristics Over the Operating Range[8] 55 ns Parameter Read Cycle tRC tAA tOHA tACE tDOE tLZOE tHZOE tLZCE tHZCE tPU tPD tDBE tLZBE tHZBE Write tWC tSCE tAW tHA tSA tPWE tBW tSD tHD Cycle[11] Write Cycle Time CE LOW to Write End Address Set-up to Write End Address Hold from Write End Address Set-up to Write Start WE Pulse Width BLE/BHE LOW to Write End Data Set-up to Write End Data Hold from Write End 55 40 40 0 0 40 40 25 0 70 60 60 0 0 50 60 30 0 ns ns ns ns ns ns ns ns ns Read Cycle Time Address to Data Valid Data Hold from Address Change CE LOW to Data Valid OE LOW to Data Valid OE LOW to Low-Z[9] OE HIGH to CE HIGH to High-Z[9, 10] 5 20 0 55 55 5 20 5 25 0 70 70 High-Z[9, 10] CE LOW to Low-Z[9] CE LOW to Power-up CE HIGH to Power-down BLE/BHE LOW to Data Valid BLE/BHE LOW to Low-Z[9] BLE/BHE HIGH to High-Z[9, 10] 5 20 10 25 10 55 25 5 25 55 55 10 70 35 70 70 ns ns ns ns ns ns ns ns ns ns ns ns ns ns Description Min. Max. Min. 70 ns Max. Unit Notes: 6. Full device operation requires linear VCC ramp from VDR to VCC(min) > 100 s or stable at VCC(min) > 100 s. 7. BHE.BLE is the AND of both BHE and BLE. Chip can be deselected by either disabling the chip enable signals or by disabling both BHE and BLE. 8. Test conditions assume signal transition time of 5 ns or less, timing reference levels of VCC(typ)/2, input pulse levels of 0 to VCC(typ), and output loading of the specified IOL/IOH and 30 pF load capacitance. 9. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZBE is less than tLZBE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device. 10. tHZOE, tHZCE, tHZBE and tHZWE transitions are measured when the outputs enter a high impedance state. 11. The internal write time of the memory is defined by the overlap of WE, CE = VIL, BHE and/or BLE =VIL. All signals must be ACTIVE to initiate a write and any of these signals can terminate a write by going INACTIVE. The data input set-up and hold timing should be referenced to the edge of the signal that terminates the write. Document #: 38-05017 Rev. *C Page 4 of 11 CY62137CV18 MoBL2TM Switching Characteristics Over the Operating Range[8] (continued) 55 ns Parameter tHZWE tLZWE Description WE LOW to High-Z [9, 10] 70 ns Max. 20 Min. 10 Max. 25 Unit ns ns Min. 5 WE HIGH to Low-Z[9] Switching Waveforms Read Cycle No. 1(Address Transition Controlled) [12, 13] tRC ADDRESS tOHA DATA OUT PREVIOUS DATA VALID tAA DATA VALID Read Cycle No. 2 (OE Controlled) [13, 14] ADDRESS CE tACE OE tRC tPD tHZCE BHE/BLE tDOE tHZOE tLZOE tHZBE tDBE tLZBE DATA OUT HIGH IMPEDANCE tLZCE VCC SUPPLY CURRENT tPU 50% 50% DATA VALID HIGH IMPEDANCE ICC ISB Notes: 12. Device is continuously selected. OE, CE = VIL, BHE and/or BLE = VIL. 13. WE is HIGH for read cycle. 14. Address valid prior to or coincident with CE, BHE, BLE, transition LOW. Document #: 38-05017 Rev. *C Page 5 of 11 CY62137CV18 MoBL2TM Switching Waveforms Write Cycle No. 1 (WE Controlled) [11, 15, 16] tWC ADDRESS tSCE CE tAW WE tSA tPWE tHA BHE/BLE tBW OE tSD DATA I/O NOTE 17 tHZOE DATAIN VALID tHD Write Cycle No. 2 (CE Controlled) [11, 15, 16] tWC ADDRESS tSCE CE tSA tAW tPWE tHA WE BHE/BLE tBW OE tSD DATA I/O NOTE 17 tHZOE DATAIN VALID tHD Notes: 15. Data I/O is high impedance if OE = VIH. 16. If CE goes HIGH simultaneously with WE HIGH, the output remains in a high-impedance state. 17. During this period, the I/Os are in output state and input signals should not be applied. Document #: 38-05017 Rev. *C Page 6 of 11 CY62137CV18 MoBL2TM Switching Waveforms Write Cycle No. 3 (WE Controlled, OE LOW) [16] tWC ADDRESS tSCE CE BHE/BLE tAW tSA WE tBW tHA tPWE tSD DATAI/O NOTE 17 tHZWE DATAIN VALID tHD tLZWE Write Cycle No. 4 (BHE/BLE Controlled, OE LOW) [16] tWC ADDRESS CE tSCE tAW BHE/BLE tSA WE tPWE tSD DATA I/O NOTE 17 DATAIN VALID tHD tBW tHA Document #: 38-05017 Rev. *C Page 7 of 11 CY62137CV18 MoBL2TM Typical DC and AC Characteristics (Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ) Typ, TA = 25C.) Operating Current vs. Supply Voltage 2.4 MoBL2 ICC (mA) 2.0 1.6 1.2 0.8 0.4 0.0 1.65 1.80 SUPPLY VOLTAGE (V) (f = 1 MHz) (f = fmax, 70 ns) Standby Current vs. Supply Voltage 3.5 (f = fmax, 55 ns) ISB (A) 3.0 2.0 1.5 1.0 0.5 0 1.95 1.65 1.80 1.95 SUPPLY VOLTAGE (V) MoBL2 Access Time vs. Supply Voltage 40 35 30 TAA (ns) 25 20 15 10 1.65 1.8 SUPPLY VOLTAGE (V) 1.95 MoBL2 Truth Table CE H X L L L L L L L L L WE X X H H H H H H L L L OE X X L L L H H H X X X BHE X H L H L L H L L H L BLE X H L L H L L H L L H Inputs/Outputs High-Z High-Z Data Out (I/OO-I/O15) Data Out (I/OO-I/O7); I/O8-I/O15 in High-Z Data Out (I/O8-I/O15); I/O0-I/O7 in High-Z High-Z High-Z High-Z Data In (I/OO-I/O15) Data In (I/OO-I/O7); I/O8-I/O15 in High-Z Data In (I/O8-I/O15); I/O0 -I/O7 in High-Z Mode Deselect/Power-down Deselect/Power-down Read Read Read Output Disabled Output Disabled Output Disabled Write Write Write Power Standby (ISB) Standby (ISB) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Document #: 38-05017 Rev. *C Page 8 of 11 CY62137CV18 MoBL2TM Ordering Information Speed (ns) 70 55 Ordering Code CY62137CV18LL-70BAI CY62137CV18LL-70BVI CY62137CV18LL-55BAI CY62137CV18LL-55BVI Package Name BA48A BV48A BA48A BV48A Package Type 48-ball Fine Pitch BGA (7 mm x 7 mm x 1.2 mm) 48-ball Fine Pitch BGA (6 mm x 8mm x 1 mm) 48-ball Fine Pitch BGA (7 mm x 7 mm x 1.2 mm) 48-ball Fine Pitch BGA (6 mm x 8mm x 1 mm) Operating Range Industrial Package Diagram 48-ball (7.00 mm x 7.00 mm x 1.20 mm) Fine Pitch BGA BA48A 51-85096-A Document #: 38-05017 Rev. *C Page 9 of 11 CY62137CV18 MoBL2TM Package Diagram (continued) 48-Lead VFBGA (6 x 8 x 1 mm) BV48A 51-85150-*A MoBL is a registered trademark, and MoBL2 and More Battery Life are trademarks, of Cypress Semiconductor. All product and company names mentioned in this document are the trademarks of their respective holders. Document #: 38-05017 Rev. *C Page 10 of 11 (c) Cypress Semiconductor Corporation, 2002. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges. CY62137CV18 MoBL2TM Document Title: CY62137CV18 MoBL2TM 128K x 16 Static RAM Document Number: 38-05017 REV. ** *A *B ECN NO. 106265 108941 110572 Issue Date 5/7/01 08/24/01 11/02/01 Orig. of Change HRT/MGN New Data Sheet MGN MGN From Preliminary to Final Format standardization. Improved Typical Icc @ f = 1 MHz for 55 ns and 70 ns and Max Icc @ f = fMAX for 70 ns. Improved Typical and Max ICCDR. . Description of Change *C 115866 09/04/02 DPM Added BV package Document #: 38-05017 Rev. *C Page 11 of 11 |
Price & Availability of CY62137CV1802 |