Part Number Hot Search : 
KBPC1001 BC160 47101SC MJE210 60TCL CL1117 MT6L57AT LCX244F
Product Description
Full Text Search
 

To Download CHB200W-24S05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FILE NAME: SPEC-CHB200W-V12.doc, REVISION: February 12, 2009 V12
CHB200W SERIES
132 TO 200 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT FEATURE
* 132 - 200W Isolated Output * Efficiency to 89% * Fixed Switching Frequency * Monotonic start-up * Input under-voltage Protection * Over Temperature Protection * Over Voltage/Current Protection * Remote ON/OFF * Industry Standard Half-Brick Package * Fully Isolated 1500VDC
MODEL NUMBER
CHB200W-24S3V3 CHB200W-24S05 CHB200W-24S12 CHB200W-24S15 CHB200W-24S24 CHB200W-48S3V3 CHB200W-48S05 CHB200W-48S12 CHB200W-48S15 CHB200W-48S24
INPUT VOLTAGE
10-36VDC 10-36VDC 10-36VDC 10-36VDC 10-36VDC 18-75VDC 18-75VDC 18-75VDC 18-75VDC 18-75VDC
OUTPUT VOLTAGE
3.3VDC 5.0VDC 12 VDC 15 VDC 24 VDC 3.3VDC 5.0VDC 12 VDC 15 VDC 24 VDC
OUTPUT CURRENT MIN.
0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA
INPUT CURRENT NO LOAD
150mA 150mA 100mA 100mA 100mA 80mA 80mA 60mA 60mA 60mA
MAX.
50 A 40 A 16.7 A 13.3 A 8.3 A 40 A 40 A 16.7 A 13.3 A 8.3 A
FULL LOAD
7.90A 9.58A 9.71A 9.67A 9.54A 3125mA 4682mA 4744mA 4723mA 4716mA
EFF. (%)
87 87 86 86 87 88 89 88 88 88
CASE
HB HB HB HB HB HB HB HB HB HB
NOTE: 1. Nominal Input Voltage 24, 48 VDC, Prefix "" to Model number are New Products
Distribution: RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice
1
FILE NAME: SPEC-CHB200W-V12.doc, REVISION: February 12, 2009 V12
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25 Unless Otherwise Noted
INPUT SPECIFICATIONS:
Input Voltage Range .......................................... 24V................ 10-36V 48V................ 18-75V Under voltage lockout ................ 24Vin power up ..................... 9.5V 24Vin power down .................. 8.5V 48Vin power up ........................17V 48Vin power down .................. 16V Positive Logic Remote ON/OFF ( see note 4 & 5 ) Input Filter ..................................................................... PI Type
GENRAL SPECIFICATIONS:
Efficiency................................................................................See Table Isolation Voltage ..................... Input/Output .................... 1500VDC min. Input/Case ......................1500VDC min. Output/Case ................... 1500VDC min. Isolation Resistance ...................................................... 10^7 ohm min. Switching Frequency ............................................ 250KHz, Typ. Operating Case Temperature ..................................... -40 to 100 Storage Temperature ............................................ -55 to +105 .................................. 110 Typ. Thermal Shutdown, Case Temp.
OUTPUT SPECIFICATIONS:
Voltage Accuracy: .............................................................. 1.5% max. Transient Response:25% Step Load Change ...................<500u sec. External Trim Adj. Range, Note6 ...........................................10% Ripple & Noise, 20MHz BW 3.3V & 5V ........................... 40mV RMS, max. 100mV pk-pk, max. 12V & 15V .......................... 60mV RMS, max. 150mV pk-pk, max 24V ................................. 100mV RMS, max. 240mV pk-pk, max Temperature Coefficient ................................................... 0.03%/C Short Circuit Protection .................................................... Continuous Line Regulation(1) ..................................................... 0.2% max. Load Regulation(2) ................................................... 0.2% max. Over Voltage Protection trip Range, % Vo nom. .................. 115-140% Current Limit ....................................... 110% ~150% Nominal Output
Dimensions ...................................................... 2.282.40x0.52 inches (57.9x61.013.2 mm) Case Material ...............................Aluminum Baseplate with Plastic Case
NOTE :
1. Measured From High Line to Low Line 2. Measured From Full Load to Zero Load 3. Output Ripple and Noise measured with 10uF tantalum and 1uF Ceramic capacitor across output 4. Logic Compatibility .................. Open Collector ref to -Input Module ON .......... >3.5Vdc to 75Vdc or Open Circuit Module OFF ........... < 1.2Vdc 5. Suffix "N" to the Model Number with Negative Logic Remote ON/OFF Module ON .......... < 1.2Vdc Module OFF ........... >3.5Vdc to 75Vdc or Open Circuit 6. Trim-up .............. connect a resistor between the trim pin and +Sense Trim-down ........... connect a resistor between the trim pin and -Sense
CASE HB
All Dimensions In Inches(mm) Tolerances Inches: X.XX= 0.02 , X.XXX= 0.010 O O Millimeters: X.X= O , X.XX= 0.25 0.5 O Mounting Inserts BOTTOM VIEW M3*0.5 Through 4pl. Pin 1 2 3 4 5 6 7 8 9 Function +Vin ON/OFF CASE -Vin -Vout -Sense Trim +Sense +Vout
REMOTE ON/OFF CONTROL
ON/OFF (2)
EXTERNAL OUTPUT TRIM
HIGH SIGNAL HERE DISABLE OUTPUT -VIN (4)
2


▲Up To Search▲   

 
Price & Availability of CHB200W-24S05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X