Part Number Hot Search : 
20TG6N UCC28051 SKIIP ATC14 TLC52 K070600E 0103NA BFC41
Product Description
Full Text Search
 

To Download BUK7513-75B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUK75/7613-75B
TrenchMOSTM standard level FET
Rev. 01 -- 14 April 2003 Product data
1. Product profile
1.1 Description
N-channel enhancement mode field-effect power transistor in a plastic package using Philips High-Performance Automotive (HPA) TrenchMOSTM technology. Product availability: BUK7513-75B in SOT78 (TO-220AB) BUK7613-75B in SOT404 (D2-PAK).
1.2 Features
s Very low on-state resistance s 175 C rated s Q101 compliant s Standard level compatible.
1.3 Applications
s Automotive systems s Motors, lamps and solenoids s 12 V, 24 V, and 42 V loads s General purpose power switching.
1.4 Quick reference data
s EDS(AL)S 125 mJ s ID 75 A s RDSon = 11.7 m (typ) s Ptot 157 W.
2. Pinning information
Table 1: Pin 1 2 3 mb Pinning - SOT78 and SOT404 simplified outlines and symbol Description gate (g) drain (d) source (s) mounting base, connected to drain (d)
2
MBK106
Simplified outline
mb
Symbol
mb d
[1]
g s
MBB076
1
3
MBK116
123
SOT78 (TO-220AB)
[1]
SOT404
(D2-PAK)
It is not possible to make connection to pin 2 of the SOT404 package.
Philips Semiconductors
BUK75/7613-75B
TrenchMOSTM standard level FET
3. Limiting values
Table 2: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter VDS VDGR VGS ID drain-source voltage (DC) drain-gate voltage (DC) gate-source voltage (DC) drain current (DC) Tmb = 25 C; VGS = 10 V; Figure 2 and 3 Tmb = 100 C; VGS = 10 V; Figure 2 IDM Ptot Tstg Tj IDR IDRM peak drain current total power dissipation storage temperature junction temperature reverse drain current (DC) peak reverse drain current Tmb = 25 C Tmb = 25 C; pulsed; tp 10 s unclamped inductive load; ID = 75 A; VDS 75 V; VGS = 10 V; RGS = 50 ; starting Tmb = 25 C Tmb = 25 C; pulsed; tp 10 s; Figure 3 Tmb = 25 C; Figure 1 RGS = 20 k Conditions Min -55 -55 Max 75 75 20 75 54 304 157 +175 +175 75 304 125 Unit V V V A A A W C C A A mJ
Source-drain diode
Avalanche ruggedness EDS(AL)S non-repetitive drain-source avalanche energy
9397 750 11237
(c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 14 April 2003
2 of 15
Philips Semiconductors
BUK75/7613-75B
TrenchMOSTM standard level FET
120 Pder (%)
03na19
100 ID (A) 75
03nm83
80
50
40 25
0 0 50 100 150 200 Tmb (C)
0 0 50 100 150 200 Tmb (C)
P tot P der = ---------------------- x 100% P
tot ( 25 C )
VGS 10 V
Fig 1. Normalized total power dissipation as a function of mounting base temperature.
Fig 2. Continuous drain current as a function of mounting base temperature.
103
03nm81
ID (A)
Limit RDSon = VDS/ID
102
tp = 10 s
100 s
10
DC
1 ms
10 ms 100 ms
1 1 10 102 VDS (V) 103
Tmb = 25 C; IDM single pulse.
Fig 3. Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
9397 750 11237
(c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 14 April 2003
3 of 15
Philips Semiconductors
BUK75/7613-75B
TrenchMOSTM standard level FET
4. Thermal characteristics
Table 3: Rth(j-mb) Rth(j-a) Thermal characteristics Conditions Figure 4 Min Typ Max Unit 0.95 K/W thermal resistance from junction to mounting base thermal resistance from junction to ambient SOT78 (TO-220AB) SOT404 (D2-PAK) vertical in still air 60 50 K/W K/W mounted on a printed circuit board; minimum footprint Symbol Parameter
4.1 Transient thermal impedance
1 Zth(j-mb) (K/W) = 0.5 0.2 0.1 0.05 0.02
03nm82
10-1
10-2 single shot P =
tp T
tp T 10-3 10-6 10-5 10-4 10-3 10-2 10-1 tp (s)
t
1
Fig 4. Transient thermal impedance from junction to mounting base as a function of pulse duration.
9397 750 11237
(c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 14 April 2003
4 of 15
Philips Semiconductors
BUK75/7613-75B
TrenchMOSTM standard level FET
5. Characteristics
Table 4: Characteristics Tj = 25 C unless otherwise specified. Symbol V(BR)DSS Parameter drain-source breakdown voltage Conditions ID = 0.25 mA; VGS = 0 V Tj = 25 C Tj = -55 C VGS(th) gate-source threshold voltage ID = 1 mA; VDS = VGS; Figure 9 Tj = 25 C Tj = 175 C Tj = -55 C IDSS drain-source leakage current VDS = 75 V; VGS = 0 V Tj = 25 C Tj = 175 C IGSS RDSon gate-source leakage current drain-source on-state resistance VGS = 20 V; VDS = 0 V VGS = 10 V; ID = 25 A; Figure 7 and 8 Tj = 25 C Tj = 175 C Dynamic characteristics Qg(tot) Qgs Qgd Ciss Coss Crss td(on) tr td(off) tf Ld total gate charge gate-source charge gate-drain (Miller) charge input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time internal drain inductance from drain lead 6 mm from package to centre of die from contact screw on mounting base to centre of die SOT78 from upper edge of drain mounting base to centre of die SOT404 Ls internal source inductance from source lead 6 mm from package to source bond pad VDD = 30 V; RL = 1.2 ; VGS = 10 V; RG = 10 VGS = 0 V; VDS = 25 V; f = 1 MHz; Figure 12 VGS = 10 V; VDD = 60 V; ID = 25 A; Figure 14 40 8 15 1983 322 155 18 36 55 26 4.5 3.5 2644 386 212 nC nC nC pF pF pF ns ns ns ns nH nH 11.7 13 27 m m 0.02 2 1 500 100 A A nA 2 1 3 4 4.4 V V V 75 70 V V Min Typ Max Unit Static characteristics
-
2.5
-
nH
-
7.5
-
nH
9397 750 11237
(c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 14 April 2003
5 of 15
Philips Semiconductors
BUK75/7613-75B
TrenchMOSTM standard level FET
Table 4: Characteristics...continued Tj = 25 C unless otherwise specified. Symbol VSD trr Qr Parameter source-drain (diode forward) voltage reverse recovery time recovered charge Conditions IS = 15 A; VGS = 0 V; Figure 15 IS = 20 A; dIS/dt = -100 A/s VGS = -10 V; VDS = 30 V Min Typ 0.85 74 94 Max 1.2 Unit V ns nC Source-drain diode
9397 750 11237
(c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 14 April 2003
6 of 15
Philips Semiconductors
BUK75/7613-75B
TrenchMOSTM standard level FET
250 ID (A) 200
03nm78
30 RDSon (m) 25
03nm77
Label is VGS (V)
20 10 9 8.5 8 7.5
150
20
100
7 6.5 6
15
50
5.5 5 4.5
10
0 0 2 4 6 8 10 VDS (V)
5 5 10 15 VGS (V) 20
Tj = 25 C; tp = 300 s
Tj = 25 C; ID = 25 A
Fig 5. Output characteristics: drain current as a function of drain-source voltage; typical values.
Fig 6. Drain-source on-state resistance as a function of gate-source voltage; typical values.
40 RDSon (m) 30
03nm79
2.4 a
03nb25
Label is VGS (V) 5.5 6
6.5 7 7.5 8
1.6
20
10
0.8
10
0 0 60 120 ID (A) 180
0 -60 0 60 120 T (C) 180 j
Tj = 25 C
R DSon a = ---------------------------R DSon ( 25 C ) Fig 8. Normalized drain-source on-state resistance factor as a function of junction temperature.
Fig 7. Drain-source on-state resistance as a function of drain current; typical values.
9397 750 11237
(c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 14 April 2003
7 of 15
Philips Semiconductors
BUK75/7613-75B
TrenchMOSTM standard level FET
5 VGS(th) (V) 4 max
03aa32
10-1 ID (A) 10-2
03aa35
3
typ
10-3
min
typ
max
2
min
10-4
1
10-5
0 -60 0 60 120 Tj (C) 180
10-6 0 2 4 VGS (V) 6
ID = 1 mA; VDS = VGS
Tj = 25 C; VDS = VGS
Fig 9. Gate-source threshold voltage as a function of junction temperature.
Fig 10. Sub-threshold drain current as a function of gate-source voltage.
40 gfs (S) 30
03nm75
3000 C (pF) 2000 Coss Ciss
03nm80
20
1000 10 Crss
0 0 25 50 75 ID (A) 100
0 10-2
10-1
1
10 VDS (V)
102
Tj = 25 C; VDS = 25 V
VGS = 0 V; f = 1 MHz
Fig 11. Forward transconductance as a function of drain current; typical values.
Fig 12. Input, output and reverse transfer capacitances as a function of drain-source voltage; typical values.
9397 750 11237
(c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 14 April 2003
8 of 15
Philips Semiconductors
BUK75/7613-75B
TrenchMOSTM standard level FET
100 ID (A) 75
03nm76
10 VGS (V) 8
03nm74
6 50 4 Tj = 175 C 25 2 Tj = 25 C 0 0 2 4 6 VGS (V) 8 0 0
VDD = 14 V VDD = 60 V
10
20
30
QG (nC)
40
VDS = 25 V
Tj = 25 C; ID = 25 A
Fig 13. Transfer characteristics: drain current as a function of gate-source voltage; typical values.
Fig 14. Gate-source voltage as a function of gate charge; typical values.
100 IS (A) 75
03nm73
50
25 Tj = 175 C Tj = 25 C
0 0.0 0.5 1.0 VSD (V) 1.5
VGS = 0 V
Fig 15. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values.
9397 750 11237
(c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 14 April 2003
9 of 15
Philips Semiconductors
BUK75/7613-75B
TrenchMOSTM standard level FET
6. Package outline
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220AB SOT78
E p
A A1 q
D1
mounting base
D
L1(1)
L2 Q
L
b1
1
2
3
b c
e
e
0
5 scale
10 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.5 4.1 A1 1.39 1.27 b 0.9 0.7 b1 1.3 1.0 c 0.7 0.4 D 15.8 15.2 D1 6.4 5.9 E 10.3 9.7 e 2.54 L 15.0 13.5 L1(1) 3.30 2.79 L2 max. 3.0 p 3.8 3.6 q 3.0 2.7 Q 2.6 2.2
Note 1. Terminals in this zone are not tinned. OUTLINE VERSION SOT78 REFERENCES IEC JEDEC 3-lead TO-220AB EIAJ SC-46 EUROPEAN PROJECTION ISSUE DATE 00-09-07 01-02-16
Fig 16. SOT78 (TO-220AB).
9397 750 11237 (c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 14 April 2003
10 of 15
Philips Semiconductors
BUK75/7613-75B
TrenchMOSTM standard level FET
Plastic single-ended surface mounted package (Philips version of D2-PAK); 3 leads (one lead cropped)
SOT404
A E A1 mounting base
D1
D
HD
2
Lp
1
3
b c Q
e
e
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.50 4.10 A1 1.40 1.27 b 0.85 0.60 c 0.64 0.46 D max. 11 D1 1.60 1.20 E 10.30 9.70 e 2.54 Lp 2.90 2.10 HD 15.80 14.80 Q 2.60 2.20
OUTLINE VERSION SOT404
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 99-06-25 01-02-12
Fig 17. SOT404 (D2-PAK).
9397 750 11237 (c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 14 April 2003
11 of 15
Philips Semiconductors
BUK75/7613-75B
TrenchMOSTM standard level FET
7. Soldering
handbook, full pagewidth
10.85 10.60 10.50 1.50 7.50 7.40 1.70
2.25 2.15
8.15
8.35
8.275 1.50
4.60
0.30 4.85
5.40 8.075
7.95
3.00
0.20
solder lands solder resist occupied area solder paste 5.08
1.20 1.30 1.55
MSD057
Dimensions in mm.
Fig 18. Reflow soldering footprint for SOT404.
9397 750 11237
(c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 14 April 2003
12 of 15
Philips Semiconductors
BUK75/7613-75B
TrenchMOSTM standard level FET
8. Revision history
Table 5: Rev Date 01 20030414 Revision history CPCN Description Product data (9397 750 11237)
9397 750 11237
(c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 14 April 2003
13 of 15
Philips Semiconductors
BUK75/7613-75B
TrenchMOSTM standard level FET
9. Data sheet status
Level I II Data sheet status[1] Objective data Preliminary data Product status[2][3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
10. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
12. Trademarks
TrenchMOS -- is a trademark of Koninklijke Philips Electronics N.V.
11. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors
Contact information
For additional information, please visit http://www.semiconductors.philips.com. For sales office addresses, send e-mail to: sales.addresses@www.semiconductors.philips.com.
9397 750 11237
Fax: +31 40 27 24825
(c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 14 April 2003
14 of 15
Philips Semiconductors
BUK75/7613-75B
TrenchMOSTM standard level FET
Contents
1 1.1 1.2 1.3 1.4 2 3 4 4.1 5 6 7 8 9 10 11 12 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data. . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 1 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 Thermal characteristics. . . . . . . . . . . . . . . . . . . 4 Transient thermal impedance . . . . . . . . . . . . . . 4 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 10 Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 13 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 14 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
(c) Koninklijke Philips Electronics N.V. 2003. Printed in The Netherlands
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 14 April 2003 Document order number: 9397 750 11237


▲Up To Search▲   

 
Price & Availability of BUK7513-75B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X