Part Number Hot Search : 
04G50AM HBC548 1202D IT1750 342A138 DG411 2SC411 R635005
Product Description
Full Text Search
 

To Download BDB101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
BDB101 THRU BDB107
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FEATURES
* * * * * * * * Good for automation insertion Surge overload rating - 40 amperes peak Ideal for printed circuit board Reliable low cost construction utilizing molded Glass passivated device Polarity symbols molded on body Mounting position: Any Weight: 1.0 gram
.079 (2)
BDB
FEATURES
* Epoxy : UL flammability classification 94V-0 * UL listed under the recognized component directory, file #E94233.
.240 (6.1) .232 (5.9)
.303 (7.7) .295 (7.5) .350 (8.9) .300 (7.6)
.413 (10.5) .398 (10.1) .135 (3.4) .115 (2.9) .315 MAX. (8.0)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
.035 (0.9) .031 (0.8)
.020 (0.5)
.307 (7.8) .291 (7.4)
.094 (2.4) .071 (1.8)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Output Current at TA = 40 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance from junction to case Typical Thermal Resistance from junction to ambient Operating and Storage Temperature Range IFSM RJL RJA TJ,TSTG 40 10 65 -55 to + 150 Amps SYMBOL VRRM VRMS VDC IO BDB101 BDB102 BDB103 BDB104 BDB105 BDB106 BDB107 UNITS 50 35 50 100 70 100 200 140 200 400 280 400 1.0 600 420 600 800 560 800 1000 700 1000 Volts Volts Volts Amps
0
C/ W
0
C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Forward Voltage Drop per Bridge Element at 1.0A DC Maximum Forward Voltage Drop per Bridge DC Blocking Voltage per element @TA = 25 C @TA = 125 o C
o
SYMBOL VF
BDB101 BDB102 BDB103 BDB104 BDB105 BDB106 BDB107 UNITS 1.1 5.0 0.5 Volts uAmps mAmps 2005-3 REV: A
IR
Note: "Fully ROHS compliant", "100% Sn plating (Pb-free)".
RATING AND CHARACTERISTIC CURVES ( BDB101 THRU BDB107 )
FIG. 1 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 60
PEAK FORWARD SURGE CURRENT, (A) AVERAGE FORWARD CURRENT, (A)
FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE 1.0
50
8.3ms Single Half Sine-Wave (JEDED Method)
40
30
.5
20
Single Phase Half Wave 60Hz Inductive or Resistive Load
10
0 0 2 4 6 10 20 40 60 100 NUMBER OF CYCLES AT 60Hz
0 20 40 60 80 100 120 140 150 AMBIENT TEMPERATURE, ( )
INSTANTANEOUS FORWARD CURRENT, (A)
INSTANTANEOUS REVERSE CURRENT, (uA)
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10
Pulse Width = 300us 1% Duty Cycle
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS 10
1.0
1.0
TJ = 25
0.1
TJ = 25
0.1
.01 .4
.01 .6 .8 1.0 1.2 INSTANTANEOUS FORWARD VOLTAGE, (V) 1.4 0 20 40 60 80 100 120 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) 140
RECTRON


▲Up To Search▲   

 
Price & Availability of BDB101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X