Part Number Hot Search : 
2506100 85EBZ ZMM82 EFY3864X NML0505 S08DZ60 EMIF0 A1A22
Product Description
Full Text Search
 

To Download BAT-12180 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FireForce 6
Features
* Provides two fully-supervised input/ control circuits (9 - 32 VDC). * Multiple sync protocols, compatible with the following appliances: CooperWheelock, Faraday, System Sensor, and Gentex -- as field-selectable options. * Four configurable supervised NAC outputs. * 6.0 Amp, 24 VDC, fully regulated full-load output (power-limited). * Output fault notification to FACP. * Continuous auxiliary power output. * Trouble and status LEDs. * Common trouble Form-C relay. * Isolated AC Fail Form-C relay, immediate or delayed six hours. * Ground fault detection. * 33 AH battery charger capability. * Selectable temporal coding. * Facilitates multiple NAC synchronization for large areas.
Field-Selectable NAC Signaling INPUT Steady Steady Steady Sync OUTPUT (follows input) Temporal Steady - Sync Steady with noise eliminated Sync
g2282io.tbl
NAC Expander/Power Supply
Description
The FireForce 6 (FF6) from Gamewell is a Notification Appliance Circuit (NAC) extender panel designed to extend the power capabilities of existing NACs and provide power (3.0 A maximum) for other ancillary devices. The FF6 will connect to any brand of UL-Listed Fire Alarm Control Panel (FACP) to provide Notification Appliance Circuit expansion. Designed with advanced switchmode power-supply technology, the FireForce 6 provides filtered and electronically-regulated power distributed to four NACs. Each NAC is rated at 3.0 Amp maximum, with a total output capacity of 6.0 Amp. The outputs may be configured as: four Class B (Style W, X, Y); or two Class A (Style Z); or two Class B and one Class A. The FF6 includes an internal battery charger. Gamewell's FF6 provides independent output circuit supervision. In the event of a NAC fault, the FF6 can be configured to notify the FACP. The FF6 has field-selectable, built-in strobe and horn sync protocols. Protocols support Faraday, Gentex, System Sensor, and Cooper-Wheelock devices; or pass through a pre-generated sync protocol from a single synchronization source. This eliminates the need for additional individual sync modules. Independent horn silencing via sync protocol allows synchronized horns and strobes to operate on a single circuit.
g2498ph1.jpg
Listings
Listings and approvals below apply to the basic FireForce 6 panel. In some cases, certain modules may not be listed by certain approval agencies, or listing may be in process. Consult factory for latest listing status. * UL Listed: file S521. * MEA approved: file 429-92-E, Vol. XVI.
Engineer's Specifications
The Fire Alarm System shall be designed with remotely located Notification Appliance Circuit (NAC) Expander/Power Supplies for the support of notification appliances. The remote Power Supplies shall be fully supervised and shall provide 6.0 Amps of notification appliance power and auxiliary power output. The NAC Extender Panel shall be able to select strobe synchronization protocol via an internal dip switch. There shall be five selectable protocols available. The NAC Extender Panel shall synchronize all outputs simultaneously. The internal battery charging circuit shall charge up to 33 AH batteries. The NAC Expander/Power Supply shall be a Gamewell FireForce 6.
FireForce 6
CS-2498
09/01/06
Page 1 of 2
Ordering Information
FF6 BAT-1270 BAT-12120 BAT-12180 BAT-12260 24 VDC, 6.0 Amp, fire alarm NAC expander/power supply with integral battery charger. Battery, 12 VDC, 7 AH (two required for 24 V operation). Battery, 12 VDC, 12 AH (two required for 24 V operation). Battery, 12 VDC, 18 AH (two required for 24 V operation). Battery, 12 VDC, 26 AH (two required for 24 V operation).
Specifications
Primary input power
120 VAC, 60 Hz, 3.0 A; or 220 V, 1.5 A; jumper selectable.
Secondary power
24-volt operation: two 7 - 33 AH batteries.
Battery charging capacity
Up to 33 AH batteries.
Battery space
Up to two 7 AH batteries maximum inside FF6 cabinet. Larger batteries require a separate battery cabinet.
Total output power
6.0 A maximum.
Standby current
75 mA.
Auxiliary power output
3.0 A maximum.
NAC output ratings
24 VDC fully regulated, 3.0 A maximum per circuit (6.0 A total).
End-of-Line resistor
4.7 K ohm.
Common trouble relay
2.0 A/28 VDC or 120 VAC.
Input control circuit
9 - 32 VDC @ 5 mA minimum.
Temperature rating
32F to 120F (0C to 49C).
Relative humidity
85% maximum, noncondensing.
Dimensions
FF6 Cabinet: 16.0" H x 12.25" W x 3.0" D (cm: 40.64 H x 30.88 W x 7.62 D).
Gamewell-FCI 12 Clintonville Road Northford, CT 06472-1610 Phone: 203-484-7161 Fax: 203-484-7118 www.gamewell-fci.com A Honeywell Company (c) 2006 Gamewell-FCI
Specifications and wiring information are provided for information only and are believed to be accurate. Gamewell-FCI assumes no responsibility for their use. Data and design are subject to change without notice. Installation and wiring instructions shipped with the product shall always be used for actual installation. For more information, contact Gamewell-FCI.
Page 2 of 2 FireForce 6 CS-2498 09/01/06


▲Up To Search▲   

 
Price & Availability of BAT-12180

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X