Part Number Hot Search : 
340102 D2141 IFN6450 5KE440A RB520 MC145 B1438 E002177
Product Description
Full Text Search
 

To Download B82471-A1333-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data downloaded from http://www.angliac.com - the website of Anglia - tel: 01945 474747
SMT-Power-Inductors
B82471
DATA SHEET
Rated inductance 10 H .. 220 H
Construction Ferrite core Winding: enamel copper wire Winding soldered to terminals Plastic terminal carrier Features High rated current Low DC resistance Suitable for reflow soldering (IR and vapor phase) Applications Filtering of supply voltages Coupling / decoupling DC/DC converters Automotive electronics Terminals Tinned Marking Marking on component: Manufacturer, L value (in H) Minimum marking on reel: Manufacturer, part number, ordering code, L value and tolerance quantity, date of packing Delivery mode 16-mm blister tape , reel packing packaging quantity 2000pcs/reel

Mit den Angaben im Datenblatt werden die Bauelemente spezifiziert, nicht Eigenschaften zugesichert. Liefermoglichkeiten und technische Anderungen vorbehalten.
B82471-3-5976 05.09.2002 For the very latest product data and news visit angliac.com
1
Data downloaded from http://www.angliac.com - the website of Anglia - tel: 01945 474747
SMT-Power-Inductors
B82471
DATA SHEET
General technical data Rated inductance LR
Measured with HP 4284A , measuring voltage 100 mV
Rated current IR
Maximum permissible DC with temperature increase of 40 K at ambient temperature of 85 C
Saturation current Isat
Maximum permissible DC with inductance decrease L/L0 10%
Climatic category
In accordance with IEC 60068-1 55/125/56 (-55 C/ +125 C/ 56 days damp heat test)
Solderability
5s, 235C, wetting > 90%
DC resistance Rmax
Measured at 20 C ambient temperature
Weight
Approx. 1 g
Dimensional drawing and layout recommendation
Mit den Angaben im Datenblatt werden die Bauelemente spezifiziert, nicht Eigenschaften zugesichert. Liefermoglichkeiten und technische Anderungen vorbehalten.
B82471-3-5976 05.09.2002 For the very latest product data and news visit angliac.com
2
Data downloaded from http://www.angliac.com - the website of Anglia - tel: 01945 474747
SMT-Power-Inductors
B82471
DATA SHEET
Characteristics and ordering codes
LR
fL
Tolerance
IR
ISat
Rmax
Ordering code
H
MHz
A
A
10
0,1
20 %
1,44
1,80
0,10
B82471-A1103-M
15
0,1
20 %
1,30
1,45
0,14
B82471-A1153-M
22
0,1
20 %
1,11
1,20
0,18
B82471-A1223-M
33
0,1
20 %
0,88
1,00
0,23
B82471-A1333-M
47
0,1
20 %
0,72
0,85
0,37
B82471-A1473-M
68
0,1
10 %
0,61
0,70
0,46
B82471-A1683-K
100
0,1
10 %
0,52
0,60
0,70
B82471-A1104-K
150
0,1
10 %
0,40
0,48
1,10
B82471-A1154-K
220
1
0,1
10 %
0,35
0,38
1,57
B82471-A1224-K
Mit den Angaben im Datenblatt werden die Bauelemente spezifiziert, nicht Eigenschaften zugesichert. Liefermoglichkeiten und technische Anderungen vorbehalten.
B82471-3-5976 05.09.2002 For the very latest product data and news visit angliac.com
3


▲Up To Search▲   

 
Price & Availability of B82471-A1333-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X