Part Number Hot Search : 
S455GC 11024 SBU31 1305092 LC7234 FRF504G MAX40 TMH0512D
Product Description
Full Text Search
 

To Download B100NA30X4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model B100NA30X4
Chip Attenuator 100 Watts, 30 dB
Description
The B100NA30X4 is high performance Aluminum Nitride (AlN) chip attenuator intended as a cost competitive alternative to Beryllium Oxide (BeO). The termination is well suited to all cellular frequency bands such as; AMPS, GSM, DCS, PCS, PHS and UMTS. The high power handling makes the part ideal for terminating circulators, and for use in power monitoring. The termination is also RoHS compliant!
General Specifications Features:
* RoHS Compliant * 100 Watts * DC - 2.7 GHz * AlN Ceramic * Non-Nichrome Resistive Element * Low VSWR
* 100% Tested * Small Size Resistive Element Substrate Terminal Finish Operating Temperature Thick film AlN Ceramic Matte Tin over Nickel Barrier -55 to +150C (see de rating chart)
Tolerance is 0.010", unless otherwise specified. Designed to meet of exceed applicable portions of MIL-E-5400. All dimensions in inches.
Electrical Specifications
30 dB 2.0 dB, DC - 1.5 GHz 30 dB 2.5 dB, 1.5GHz - 2.5GHz 100 Watts Power: DC - 2.7 GHz Frequency Range: >24 dB to 2.2 GHz Return Loss: >20 dB to 2.7GHz Value (A-B) Value (A-C) Value (B-C) Tolerance 93.5 49.9 49.9 4% Attenuation Value:
Specification based on unit properly installed using suggested mounting instructions and a 50 ohm nominal impedance. Specifications subject to change.
Outline Drawing
B100NA30X4 (097) Rev. D pg.1 of 2
Available on Tape and Reel For Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 544-2414 +44 2392-232392
Model B100NA30X4
ROHS Compliant
Typical Performance: Return Loss:
Attenuation:
Power De-rating:
Tape & Reel:
Mounting Footprint and Procedure:
Correct lead orientation (
Alternate lead orientation. (May require external matching)
B100NA30X4 (097) Rev. D pg.2 of 2
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 544-2414 +44 2392-232392
Available on Tape and Reel For Pick and Place Manufacturing.


▲Up To Search▲   

 
Price & Availability of B100NA30X4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X