Part Number Hot Search : 
C5107M SPX29 37214 54HC112 C5107M SMAJ33A P6KE56 NJM2370
Product Description
Full Text Search
 

To Download A301-150-B2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 150W Modified Sine Wave DC-AC Power Inverter
Features :
A-301/302-150 series
12V or 24V DC input Power ON-OFF switch Input voltage range: -15% ~ +25% Output voltage regulation: 10% Protections: Bat. Low alarm/Bat. Low shutdown/Over voltage/ Over temp./Output short/Input polarity reverse/Over load. Output waveform: Modified sine wave Topology: Microprocessor Approvals: e13/ CE 1 year warranty
SPECIFICATION
ORDER NO. SAFETY MODEL NO. AC VOLTAGE RATED POWER SURGE POWER OUTPUT WAVEFORM FREQUENCY AC REGULATION STANDARD RECEPTACLES LED INDICATOR DC CURRENT NO LOAD CURRENT DRAW DC VOLTAGE INPUT VOLTAGE RANGE EFFICIENCY (Typ.) DC CONNECTOR FUSE BAT. LOW ALARM BAT. LOW SHUTDOWN OVER VOLTAGE PROTECTION OVER TEMPERATURE OUTPUT SHORT BAT. POLARITY WORKING TEMP. WORKING HUMIDITY STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT ISOLATION RESISTANCE A301-150-B2 A-300-150W 110V 150W 300W Modified sine wave 60Hz 1% 10% TYPE-2* 1ea Green LED for power on 15A 0.25A 12V 10 ~ 15VDC 78% 700mm Cigarette plug*1ea 15A* 1ea 10 0.5V 9.5 0.5V 15 ~ 17V 60 5 / 140 9oF Shut-off; Broken By fuse open 0 ~ 30 @100% load, 40 @50% load 20% ~ 90% RH non-condensing -30 ~ +70 / -22 ~ +158oF, 10 ~ 95% RH / 70% RH 0.05% / (0 ~ 50 ) I/P-O/P:100M Ohms / 500VDC / 25 10A 0.2A 24V 21 ~ 30VDC 82% 700mm Cigarette plug*1ea 10A* 1ea 20.5 1V 19.5 1V 30~32V A302-150-B2 A-300-150W 110V 150W 300W Modified sine wave 60Hz 1% 10% TYPE-2* 1ea
ES
Germany
EMC
tested
ES
Germany
LVD
tested
ENVIRONMENT
SAFETY & EMC
EMI CONDUCTION & RADIATION Compliance to EN55022 class B, 72/ 245/ CEE, 95/ 54/ CE Compliance to EN61000-4-2,3 EMS IMMUNITY Compliance to EN60950 LVD MTBF DIMENSION 200Khrs min. MIL-HDBK-217F(25 122*73*45mm (L*W*H) 0.5Kg ; 30pcs / 17Kg / CARTON By air convection Home appliance, Power tools, Office and Portable equipment and Vehicle ...etc. )
OTHERS
PACKING COOLING APPLICATIONS
AC Output Receptacles (optional)
TYPE-1 JAPAN
TYPE-2 USA
TYPE-3 EUROPE
TYPE-4 UNIVERSAL
TYPE-5 AUSTRALIA
TYPE-6 U.K
File Name: A-301/302-150-SPEC 2007-05-14
150W Modified Sine Wave DC-AC Power Inverter
Mechanical Specification
700
A-301/302-150 series
Unit:mm
122
45
AC Wavefrom Modified Sine Wave
CAUTION
Always place the inverter in an environment which is:
(A)Well ventilated (B)Not exposed to direct sunlight or heat source (C)Out of reach from children (D)Away from water/moisture oil or grease (E)Away from any flammable substance
Derating Curve
100% 100 80% 70% 60% 0
Output Loading & Duty
Loading
20 40 120 Continue Time (minute)
70
LOAD (%)
60 30
50
100
150
200
250
20
0
10
20
30
40
50
60
70
AMBIENT TEMPERATURE ( )
File Name: A-301/302-150-SPEC 2007-05-14
73
OFF AC OUTPUT ON
300
150W Modified Sine Wave DC-AC Power Inverter
Features :
A-301/302-150 series
12V or 24V DC input Power ON-OFF switch Input voltage range: -15% ~ +25% Output voltage regulation: 10% Protections: Bat. Low alarm/Bat. Low shutdown/Over voltage/ Over temp./Output short/Input polarity reverse/Over load. Output waveform: Modified sine wave Topology: Microprocessor Approvals: e13/ CE 1 year warranty
SPECIFICATION
ORDER NO. SAFETY MODEL NO. AC VOLTAGE RATED POWER SURGE POWER OUTPUT WAVEFORM FREQUENCY AC REGULATION STANDARD RECEPTACLES LED INDICATOR DC CURRENT NO LOAD CURRENT DRAW DC VOLTAGE INPUT VOLTAGE RANGE EFFICIENCY (Typ.) DC CONNECTOR FUSE BAT. LOW ALARM BAT. LOW SHUTDOWN OVER VOLTAGE PROTECTION OVER TEMPERATURE OUTPUT SHORT BAT. POLARITY WORKING TEMP. ENVIRONMENT WORKING HUMIDITY A301-150-F3 A-300-150W 230V 150W 300W Modified Sine Wave 50Hz 1% 10% TYPE-3* 1ea Dual-color indicators display for power on / failure status 15A 0.25A 12V 10 ~ 15VDC 78% 700mm Cigarette plug*1ea 15A* 1ea 10 0.5V 9.5 0.5V 15 ~ 17V 60 5 Shut-off By fuse open 0 ~ +30 @100% load, 40 @ 50% load 20% ~ 90% RH non-condensing o -30 ~ +70 / -22 ~ +158 F, 10 ~ 95% RH / 140 9 F
o
ES
Germany
EMC
tested
ES
Germany
LVD
tested
A302-150-F3 A-300-150W 230V 150W 300W Modified sine wave 50Hz 1% 10% TYPE-3* 1ea 10A 0.2A 24V 21 ~ 30VDC 82% 700mm Cigarette plug*1ea 10A* 1ea 20.5 1V 19.5 1V 30 ~ 32V
STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT 0.05% / (0 ~ 50 ) I/P-O/P:100M Ohms min./ 500VDC / 25 / 70% RH ISOLATION RESISTANCE SAFETY & EMI CONDUCTION & RADIATION Compliance to EN55022 class B, 72/ 245/ CEE, 95/ 54/ CE Compliance to EN61000-4-2,3 EMS IMMUNITY EMC LVD MTBF OTHERS DIMENSION PACKING COOLING APPLICATIONS Compliance to EN60950 200Khrs min. MIL-HDBK-217F (25 165*94*69mm (L*W*H) 0.8Kg ; 20pcs / 15Kg / CARTON By air convection Home appliance, Power tools, Office and Portable equipment and Vehicle ...etc. )
AC Output Receptacles (optional)
TYPE-1 JAPAN
TYPE-2 USA
TYPE-3 EUROPE
TYPE-4 UNIVERSAL
TYPE-5 AUSTRALIA
TYPE-6 U.K
File Name: A-301/302-150-SPEC 2007-05-14
150W Modified Sine Wave DC-AC Power Inverter
Mechanical Specification
94
A-301/302-150 series
Unit:mm
AC OUTPUT ON
OFF
165
69
700
AC Wavefrom Modified Sine Wave
CAUTION
Always place the inverter in an environment which is:
(A)Well ventilated (B)Not exposed to direct sunlight or heat source (C)Out of reach from children (D)Away from water/moisture oil or grease (E)Away from any flammable substance
Derating Curve
100% 100 80% 70% 60% 0
Output Loading & Duty
Loading
20 40 120 Continue Time (minute)
70
LOAD (%)
60 30
50
100
150
200
250
300
20
0
10
20
30
40
50
60
70
AMBIENT TEMPERATURE ( )
File Name: A-301/302-150-SPEC 2007-05-14


▲Up To Search▲   

 
Price & Availability of A301-150-B2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X